Part Number Hot Search : 
MAX5020 MLL4748A F332M F332M 92315 00N6T EMQ8932 TEH1221
Product Description
Full Text Search
 

To Download 2SC4638 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC4638
Silicon NPN triple diffusion planar type
For high breakdown voltage high-speed switching
Unit: mm
0.70.1
s Features
q q q q
10.00.2 5.50.2 2.70.2 4.20.2 3.10.1 1.40.1
4.20.2
High-speed switching High collector to base voltage VCBO Low collector to emitter saturation voltage VCE(sat) Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 800 800 500 8 10 5 3 40 2 150 -55 to +150 Unit V V
Solder Dip
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature
Symbol VCBO VCES VCEO VEBO ICP IC IB PC Tj Tstg
14.00.5
4.0
s Absolute Maximum Ratings
16.70.3
7.50.2
1.30.2
0.5 +0.2 -0.1 0.80.1
2.540.25
V V A A A W C C
5.080.5 1 2 3
1:Base 2:Collector 3:Emitter TO-220 Full Pack Package(a)
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*V CEO(sus)
(TC=25C)
Symbol ICBO IEBO VCEO(sus)* hFE1 hFE2 VCE(sat) VBE(sat) fT ton tstg tf Conditions VCB = 800V, IE = 0 VEB = 5V, IC = 0 IC = 0.2A, L = 25mH VCE = 5V, IC = 0.1A VCE = 5V, IC = 3A IC = 3A, IB = 0.6A IC = 3A, IB = 0.6A VCE = 10V, IC = 0.5A, f = 1MHz IC = 3A, IB1 = 0.6A, IB2 = - 0.6A, VCC = 200V 8 1.0 3 1.0 500 15 8 1 1.5 V V MHz s s s min typ max 100 100 Unit A A V
Test circuit
50/60Hz mercury relay L 25mH 120 6V 1 15V
X
Y
G
1
Power Transistors
PC -- Ta
80 8 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) Without heat sink (PC=2.0W) TC=25C 7 IB=1200mA 6 5 4 3 2 1 0 0 20 40 60 80 100 120 140 160 0 2 4 6 8 10 400mA 300mA 200mA 150mA 100mA 50mA 20mA 1000mA 800mA 600mA
2SC4638
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
100 IC/IB=5 30 10 3 1 0.3 -25C 0.1 0.03 0.01 0.01 0.03 25C TC=100C
VCE(sat) -- IC
Collector power dissipation PC (W)
70 60 50 40 30 20 10 0 (2) (3) (1)
Collector current IC (A)
0.1
0.3
1
3
10
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
100 1000 IC/IB=5 30 10 3 25C 1 0.3 0.1 0.03 0.01 0.01 0.03 TC=-25C 100C
hFE -- IC
1000 VCE=5V 300 100 30 10 3 1 0.3 0.1 0.01 0.03
fT -- IC
VCE=10V f=1MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
100 TC=100C 30 -25C 10 3 1 0.3 0.1 0.01 0.03 25C
0.1
0.3
1
3
10
0.1
0.3
1
3
10
Transition frequency fT (MHz)
300
0.1
0.3
1
3
10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=5 (IB1=-IB2) VCC=250V TC=25C tstg ton
Area of safe operation (ASO)
10 3 1 0.3 0.1 0.03 0.01 1ms 10ms DC ICP IC t=0.5ms
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 0.1
Switching time ton,tstg,tf (s)
10 3 1 0.3 0.1 0.03 0.01
tf
Collector current IC (A)
8
Non repetitive pulse 0.003 T =25C C 0 1 2 3 4 5 6 7 1 3 10 30 100 300 1000
0.3
1
3
10
30
100
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Area of safe operation, reverse bias ASO
8 7 Lcoil=50H IC/IB=5 (IB1=-IB2) TC=100C
2SC4638
Reverse bias ASO measuring circuit
L coil IB1 Vin T.U.T IC
Collector current IC (A)
6 5 4 3 2 1 0 0 100 200 300 400 500 600 700 800
-IB2
VCC
tW
Vclamp
Collector to emitter voltage VCE (V)
Rth(t) -- t
1000 Note: Rth was measured at Ta=25C and under natural convection. (1) PT=10V x 0.2A (2W) and without heat sink (2) PT=10V x 1.0A (10W) and with a 100 x 100 x 2mm Al heat sink 100 (1)
Thermal resistance Rth(t) (C/W)
10
(2)
1
0.1 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SC4638

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X