Part Number Hot Search : 
800BA ADC2300E MSS00 015020 CS9202 C101M LR8K4 A1106
Product Description
Full Text Search
 

To Download 2SB1607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SB1607
Silicon PNP epitaxial planar type
For power switching Complementary to 2SD2469
Unit: mm
4.60.2
s Features
q q q q
3.20.1
9.90.3
2.90.2
4.10.2 8.00.2 Solder Dip
Low collector to emitter saturation voltage VCE(sat) Satisfactory linearity of foward current transfer ratio hFE Large collector current IC Full-pack package with outstanding insulation, which can be installed to the heat sink with one screw (TC=25C)
Ratings -130 -80 -7 -15 -7 40 2 150 -55 to +150 Unit V V V A A W C C
15.00.3
3.00.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg
13.7-0.2
+0.5
1.20.15 1.450.15 0.750.1 2.540.2 5.080.4 123
2.60.1 0.70.1
7
1:Base 2:Collector 3:Emitter TO-220E Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter saturation voltage Transition frequency Turn-on time Storage time Fall time
*h
(TC=25C)
Symbol ICBO IEBO VCEO hFE1 hFE2* VCE(sat) VBE(sat) fT ton tstg tf IC = -3A, IB1 = - 0.3A, IB2 = 0.3A Conditions VCB = -100V, IE = 0 VEB = -5V, IC = 0 IC = -10mA, IB = 0 VCE = -2V, IC = - 0.1A VCE = -2V, IC = -3A IC = -5A, IB = - 0.25A IC = -5A, IB = - 0.25A VCE = -10V, IC = - 0.5A, f = 10MHz 30 0.5 1.5 0.1 -80 45 90 260 - 0.5 -1.5 V V MHz s s s min typ max -10 -50 Unit A A V
FE2
Rank classification
Q 90 to 180 P 130 to 260
Rank hFE2
1
Power Transistors
PC -- Ta
50 -10 (1) TC=Ta (2) With a 100 x 100 x 2mm Al heat sink (3) With a 50 x 50 x 2mm Al heat sink (4) Without heat sink (PC=2W) TC=25C IB=-120mA -110mA -100mA -90mA -80mA -70mA -60mA -40mA -4 -30mA -20mA -2 -10mA
2SB1607
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 IC/IB=20 -30 -10 -3 -1
VCE(sat) -- IC
Collector power dissipation PC (W)
30
Collector current IC (A)
40
-8
-6
(1) 20
- 0.3 - 0.1 - 0.03
TC=100C -25C 25C
10 (3) (4) 0 0 20 40 60
(2)
0 80 100 120 140 160 0 -2 -4 -6 -8 -10
- 0.01 - 0.1 - 0.3
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (A)
VBE(sat) -- IC
-100 10000 IC/IB=20
hFE -- IC
10000 VCE=-2V 3000 1000 300 100 30 10 3
fT -- IC
VCE=-10V f=10MHz TC=25C
Base to emitter saturation voltage VBE(sat) (V)
Forward current transfer ratio hFE
-10 -3 -1 TC=-25C 100C 25C
1000 300 100 30 10 3 1 - 0.1 - 0.3 TC=100C -25C 25C
- 0.3 - 0.1 - 0.03 - 0.01 - 0.01 - 0.03 - 0.1 - 0.3
Transition frequency fT (MHz)
-10 -30 -100
-30
3000
-1
-3
-10
-1
-3
1 - 0.01 - 0.03 - 0.1 - 0.3
-1
-3
-10
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Cob -- VCB
10000 100 IE=0 f=1MHz TC=25C 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=10 (-IB1=IB2) VCC=-50V TC=25C
Area of safe operation (ASO)
-100 -30 Non repetitive pulse TC=25C ICP IC 10ms t=0.5ms 1ms
Collector output capacitance Cob (pF)
3000 1000 300 100 30 10 3 1 - 0.1 - 0.3
Switching time ton,tstg,tf (s)
10 3 1
Collector current IC (A)
-10 -3 -1
tstg 0.3 0.1 0.03 0.01 ton tf
DC
- 0.3 - 0.1 - 0.03 - 0.01 -1
-1
-3
-10
-30
-100
0
-2
-4
-6
-8
-3
-10
-30
-100 -300 -1000
Collector to base voltage VCB (V)
Collector current IC (A)
Collector to emitter voltage VCE (V)
2
Power Transistors
Rth(t) -- t
103 (1) Without heat sink (2) With a 100 x 100 x 2mm Al heat sink (1)
2SB1607
Thermal resistance Rth(t) (C/W)
102
10
(2)
1
10-1
10-2 10-4
10-3
10-2
10-1
1
10
102
103
104
Time t (s)
3


▲Up To Search▲   

 
Price & Availability of 2SB1607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X