Part Number Hot Search : 
P6KE51C KPC45 KRC826E 0805T 12P15 1381E 1ACKW MP7614
Product Description
Full Text Search
 

To Download 2N4150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/394 Devices 2N4150 2N4150S 2N5237 2N5237S 2N5238 2N5238S Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C(1) @ TC = +1000C(2) Operating & Storage Junction Temp. Range
2N4150 2N5237 2N5238 Symbol 2N4150S 2N5237S 2N5238S Unit
VCEO VCBO VEBO IC PT TJ, Tstg Symbol RJC RJA 70 100 120 150 10 10 1.0 5.0 -65 to +200 Max. 0.020
0
170 200
Vdc Vdc Vdc Adc W
0
TO- 5* 2N4150, 2N5237, 2N5238
C
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case Junction-to-Ambient 1) Unit
C/mW
0.175
2)
Derate linearly @ 5.7 mW/0C for TA > +250C Derate linearly @ 50 mW/0C for TC > +250C
TO-39* (TO-205AD) 2N4150S, 2N5237S, 2N5238S
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Emitter-Base Breakdown Voltage IE = 10 Adc Collector-Emitter Breakdown Voltage IC = 0.1 Adc V(BR)EBO 2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S 2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S V(BR)CEO 7.0 70 120 170 10 10 10 Vdc
Vdc
Collector-Emitter Cutoff Current VEB = 0.5 Vdc, VCE = 60 Vdc VEB = 0.5 Vdc, VCE = 110 Vdc VEB = 0.5 Vdc, VCE = 160 Vdc
ICEX
Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N4150, 2N4150S, 2N5237, 2N5237S, 2N5238, 2N5238S JAN SERIES
ELECTRICAL CHARACTERISTICS (con't) Characteristics OFF CHARACTERISTICS (con't) Collector-Base Cutoff Current VCE = 60 Vdc VCE = 110 Vdc VCE = 160 Vdc Emitter-Base Cutoff Current VBE = 7.0 Vdc VBE = 5.0 Vdc Collector-Base Cutoff Current VCB = 100 Vdc VCB = 150 Vdc VCB = 200 Vdc VCB = 80 Vdc ON CHARACTERISTICS (3) Forward-Current Transfer Ratio IC = 1.0 Adc, VCE = 5.0 Vdc
Symbol
Min.
Max.
Unit Adc
2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S
ICEO
10 10 10 10 0.1 10 10 10 0.1
IEBO
Adc
2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S All Types
ICBO
Adc
IC = 5.0 Adc, VCE = 5.0 Vdc IC = 10 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc IC = 10 Adc, IB = 1.0 Adc Base-Emitter Saturation Voltage IC = 5.0 Adc, IB = 0.5 Adc IC = 10 Adc, IB = 1.0 Adc DYNAMIC CHARACTERISTICS Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 0.2 Adc, VCE = 10 Vdc, f = 10 MHz Forward Current Transfer Ratio IC = 50 mAdc, VCE = 5.0 Vdc, f = 1.0 kHz 2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz SWITCHING CHARACTERISTICS Delay Time VCC = 20 Vdc, VBB = 5.0 Vdc, Rise Time IC = 5.0 Adc, IB1 = 0.5 Adc Storage Time VCC = 20 Vdc, VBB = 5.0 Vdc, Fall Time IC = 5.0 Adc, IB1 = -IB2 = 0.5 Adc SAFE OPERATING AREA DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 40 Vdc, IC = 0.22 Adc Test 2 VCE = 70 Vdc, IC = 90 mAdc Test 3 VCE = 120 Vdc, IC = 15 mAdc 2N5237, 2N5237S VCE = 170 Vdc, IC = 3.5 mAdc 2N5238, 2N5238S (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
2N4150, 2N4150S 2N5237, 2N5237S 2N5238, 2N5238S All Types All Types
hFE
50 50 50 40 10
200 225 225 120 0.6 2.5 1.5 25 Vdc
VCE(sat)
VBE(sat)
Vdc
hfe
1.5
7.5
hfe
40 40 40
160 160 250 350 50 500 1.5 500 pF s s s s
Cobo
t
d r t s t f
t
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N4150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X