Part Number Hot Search : 
18602757 1A102 MF1S50 102M35 M1MA15 16374A CM7208 HC451
Product Description
Full Text Search
 

To Download 2N3467 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/348 Devices 2N3467 2N3467L 2N3468 2N3468L Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation
Symbol
VCEO VCBO VEBO IC PT Top, Tstg
2N3467 2N3467L
40 40
2N3468 2N3468L
50 50
Unit
Vdc Vdc Vdc Adc W W 0 C
@ TA = +250C(1) @ TC = +250C(2) Operating & Storage Junction Temperature Range 1) Derate linearly 5.71 mW/0C for TA > +250C 2) Derate linearly 28.6 mW/0C for TC > +250C
5.0 1.0 1.0 5.0 -55 to +175
TO-39* (TO-205AD) 2N3467, 2N3468
TO-5* 2N3467L, 2N3468L
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Current IC = 10 mAdc Emitter-Base Breakdown Current IE = 10 Adc Collector-Emitter Breakdown Current IC = 10 mAdc Collector-Base Cutoff Current VCB = 30 Vdc Collector-Emitter Cutoff Current VEB = 3.0 Vdc, VCE = 30 2N3467, L 2N3468, L V(BR)CBO V(BR)EBO 2N3467, L 2N3468, L V(BR)CEO ICBO ICEX 40 50 5.0 40 50 100 100 Vdc Vdc Vdc Adc nAdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3467, L, 2N3468, L, JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC =150 mAdc, VCE = 1.0 Vdc 2N3467, L 2N3468, L 2N3467, L 2N3468, L 2N3467, L 2N3468, L VCE(sat) hFE 40 25 40 25 40 25 0.35 0.6 1.2 1.0 1.2 1.6 Vdc 120 75
IC = 500 mAdc, VCE = 1.0 Vdc
IC = 1.0 Adc, VCE = 5.0 Vdc Collector-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc IC = 1.0 Adc, IB = 100 mAdc Base-Emitter Saturation Voltage IC = 150 mAdc, IB = 15 mAdc IC = 500 mAdc, IB = 50 mAdc IC = 1.0 Adc, IB = 100 mAdc
VBE(sat)
0.8
Vdc
DYNAMIC CHARACTERISTICS
Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Extrapolated Unity Gain Frequency IC = 50 mAdc, VCE = 10 Vdc, f = 100NHz 2N3467, L 2N3468, L Input Capacitance VEB = 0.5 Vdc, IC = 0, 100 kHz f 1.0 MHz Cobo 25 pF
ft
175 150
500 500 100 10 30 60 30
MHz
Cibo
t
pF ns ns ns ns
SWITCHING CHARACTERISTICS Delay Time IC = 500 mAdc, IB1 = 50 mAdc, VEB = 2 Rise Time IC = 500 mAdc, IB1 = 50 mAdc, VEB = 2 Storage Time IC = 500 mAdc, IB1 = IB2 = 50 mAdc Fall Time IC = 100 mAdc, IB1 = IB2 = 50 mAdc
d r t s t f
t
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N3467

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X