Part Number Hot Search : 
DB104G LTT67S 55C6V CSLA2GG MAX3544 HSOP28 MAC4SN ER208
Product Description
Full Text Search
 

To Download 2N3250A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
PNP SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/323 Devices 2N3250A 2N3251A Qualified Level JAN JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current Total Power Dissipation @ TA = +250C (1) @ TC = +250C (2) Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IC PT TJ, Tstg Symbol RJA
(1)(2)
Value
60 60 5.0 200 0.36 1.2 -65 to +175 Max. 417
Units
Vdc Vdc Vdc mAdc W W 0 C Unit C/W
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Ambient 1) Derate linearly 2.4 W/0C for TA > +250C 2) Derate linearly 8.0 W/0C for TC > +250C
0
TO-39* (TO-205AD)
*See appendix A for package outline
ELECTRICAL CHARACTERISTICS (TA = 250C unless otherwise noted)
Characteristics Symbol Min. Max. Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 10 mAdc Collector-Emitter Cutoff Voltage VBE = 3.0 Vdc, VCE = 40 Vdc Collector-Base Cutoff Current VCB = 60 Vdc VCB = 40 Vdc Emitter-Base Cutoff Current VEB = 5.0 Vdc Collector-Emitter Cutoff Voltage VBE = 3.0 Vdc, VCE = 40 Vdc V(BR)CEO ICEX ICBO IEBO ICEX 60 20 10 20 10 50 Vdc Adc Adc Adc Adc Adc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3250A, 2N3251A JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (3)
Forward-Current Transfer Ratio IC = 0.1 mAdc, VCE = 1.0 Vdc IC = 1.0 mAdc, VCE = 1.0 Vdc IC = 10 mAdc, VCE = 1.0 Vdc IC = 50 mAdc, VCE = 1.0 Vdc Collector-Emitter Saturation Voltage IC = 10 mAdc, IB = 1.0 mAdc IC = 50 mAdc, IB = 5.0 mAdc Base-Emitter Voltage IC = 10 mAdc, IB = 1.0 mAdc IC = 50 mAdc, IB = 5.0 mAdc 2N3250A 2N3251A 2N3250A 2N3251A 2N3250A 2N3251A 2N3250A 2N3251A 40 80 45 90 50 100 15 30
hFE
150 300
VCE(sat)
0.25 0.50 0.60 0.90 1.20
Vdc Vdc
VBE(sat)
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz 2N3250A 2N3251A Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz 2N3250A 2N3251A Output Capacitance VCB = 10 Vdc, IE = 0, 100 kHz f 1.0 MHz Input Capacitance VEB = 1.0 Vdc, IC = 0, 100 kHz f 1.0 MHz hfe 50 100 200 400
hfe
2.5 3.0 Cobo Cibo 9.0 9.0 6.0 8.0 pF pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 3.0 Vdc; IC = 10 mAdc; IB1= 1.0 mAdc Turn-Off Time VCC = 3.0 Vdc; IC = 10 mAdc; IB1 = IB2 = 1.0 mAdc 2N3250A 2N3251A (3) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
t
on
70
s
t
off
250 300
s
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of 2N3250A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X