Part Number Hot Search : 
CPC5603C UF2001 NJU3504 331MP HYB25 AT91C MURS130 A152ML
Product Description
Full Text Search
 

To Download 2N1671 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N1671 - 2N1671A - 2N1671B PN BAR-TYPE SILICON UNIJUNCTION TRANSISTORS
They are designed for medium-power switching, oscillator and pulse timing circuits. Package outline is similar to TO-5 except * * * * Highly Stable Negative Resistance and Firing Voltage Low Firing Current High Pulse Curent Capabilities Simplified Circuit Design
ABSOLUTE MAXIMUM RATINGS Symbol
VB1E VB2E VB1B2 IFRMS IEM PTOT TJ TSTG
Ratings
Base 1 - Emitter Reverse Voltage 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B
Value
30
Unit
V
Base 2 - Emitter Reverse Voltage
30
V
Interbase Voltage
35
V
RMS Emitter Current
50
mA
Emitter Peak Current
2
A
Total Power Dissipation
450
mW
Maximum Junction
150 C -55 to +150
Storage Temperature Range
This data guaranteed in addition to JEDEC registered data
COMSET SEMICONDUCTORS
1/2
2N1671 - 2N1671A - 2N1671B
ELECTRICAL CHARACTERISTICS
TC=25C unless otherwise noted
Symbol
IEB2O VEB1(sat) RBBO
Ratings
Emitter Reverse Current
Test Condition(s)
VB2E=30 V, IB1= 0
Min Typ Mx Unit
2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 2N1671 2N1671A 2N1671B 4.7 4.7 4.7 0.47 0.47 0.47 -12 -12 -0.2 5 5 5 9.1 9.1 9.1 0.62 0.62 0.62 8 8 8 25 25 6 A
Emitter saturation Voltage
VB2B1 = 10 V, IE= 50 mA
V
Interbase Resistance
VB2B1 = 3 V, , IE= 0
K
IV IP
Intrinsic stand-off ratio
VB2B1= 10 V
-
Valley Current
VB2B1= 10 V, RB2= 100
mA
Peak Current
VB2B1= 25 V
A
MECHANICAL DATA CASE TO-5
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
COMSET SEMICONDUCTORS
2/2


▲Up To Search▲   

 
Price & Availability of 2N1671

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X