Part Number Hot Search : 
20020 BRF1045 HC08D 120FC 1SMB60A TDA5142T 25ETT LF501RU
Product Description
Full Text Search
 

To Download 1SS400G-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Switching Diode
1SS400G-G (RoHS Device)
Reverse Voltage: 80 Volts Forward Current: 100 mA Features:
Small Surface Mounting Type High Speed High Reliability with High Surge Current Handling Capability.
L E1 c E2 E b D + -
SOD-723
Mechanical Data:
Case: Molded plastic SOD-723 Terminals: Solderable per MIL-STD-750, Method 2026.1. Polarity: Indicated by cathode band. Mounting position: Any. Marking: 7
Symbol A A1 b c D E E1 E2 L
Inches
Min. Max. 0.021 0.026 0.020 0.023 0.010 0.014 0.003 0.006 0.022 0.026 0.035 0.043 0.051 0.059 0.008 REF 0.003 0.001 7 REF
A1 A
Millimeters
Min. Max. 0.525 0.650 0.515 0.580 0.250 0.350 0.080 0.150 0.550 0.650 1.100 0.900 1.500 1.300 0.200 REF 0.010 0.070 7 REF
Maximum Ratings (at TA=25C unless otherwise specified)
Parameter DC reverse voltage Mean rectifying current Peak forward current Junction temperature Storage temperature Peak reverse voltage Surge current Tp=1S Symbol VR Io IFM TJ Tstg VRM Isurge Limits 80 100 225 125 -55~+125 90 500 Unit V mA A C C V mA
Electrical Ratings (at TA=25C unless otherwise specified)
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time
"-G" suffix designated RoHS compliant version
Symbol VF IR CT Trr
Min.
Typ.
Max. 1.2 0.1 3.0 4.0
Unit V A pF nS
Conditions IF=100mA VR=80V VR=0.5V, f=1MHz VR=6V, IF=10mA, RL=100
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page1
SMD Switching Diode
1SS400G-G (RoHS Device)
Rating and Characteristic Curves
Fig. 1 Forward characteristics
1 100m
Capacitance between Terminals (pF)
Fig. 2 Capacitiance between terminals
10 5 2 1 0.5 0.2 0.1 0 2 4 6 8 10 12 14
Forward Current (A)
10m
75C
1m
125C
25C
100 10 0 0.2
-25C
0.4 0.6 0.8 1.0 1.2 1.4
Forward Voltage (V)
Reverse Voltage (V)
Fig. 3 Reverse characteristics
1m 100 100
Fig. 4 Surge current charavteristics
Pulse Single pulse
Reverse Current (A)
10 1 100n 10n 1n 0 20 40 60 80 100 120
75C
Surge Current (A)
125C
10
25C
1 0 1 10 100 1000 10000
Reverse Voltage (V)
Pulse Width (mS)
Reverse Recovery Time (nS)
Fig. 5 Reverse recovery time characteristics
3
Fig. 6 Reverse recovery time (trr) measurement circuit
0.01F
2
D.U.T.
50k
1
Pulse Generator Output 50
50
Sampling Oscilloscope
0
0
10
20
30
Forward Current (mA)
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page2


▲Up To Search▲   

 
Price & Availability of 1SS400G-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X