Part Number Hot Search : 
BD414 MBI20 063AC BUZ88 ELJFC3 LTC1662C SMBYT03 250000
Product Description
Full Text Search
 

To Download 1SS400-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount High Speed Switching Diode
1SS400-G (RoHS Device)
Voltage: 90 Volts Current: 225 mA
This device is an extremely fast switching diodes housed in the ultra-small SOD-523 package. Ideal for applications like mobile phones, hand-held computers and high speed switching applications.
Features:
Small surface mounting type High current capability Low reverse leakage current High surge current capability
SOD-523
.050 (1.25) .045 (1.15) .014(.35) .009(.25)
Applications:
Mobile phones and accessories Hand-held computers High Speed Switching Applications .034(.85) .029(.75) .026 (.65) .021 (.55) .067 (1.70) .059 (1.50)
.006(.15) .002(.05) Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics, Single Diode @ TA=25C
Parameter Peak reverse voltage DC reverse voltage Peak forward current Mean rectifying current Surge current (1s) Junctions temperature Storage temperature Symbol VRM VR IFM IO ISURGE TJ Tstg Limits 90 80 225 100 500 125 -55~+125 Unit V V mA mA mA C C
Electrical Ratings @ TA=25C
Parameter Forward voltage Reverse current Capacitance between terminals Reverse recovery time Symbol VF IR CT Trr Max. 1.2 0.1 3.0 4 Unit V
A
Conditions IF=100mA VR=80V CT=0.5V, f=1MHZ VR=6V, IF=100mA, RL=100 OHM
pF ns
"-G" suffix designated RoHS compliant version
Comchip Technology Corporation . Tel:510-657-8671 . Fax: 510-657-8921 . www.comchiptech.com
Page1
Surface Mount Switching Diode
1SS400-G (RoHS Device)
COMCHIP TECHNOLOGY CORPORATION TEL: (510) 657-8671 FAX: (510) 657-8921 WWW.COMCHIPTECH.COM
Surface Mount Switching Diode
1SS400-G (RoHS Device)
PAD DIMENSIONS
ORDERING INFORMATION
1SS400-G T/R7 - 7" reel, 3K units per reel 1SS400-G T/R13 - 13" reel, 10K units per reel
COMCHIP TECHNOLOGY CORPORATION TEL: (510) 657-8671 FAX: (510) 657-8921 WWW.COMCHIPTECH.COM


▲Up To Search▲   

 
Price & Availability of 1SS400-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X