Part Number Hot Search : 
AAT31 RGP10M 2SA1532 ACS70 25HF140M 140G2AR 25HF140M D1111
Product Description
Full Text Search
 

To Download UPC2726T00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.6 GHz DIFFERENTIAL WIDEBAND SILICON RFIC AMPLIFIER
FEATURES
* HIGH GAIN: 15 dB Typical at 400 MHz * WIDEBAND FREQUENCY RESPONSE: 1.6 GHz TYP * SUPER SMALL PACKAGE * TAPE AND REEL PACKAGING OPTION AVAILABLE
Power Gain, GP (dB)
20 GP
UPC2726T
NOISE FIGURE AND GAIN vs. FREQUENCY AND VOLTAGE
VCC = 5.0 V 3.0 V
2.0 V
0
9 7 NF VCC = 2.0 V 5 VCC = 4.5--5.5 V 3 1 0.1 0.3 1.0 2.0 3.0
DESCRIPTION
The UPC2726T is a Silicon RF Integrated Citrcuit which is manufactured using the NESAT III process. The NESAT III process produces transistors with fT approaching 20 GHz. This amplifier was designed as a buffer amplifier for circuits requiring differential inputs and outputs for increased commonmode rejection. NEC's stringent quality assurance and test procedures ensure the highest reliability and performance.
Frequency, f (GHz) GAIN vs. FREQUENCY AND TEMPERATURE
20
-40C
Power Gain, GP (dB)
15 25C
10
85C
VCC = 5.0 V 5 0.1 0.3 1.0 2.0 3.0
Frequency, f (GHz)
ELECTRICAL CHARACTERISTICS (TA = 25C, ZL = ZS = 50 , f = 400 MHz)
PART NUMBER PACKAGE OUTLINE SYMBOLS ICC GS NF fu PSAT RLIN RLOUT ISOL OIP3 PARAMETERS AND CONDITIONS Circuit Current, (No Signal) Small Signal Gain Noise Figure Upper limit Operating Input Return Loss Output Return Loss Isolation Output 3rd Order Intercept Point2 Frequency1 Saturated Output Power UNITS mA dB dB GHz dBm dB dB dB dBm 1.0 -5 MIN 8 11 VCC = 5 V TYP 11.5 15 4.5 1.6 -2 2 4 60 -2.5 UPC2726T VCC = 2 V TYP 2.5 4.5 5.1 2.4 -14 1 4 58 -10
MAX 15 17 6
MIN
MAX
Notes: 1. The Gain at fu is 3 dB down from the gain at 400 MHz. 2. f1 = 400 MHz, f2 = 402 MHz, single side band.
California Eastern Laboratories
Noise Figure, NF (dB)
* SINGLE POSITIVE DC SUPPLY
10
UPC2726T ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS VCC PIN PT TOP TSTG PARAMETERS Supply Voltage Input Power Total Power Dissipation2 Operating Temperature Storage Temperature UNITS V dBm mW C C RATINGS 6.0 0 280 -40 to +85 -55 to +150
RECOMMENDED OPERATING CONDITIONS
SYMBOLS VCC TOP PARAMETERS Supply Voltage Operating Temperature UNITS V C MIN 4.5 -40 TYP MAX 5.0 25 5.5 85
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. Mounted on a 50 x 50 x 1.6 mm epoxy glass PWB (TA = +85C).
TYPICAL PERFORMANCE CURVES (TA = 25C)
CIRCUIT CURRENT vs. VOLTAGE
20 18 No input signals
14 16
CIRCUIT CURRENT vs. OPERATING TEMPERATURE
VCC = 5.0 V
Circuit Current, ICC (mA)
Circuit Current, ICC (mA)
0 1 2 3 4 5 6
16 14 12 10 8 6 4 2 0
12 10 8 6 4 2 0 -40 -20 0 20 40 60 80 100
Supply Voltage, VCC (V)
Operating Temperature, TOP (C)
RETURN LOSS vs. FREQUENCY
0 RLOUT -10 RLIN RLIN
10
OUTPUT POWER vs. INPUT POWER and VOLTAGE
f = 400 MHz 0
RLOUT
Conversion Gain (dB)
Return Loss, RL (dB)
VCC = 5.5 V VCC = 5.0 V
-20
-10
VCC = 4.5 V
-30 ISOL
-20
-40
VCC = 2.0 V -30
-50
-60 1 0.3 1.0 2.0
-40 -50
-40
-30
-20
-10
0
Frequency, f (MHz)
Input Power, PIN (dBm)
UPC2726T TYPICAL PERFORMANCE CURVES (TA = 25C)
SATURATED OUTPUT POWER vs. FREQUENCY and VOLTAGE
0
OUTPUT POWER vs. INPUT POWER and TEMPERATURE
10 VCC = 5.0 V f = 400 MHz TA = +25C TA = +85C
Saturated Output Power, POUT (dBm)
-2 -4 -6 -8 -10 -12 -14 -16 -18 -20 0.1 VCC = 2.0 V
Output Power,POUT (dBm)
VCC = 5.5 V VCC = 5.0 V VCC = 4.5 V
0
-10 TA = -40C
-20
-30
0.2
0.5
1
2
3
-40 -50
-40
-30
-20
-10
0
Frequency, f (MHz)
Input Power, PIN (dBm)
S PARAMETERS
100 M
100 M 400 M
1G 400 M
1G
S11
Start: 100 MHz Stop: 2 Ghz Conditions: TA = 25C, VCC = 5 V
S22
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE T06
+0.2 2.8 -0.3 +0.2 1.5 -0.1
LEAD CONNECTIONS
(Top View) (Bottom View)
3
4
4
3
C1P
2
2.90.2 3 0.95 4
5
5
2
1
5
6
6
1
1.90.2 2 0.95
1
6
-0.05 0.3 +0.10
+0.2 1.1 -0.1
0.8
0.130.1
1. INPUT 2. GND 3. OUTPUT
4. OUTPUT 5. VCC 6. INPUT
0 to 0.1
Note: All dimensions are typical unless otherwise specified.
UPC2726T TEST CIRCUIT
VCC 1000 pF
3
RECOMMENDED P.C.B. LAYOUT (Units in mm)
3.10
4 0.95
50 IN 1000 pF IN 1000 pF
5 6
3 1000 pF
50 OUT
2
5
1 2
4 1000 pF
1
6 0.5 MIN
OUT
1.0 MIN 1.0 MIN
EXAMPLE OF SYSTEM APPLICATION
DC AMP DET
1st IF input
RF amp. ATT RF amp.
MIX. IF amp. Sound Visual

PC2726T
FM DEMO
VCO OP LPF
PLL
EQUIVALENT CIRCUIT
5 VCC
RFOUT 4 6 RFIN
3 RFOUT 1 RFIN
ORDERING INFORMATION
PART NUMBER UPC2726T-E3 Note: Embossed Tape, 8 mm wide, QTY 3K/Reel
2 GND
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM 09/21/2000 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of UPC2726T00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X