Part Number Hot Search : 
4HC164 56F835 74F564 PC102 2SA1428Y 12F627 4ACT118 HER505G
Product Description
Full Text Search
 

To Download TPCA8103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TPCA8103
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS)
TPCA8103
0.50.1
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
6.00.3
Unit: mm
1.27 8 0.40.1 5 0.05 M A
* * * * *
Small footprint due to small and thin package Low drain-source ON resistance: RDS (ON) = 3.1 m (typ.) High forward transfer admittance: |Yfs| =45S (typ.) Low leakage current: IDSS = -10 A (max) (VDS = -30 V) Enhancement mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1 mA)
5.00.2
0.150.05
1 0.950.05
4
0.595 A
5.00.2
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Drain-gate voltage (RGS = 20 k) Gate-source voltage Drain current DC (Note 1) Symbol VDSS VDGR VGSS ID IDP PD PD PD EAS IAR (Tc=25C) (Note 4) Channel temperature Storage temperature range EAR Tch Tstg Rating -30 -30 20 - 40 -120 45 2.8 Unit V V V A W W
S 1 4
0.60.1
4.250.2
8
1,2,3SOURCE 4GATE 5,6,7,8DRAIN
5 0.80.1
Pulsed (Note 1) (Tc=25C) (t = 10 s) (Note 2a) (t = 10 s) (Note 2b)
JEDEC JEITA TOSHIBA
2-5Q1A
Drain power dissipation Drain power dissipation
Drain power dissipation
Weight: 0.076 g (typ.)
1.6 W
Single pulse avalanche energy (Note 3) Avalanche current Repetitive avalanche energy
208 - 40 4.5 150 -55 to 150
mJ A mJ C C
Circuit Configuration
8 7 6 5
Note: For (Note 1), (Note 2), (Note 3), (Note 4), please refer to the next page. This transistor is an electrostatic sensitive device. Please handle with caution.
1
2
3
3.50.2
1.10.2
0.05 S
0.1660.05
4
1
2004-01-16
TPCA8103
Thermal Characteristics
Characteristics Thermal resistance, channel to case (Tc=25C) Thermal resistance, channel to ambient (t = 10 s) (Note 2a) Symbol Rth (ch-c) Max 2.78 Unit C/W
Rth (ch-a)
44.6
C/W
Thermal resistance, channel to ambient (t = 10 s) (Note 2b)
Rth (ch-a)
78.1
C/W
Marking (Note 5)
TPCA 8103
Type Lot No.
Note 1: Please use devices on condition that the channel temperature is below 150C. Note 2: (a) Device mounted on a glass-epoxy board (a) (b) Device mounted on a glass-epoxy board (b)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
FR-4 25.4 x 25.4 x 0.8 (Unit: mm)
(a)
(b)
Note 3: VDD = 24 V Tch = 25C (initial) L = 100H RG = 25 IAR = - 40 A Note 4: Repetitive rating: pulse width limited by max channel temperature Note 5: on lower left of the marking indicates Pin 1. Weekly code: (Three digits)
Week of manufacture (01 for first week of year, continues up to 52 or 53) Year of manufacture (One low-order digits of calendar year)
2
2004-01-16
TPCA8103
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain cut-OFF current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward transfer admittance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-ON time Switching time Fall time tf toff Qg Qgs1 Qgd Symbol IGSS IDSS V (BR) DSS V (BR) DSX Vth RDS (ON) |Yfs| Ciss Crss Coss tr ton 0V VGS -10 V ID = -20A VOUT VDS = -10 V, VGS = 0 V, f = 1 MHz Test Condition VGS = 16 V, VDS = 0 V VDS = -30 V, VGS = 0 V ID = -10 mA, VGS = 0 V ID = -10 mA, VGS = 20 V VDS = -10 V, ID = - 1 mA VGS = -4 V, ID = -20 A VGS = -10 V, ID = -20 A VDS = -10 V, ID = -20 A Min Typ. Max Unit
-30 -13 -0.8
22.5

5.2 3.1 45 7880 1340 1450 15 13 251
10 -10 -2.0
6.8 4.2
A A
V V m S


VDD -24 V, VGS = -10 V, - ID = -40 A
pF
RL = 0.8
4.7
ns

nC
Turn-OFF time Total gate charge (gate-source plus gate-drain) Gate-source charge 1 Gate-drain ("miller") charge
VDD -15 V - < 1%, tw = 10 s Duty =
596 184 12 58

Source-Drain Ratings and Characteristics (Ta = 25C)
Characteristics Drain reverse current Forward voltage (diode) Pulse (Note 1) Symbol IDRP VDSF Test Condition Min Typ. Max Unit A V
IDR = -40 A, VGS = 0 V


-120
1.2
3
2004-01-16
TPCA8103
ID - VDS
-50 -4 -100 -3 -2.8 -10 -6 -30 -2.6 -8 -80 -8 -10
ID - VDS
Common source Ta = 25C Pulse test -4 -3.2 -3.1 -3.0 -40 -2.8 -20 VGS = -2 V
-40
-6
ID
ID Drain current
Common source Ta = 25C Pulse test -2.4
(A)
(A)
-60
Drain current
-20 -2.2 -10
-2.6 VGS = -2.4 V -0.2 -0.4 -0.6 -0.8 -1.0
0 0
-1
-2
-3
-4
-5
0 0
Drain-source voltage
VDS (V)
Drain-source voltage
VDS (V)
ID - VGS
-100 Common source VDS = -10 V Pulse test Ta = -55C -60 25 100 -0.5
VDS - VGS
Common source Ta = 25C Pulse test
-80
(V) VDS Drain-source voltage
-0.4
ID
(A)
-0.3
Drain current
-40
-0.2 -10 -0.1 -20 ID = -40 A
-20
0 0
-2
-4
-6
-8
-10
0 0
-4
-8
-12
-16
-20
Gate-source voltage
VGS
(V)
Gate-source voltage
VGS
(V)
|Yfs| - ID
(S)
100 100
RDS (ON) - ID
Forward transfer admittance Yfs
100 10
25
Drain-source ON resistance RDS (ON) (m)
Ta = -55C
10
VGS = -4 V
-10 1
1
0.1 -0.1
Common source VDS = -10 V Pulse test -1 -10 -100
0.1 -0.1
Common source Ta = 25C Pulse test -1 -10 -100
Drain current
ID (A)
Drain current
ID (A)
4
2004-01-16
TPCA8103
RDS (ON) - Ta
20 Common source Pulse test -1000
IDR - VDS
Drain reverse current IDR (A)
Drain-source ON resistance RDS (ON) (m)
15
-100
-10
-5 -3
10
ID = -40 A, -20 A, -10 A
-10
-1
VGS = 0 V
5
VGS = -4 V ID = -40 A, -20 A, -10 A 0 40 80 120 160
-1 Common source Ta = 25C Pulse test -0.1 0 0.2 0.4 0.6 0.8 1.0 1.2
-10 V 0 -80 -40
Ambient temperature
Ta
(C)
Drain-source voltage
VDS (V)
Capacitance - VDS
100000 -2.0
Vth - Ta
Common source VDS = -10 V -1.6 ID = -1 mA Pulse test
10000
Ciss
C
Gate threshold voltage
-100
Vth (V)
(pF)
-1.2
Capacitance
Coss 1000 Common source VGS = 0 V f = 1 MHz Ta = 25C 100 -0.1 -1 -10 Crss
-0.8
-0.4
Drain-source voltage
VDS (V)
0 -80
-40
0
40
80
120
160
Ambient temperature
Ta
(C)
Dynamic input/output characteristics
-30 Common source VDD = -24 V VDS -20 ID = -13 A Ta = 25C Pulse test -20 -30
(V)
Drain-source voltage
-12 -10 -6 -6
-12 -10 VDD = -24 V VGS
0 0
40
80
120
160
200
0 240
Total gate charge Qg (nC)
Gate-source voltage
VGS (V)
VDS
5
2004-01-16
TPCA8103
rth - tw
TRANSIENT THERMAL IMPEDANCE rth (/W)
1000 (1) Device mounted on a glass-epoxy board (a) (Note 2a) (2) Device mounted on a glass-epoxy board (b) 100 (Note 2b) (3) Tc=25 (1) (2)
10
(3) 1
SINGLE PULSE 0.1 0.001 0.01 0.1 1 10 100 1000
PULSE WIDTH
tw
(s)
PD - Ta
3 (1)
(1)Device mounted on a glass-epoxy board(a) (Note 2a) (2)Device mounted on a glass-epoxy board(b) 10s (Note 2b)
PD - Tc
50
2.5
DRAIN POWER DISSIPATION PD (W)
160
DRAIN POWER DISSIPATION PD (W)
40
2 (2) 1.5
30
20
1
0.5
10
0 0
40
80
120
0
0
40
80
120
160
AMBIENT TEMPERATURE
Ta
(C)
CASE TEMPERATURE
Tc
(C)
SAFE OPERATING AREA
1000
DRAIN CURRENT ID (A)
ID max (PULSED) * 100 t=1ms t=10ms 10 ID max (CONTINUOUS) * DC
SINGLE NONREPETITIVE PULSE
1
CURVES LINEARLY
Tc=25 MUST WITH BE DERATED IN
INCREASE
TEMPERATURE.
VDSS max 1 10 100
0.1 0.1
DRAIN-SOURCE VOLTAGE
VDS
(V)
6
2004-01-16
TPCA8103
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
7
2004-01-16


▲Up To Search▲   

 
Price & Availability of TPCA8103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X