Part Number Hot Search : 
DG509A BZX55C30 ENA1025 LNK605DG FC510 T0509DM SLASE1 MM1572F
Product Description
Full Text Search
 

To Download TC4069UBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC4069UBP/UBF/UBFN/UBFT
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC4069UBP,TC4069UBF,TC4069UBFN,TC4069UBFT
TC4069UB Hex Inverter
TC4069UB contains six circuits of inverters. Since the internal circuit is composed of a single stage inverter, this is suitable for the applications of CR oscillator circuits, crystal oscillator circuits and linear amplifiers in addition to its application as inverters. Because of one stage gate configuration, the propagation time has been reduced.
Note: xxxFN (JEDEC SOP) is not available in Japan. TC4069UBP
Pin Assignment
TC4069UBF
I1 O1 I2 O2 I3 O3 VSS
1 2 3 4 5 6 7 (top view)
14 13 12 11 10 9 8
VDD I6 O6 I5 O5 I4 O4
Circuit Diagram
1/6 TC4069UB VDD TC4069UBFN
INPUT
OUTPUT
TC4069UBFT
VSS
Weight DIP14-P-300-2.54 SOP14-P-300-1.27A SOP14-P-300-1.27 SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
: 0.96 g (typ.) : 0.18 g (typ.) : 0.18 g (typ.) : 0.12 g (typ.) : 0.06 g (typ.)
1
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Absolute Maximum Ratings (Note)
Characteristics DC supply voltage Input voltage Output voltage DC input current Power dissipation Operating temperature range Storage temperature range Symbol VDD VIN VOUT IIN PD Topr Tstg Rating VSS - 0.5 to VSS + 20 VSS - 0.5 to VDD + 0.5 VSS - 0.5 to VDD + 0.5 10 300 (DIP)/180 (SOIC) -40 to 85 -65 to 150 Unit V V V mA mW C C
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction.
Recommended Operating Conditions (VSS = 0 V) (Note)
Characteristics DC supply voltage Input voltage Symbol VDD VIN Test Condition Min 3 0 Typ. Max 18 VDD Unit V V
Note:
The recommended operating conditions are required to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND.
2
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Static Electrical Characteristics (VSS = 0 V)
Test Condition Characteristics Symbol VDD (V) |IOUT| < 1 A VIN = VSS, VDD |IOUT| < 1 A VIN = VSS, VDD VOH = 4.6 V VOH = 2.5 V Output high current IOH VOH = 9.5 V VOH = 13.5 V VIN = VSS VOL = 0.4 V Output low current IOL VOL = 0.5 V VOL = 1.5 V VIN = VDD VOUT = 0.5 V, 4.5 V Input high voltage VIH VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V |IOUT| < 1 A VOUT = 0.5 V, 4.5 V Input low voltage VIL VOUT = 1.0 V, 9.0 V VOUT = 1.5 V, 13.5 V |IOUT| < 1 A "H" level Input current "L" level Quiescent supply current IIH IIL VIL = 18 V VIL = 0 V VIN = VSS, VDD (Note) 18 18 5 10 15 0.1 -0.1 0.25 0.50 1.00 10-5 -10-5 0.001 0.001 0.002 0.1 -0.1 0.25 0.50 1.00 1.0 A -1.0 7.5 15.0 30.0 A 5 10 15 1.0 2.0 3.0 1.0 2.0 3.0 1.0 2.0 3.0 mA 5 10 15 4.0 8.0 12.0 4.0 8.0 12.0 4.0 8.0 12.0 mA 5 10 15 0.61 1.50 4.00 0.51 1.30 3.40 1.2 3.2 12.0 0.42 1.10 2.80 mA 5 10 15 5 10 15 5 5 10 15 -40C Min 4.95 9.95 14.95 -0.61 -2.50 -1.50 -4.00 Max 0.05 0.05 0.05 Min 4.95 9.95 14.95 -0.51 -2.10 -1.30 -3.40 25C Typ. 5.00 10.00 15.00 0.00 0.00 0.00 -1.0 -4.0 -2.2 -9.0 Max 0.05 0.05 0.05 Min 4.95 9.95 14.95 -0.42 -1.70 -1.10 -2.80 85C Max 0.05 0.05 0.05 mA V V Unit
High-level output voltage
VOH
Low-level output voltage
VOL
IDD
Note: All valid input combinations.
3
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Dynamic Electrical Characteristics (Ta = 25C, VSS = 0 V, CL = 50 pF)
Characteristics Symbol Test Condition VDD (V) 5 tTLH 10 15 5 tTHL 10 15 5 tpLH 10 15 5 tpHL 10 15 CIN Min Typ. 70 35 30 70 35 30 55 30 25 55 30 25 7.5 Max 200 100 80 200 100 80 110 60 50 110 60 50 15 pF ns ns ns ns Unit
Output transition time (low to high)
Output transition time (high to low)
Propagation delay time (low to high)
Propagation delay time (high to low) Input capacitance
Waveform for Measurement of Dynamic Characteristics
20 ns 90% 50% 10% tpHL 20 ns 90% 50% 10% tpLH
Input
Output
tTHL
tTLH
4
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Package Dimensions
Weight: 0.96 g (typ.)
5
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Package Dimensions
Weight: 0.18 g (typ.)
6
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Package Dimensions
Weight: 0.18 g (typ.)
7
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Package Dimensions (Note)
Note: This package is not available in Japan. Weight: 0.12 g (typ.)
8
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Package Dimensions
Weight: 0.06 g (typ.)
9
2006-06-01
TC4069UBP/UBF/UBFN/UBFT
Note: Lead (Pb)-Free Packages DIP14-P-300-2.54 SOP14-P-300-1.27A SOL14-P-150-1.27 TSSOP14-P-0044-0.65A
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice. 021023_D
060116EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc. 021023_A * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B * The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C * The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E
10
2006-06-01


▲Up To Search▲   

 
Price & Availability of TC4069UBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X