Part Number Hot Search : 
2599M A1V531 2SD16 50020 F1206 CY7C1049 45S0S 5MTCX
Product Description
Full Text Search
 

To Download SY100EL90VZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V/3.3V TRIPLE ECL/LVECL-TOPECL/LVPECL TRANSLATOR
SY100EL90V
FEATURES
s s s s s 3.3V and 5V power supply options 500ps propagation delay Fully differential design Supports both standard and low voltage operation Available in 20-pin SOIC package
DESCRIPTION
The SY100EL90V is a triple ECL/LVECL-to-PECL/ LVPECL translator. The device can translate over all combinations of supply voltages: -5V ECL to 5V PECL, -5V ECL to 3.3V LVPECL, -3.3V LVECL to 5V PECL or -3.3V LVECL to 3.3V LVPECL. A VBB output is provided for interfacing with single ended ECL signals at the input. If a single ended input is to be used, the VBB output should be connected to the D input. The active signal would then drive the D input. When used, the VBB output should be bypassed to via a 0.01F capacitor. The VBB output is designed to act as the switching reference for the EL90V under single ended input switching conditions. As a result this pin can only source/sink up to 0.5mA of current. To accomplish the level translation the EL90V requires three power rails. The VCC supply should be connected to the positive supply, and the VEE pin should be connected to the negative power supply. The GND pins as expected are connected to the system ground plane. Both VEE and VCC should be bypassed to ground via 0.01F capacitors. Under open input conditions, the D input will be biased at VCC/2 and the D input will be pulled to VEE. This condition will force the Q output to a LOW, ensuring stability.
PIN CONFIGURATION/BLOCK DIAGRAM
VCC 1
ECL
20 VCC 19 18 17 16 15 14 13 12 11
PECL
D0 2 D0 3 VBB 4
ECL PECL
Q0 Q0 GND Q1 Q1 GND Q2 Q2 VCC
D1 5 D1 6 VBB
7
PIN NAMES
Pin Dn Qn VBB Function ECL/LVECL Inputs PECL/LVPECL Outputs ECL/LVECL Reference Voltage Output
PECL
ECL
D2 8 D2 9 VEE 10
SOIC TOP VIEW
FUNCTION TABLE
Function -5V ECL to 5V PECL -5V ECL to 3.3V LVPECL -3.3V LVECL to 5V PECL -3.3V LVECL to 3.3V LVPECL VCC 5V 3.3V 5V 3.3V GND 0V 0V 0V 0V VEE -5V -5V -3.3V -3.3V
Rev.: F
Amendment: /1 October, 1998
1
Isse Date:
Micrel
SY100EL90V
ECL/LVECL INPUT DC ELECTRICAL CHARACTERISTICS
ECL: VEE = -4.2V to -5.5V; LVECL: VEE = -3.0V to -3.8V
TA = -40C Symbol VIH VIL IEE IIH IIL VBB VPP Parameter Input HIGH Voltage Input LOW Voltage Power Supply Current Input HIGH Current Input LOW Current Dn Dn Output Reference Minimum Peak-to-Peak Input Min. -1165 -1810 -- -- 0.5 -600 -1.38 150 Typ. -- -- -- -- -- -- -- -- Max. Min. TA = 0C Typ. -- -- -- -- -- -- -- -- Max. TA = +25C Min. Typ. -- -- -- -- -- -- -- -- Max. -880 -1165 -1475 -1810 8 150 -- -- -- -- 0.5 -600 TA = +85C Min. Typ. -- -- -- -- -- -- -- -- Max. -880 -1475 8 150 -- -- -1.26 -- Unit mV mV mA A A V mV -880 -1165 -1475 -1810 8 150 -- -- -- -- 0.5 -600
-880 -1165 -1475 -1810 8 150 -- -- -- -- 0.5 -600
-1.26 -1.38 -- 150
-1.26 -1.38 -- 150
-1.26 -1.38 -- 150
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = +3.0V to +3.8V
TA = -40C Symbol Parameter Output LOW Voltage(1) Power Supply Current Min. Typ. -- -- -- Max. Min. TA = 0C Typ. -- -- -- Max. Min. TA = +25C Typ. Max. TA = +85C Min. 2.275 1.490 -- Typ. -- -- -- Max. 2.420 1.680 26 Unit V V mA
VOH
VOL ICC
Output HIGH Voltage(1) 2.215 1.470 --
2.420 2.275 1.745 1.490 24 --
2.420 2.275 2.350 2.420 1.680 1.490 1.600 1.680 24 -- 20 24
NOTE: 1. These levels are for VCC = 3.3V. Level specifications will vary 1:1 with VCC.
PECL OUTPUT DC ELECTRICAL CHARACTERISTICS
VCC = +4.2V to +5.5V
TA = -40C Symbol Parameter Output LOW Voltage(1) Power Supply Current Min. Typ. -- -- -- Max. Min. TA = 0C Typ. -- -- -- Max. TA = +25C Min. Typ. Max. TA = +85C Min. 3.975 3.190 -- Typ. -- -- -- Max. 4.120 3.380 26 Unit V V mA
VOH
VOL ICC
Output HIGH Voltage(1) 3.915 3.170 --
4.120 3.975 3.445 3.190 24 --
4.120 3.975 4.050 4.120 3.380 3.190 3.300 3.380 24 -- 20 24
NOTE: 1. These values are for VCC = 5V. Level specifications will vary 1:1 with VCC.
2
Micrel
SY100EL90V
AC ELECTRICAL CHARACTERISTICS
ECL: VEE = -4.2V to -5.5V; LVECL: VEE = -3.0V to -3.8V; PECL: VCC = +4.2V to +5.5V; LVPECL: VCC = +3.0V to +3.8V
TA = -40C Symbol tPLH tPHL tskew Parameter Propagation Delay D to Q Diff. S.E. Min. 390 340 -- -- -- 150 -- 230 Typ. -- -- 20 -- 25 -- -- -- Max. 590 640 100 200 -- -- -0.4 500 Min. 410 360 -- -- -- 150 -- 230 TA = 0C Typ. -- -- 20 -- 25 -- -- -- Max. 610 660 100 200 -- -- -0.4 500 TA = +25C Min. 420 370 -- -- -- 150 -- 230 Typ. -- -- 20 -- 25 -- -- -- Max. 620 670 100 200 -- -- -0.4 500 TA = +85C Min. 460 410 -- -- -- 150 -- 230 Typ. -- -- 20 -- 25 -- -- -- Max. Unit 660 710 100 200 -- -- -0.4 500 ps
Within-Device Skew(1) Output-to-Output Part-to-Part (Diff.) Duty Cycle (Diff.) Minimum Input Swing(2) Common Mode Range(3)
ps
VPP VCMR tr tf
mV V ps
Output Rise/Fall Times Q (20% to 80%)
NOTES: 1. Skew is measured between outputs under identical transitions. 2. Minimum input swing for which AC parameters are guaranteed. The device will function reliably with differential inputs down to 100mV. 3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPP min. and 1V. VCMR min. depends on VEE, VPP and temperature at VPP <500mV and -40C, VCMR is VEE+1.3V; and for 0-85C, VCMR is VEE+1.2V. At VPP 500mV and -40C, VCMR is VEE+1.5V; and for 0-85C, VCMR is VEE+1.4V.
PRODUCT ORDERING CODE
Ordering Code SY100EL90VZC SY100EL90VZCTR Package Type Z20-1 Z20-1 Operating Range Commercial Commercial
3
Micrel
SY100EL90V
20 LEAD SOIC .300" WIDE (Z20-1)
Rev. 03
MICREL-SYNERGY
TEL
3250 SCOTT BOULEVARD SANTA CLARA CA 95054 USA
FAX
+ 1 (408) 980-9191
+ 1 (408) 914-7878
WEB
http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent right of Micrel Inc. (c) 2000 Micrel Incorporated
4


▲Up To Search▲   

 
Price & Availability of SY100EL90VZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X