Part Number Hot Search : 
UCN5843A ST16RF52 1SV69 AOL1208 BC860CW 71M6543G ST6387 C0220
Product Description
Full Text Search
 

To Download STN2N10L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STN2N10L
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
ADVANCE DATA TYPE STN2N10L
s s s
V DSS 100 V
R DS(on) < 0.5
I D CONT 2A
s
s s
TYPICAL RDS(on) = 0.35 AVALANCHE RUGGED TECHNOLOGY SOT-223 CAN BE WAVE OR REFLOW SOLDERED AVAILABLE IN TAPE AND REEL ON REQUEST 150 oC OPERATING TEMPERATURE APPLICATION ORIENTED CHARACTERIZATION
2
1
SOT-223
2
3
APPLICATIONS HARD DISK DRIVERS s SMALL MOTOR CURRENT SENSE CIRCUITS s DC-DC CONVERTERS AND POWER SUPPLIES
s
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol V DS VDGR V GS I D (*) I D (*) I DM (*) P tot T stg Tj Parameter Drain-source Voltage (V GS = 0) Drain- gate Voltage (R GS = 20 k) Gate-source Voltage Drain Current (continuous) at T c = 25 C Drain Current (continuous) at T c = 100 o C Drain Current (pulsed) Total Dissipation at T c = 25 C Derating Factor Storage Temperature Max. Operating Junction Temperature
o o
Value 100 100 15 2 1.3 8 2.7 0.022 -65 to 150 150
Unit V V V A A A W W/ o C
o o
C C
(*) Pulse width limited by safe operating area (*) Limited by package
March 1996
1/5
STN2N10L
THERMAL DATA
R thj-pcb R thj-amb Tl Thermal Resistance Junction-PC Board Max Thermal Resistance Junction-ambient Max (Surface Mounted) Maximum Lead Temperature For Soldering Purpose 46 60 260
o o
C/W C/W
o
C
AVALANCHE CHARACTERISTICS
Symbol I AR E AS EAR I AR Parameter Avalanche Current, Repetitive or Not-Repetitive (pulse width limited by T j max, < 1%) Single Pulse Avalanche Energy (starting T j = 25 o C, ID = I AR , V DD = 25 V) Repetitive Avalanche Energy (pulse width limited by T j max, < 1%) Avalanche Current, Repetitive or Not-Repetitive (T c = 100 o C, pulse width limited by T j max, < 1%) Max Value 2 20 5 1.3 Unit A mJ mJ A
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified) OFF
Symbol V (BR)DSS I DSS I GSS Parameter Drain-source Breakdown Voltage Test Conditions I D = 250 A VGS = 0 Min. 100 250 1000 100 Typ. Max. Unit V A A nA
Zero Gate Voltage V DS = Max Rating Drain Current (V GS = 0) V DS = Max Rating x 0.8 Gate-body Leakage Current (V DS = 0) V GS = 15 V
T c = 125 o C
ON ()
Symbol V GS(th) R DS(on) ID(on) Parameter Gate Threshold Voltage V DS = VGS Static Drain-source On Resistance V GS = 5 V V GS = 5 V Test Conditions ID = 250 A ID = 1 A ID = 1 A T c = 100o C 2 Min. 1 Typ. 1.8 0.35 Max. 2.5 0.5 1 Unit V A
On State Drain Current V DS > I D(on) x R DS(on)max V GS = 10 V
DYNAMIC
Symbol g fs () C iss C oss C rss Parameter Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions V DS > I D(on) x R DS(on)max V DS = 25 V f = 1 MHz ID = 1 A V GS = 0 V Min. 1 Typ. 2.5 340 65 20 450 100 30 Max. Unit S pF pF pF
2/5
STN2N10L
ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON
Symbol t d(on) tr (di/dt) on Qg Q gs Q gd Parameter Turn-on Time Rise Time Turn-on Current Slope Total Gate Charge Gate-Source Charge Gate-Drain Charge Test Conditions V DD = 50 V R G = 4.7 V DD = 80 V R G = 4.7 V DD = 80 V ID = 4 A V GS = 5 V ID = 8 A V GS = 5 V ID = 8 A V GS = 5 V Min. Typ. 6 20 380 10 6 3 15 Max. 10 30 Unit ns ns A/s nC nC nC
SWITCHING OFF
Symbol t r(Voff) tf tc Parameter Off-voltage Rise Time Fall Time Cross-over Time Test Conditions V DD = 80 V R G = 4.7 ID = 8 A V GS = 5 V Min. Typ. 10 10 20 Max. 15 15 30 Unit ns ns ns
SOURCE DRAIN DIODE
Symbol I SD I SDM (*) V SD () t rr Q rr I RRM Parameter Source-drain Current Source-drain Current (pulsed) Forward On Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current I SD = 2 A V GS = 0 90 0.27 6 I SD = 8 A di/dt = 100 A/s o V DD = 30 V T j = 150 C Test Conditions Min. Typ. Max. 2 8 1.5 Unit A A V ns C A
() Pulsed: Pulse duration = 300 s, duty cycle 1.5 % (*) Pulse width limited by safe operating area
3/5
STN2N10L
SOT223 MECHANICAL DATA
mm MIN. a b c d e1 e4 f g l1 l2 L 2.9 0.67 6.7 3.5 6.3 3 0.7 7 3.5 6.5 2.27 4.57 0.2 0.63 1.5 TYP. 2.3 4.6 0.4 0.65 1.6 MAX. 2.33 4.63 0.6 0.67 1.7 0.32 3.1 0.73 7.3 3.7 6.7 114.2 26.4 263.8 137.8 248 118.1 27.6 275.6 137.8 255.9 MIN. 89.4 179.9 7.9 24.8 59.1 mils TYP. 90.6 181.1 15.7 25.6 63 MAX. 91.7 182.3 23.6 26.4 66.9 12.6 122.1 28.7 287.4 145.7 263.8
DIM.
L
l2
e1
a b f
d c e4
C
l1
B
C
E
g
P008B
4/5
STN2N10L
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1995 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A ...
5/5


▲Up To Search▲   

 
Price & Availability of STN2N10L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X