Part Number Hot Search : 
557S110M 99002 AP1115 FR157G 40110 G1901 27C10 KGI825
Product Description
Full Text Search
 

To Download STC9018N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STC9018N
NPN Silicon Transistor
Description
* High frequency low noise amplifier application * VHF band amplifier application
Features
* Low noise figure : NF = 4dB(Typ.) at f=100MHz * High transition frequency fT = 800MHz(Typ.)
Ordering Information
Type NO. STC9018N Marking STC9018 Package Code TO-92N
Outline Dimensions
4.20~4.40
4.20~4.40
unit : mm
2.25 Max.
0.52 Max.
13.50~14.50
0.90 Max. 1.27 Typ.
2.14 Typ.
123
3.55 Typ
3.09~3.29
0.40 Max.
PIN Connections 1. Emitter 2. Base 3. Collector
KSD-T0C030-000
1
STC9018N
Absolute Maximum Ratings
Characteristic
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Emitter current Collector power dissipation Junction temperature Storage temperature range
Ta=25C
Symbol
VCBO VCEO VEBO IC IE PC TJ Tstg
Rating
40 30 4 20 -20 500 150 -55~150
Unit
V V V mA mA mW C C
Electrical Characteristics
Characteristic
Collector cut-off current Emitter cut-off current DC current gain Transition frequency Noise figure Power gain
Ta=25C
Symbol
ICBO IEBO hFE* fT NF GPE
Test Condition
VCB=40V, IE=0 VEB=4V, IC=0 VCE=5V, IC=1mA VCE=10V, IE=-8mA VCB=6V,IE=-1mA, f=100MHz
Min. Typ. Max.
54 800 4 20 0.1 0.1 198 -
Unit
A A MHz dB
* : hFE rank / F : 54~80, G : 70~108, H : 97~146, I : 132~198.
KSD-T0C030-000
2
STC9018N
Electrical Characteristic Curves
Fig. 1 PC - Ta Fig. 2 IC - VCE
Fig. 3 hFE - IC
Fig. 4 fT - IE
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-T0C030-000 3


▲Up To Search▲   

 
Price & Availability of STC9018N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X