Part Number Hot Search : 
LT018512 SP8603 G205E BR20100 L7107 B5117 M5200L 13001
Product Description
Full Text Search
 

To Download STC9013N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STC9013N
Epitaxial planar NPN silicon transistor
Descriptions
* General purpose application * Switching application
Features
* Excellent hFE linearity * Complementary pair with STA9012N
Ordering Information
Type NO. STC9013N Marking STC9013 Package Code TO-92N
Outline Dimensions
unit : mm
4.20~4.40
4.20~4.40
2.25 Max.
0.52 Max.
13.50~14.50
0.90 Max. 1.27 Typ.
2.14 Typ.
123
3.55 Typ
3.09~3.29
0.40 Max.
PIN Connections 1. Emitter 2. Base 3. Collector
KSD-T0C010-001
1
STC9013N
Absolute Maximum Ratings
Characteristic
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature range
(Ta=25C)
Symbol
VCBO VCEO VEBO IC PC TJ Tstg
Rating
40 30 5 500 500 150 -55~150
Unit
V V V mA mW C C
Electrical Characteristics
Characteristic
Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter voltage Transition frequency Collector output capacitance
(Ta=25C)
Symbol
BVCEO ICBO IEBO hFE
*
Test Condition
IC=1mA, IB=0 VCB=40, IE=0 VEB=5V, IC=0 VCE=1V, IC=50mA IC=100mA, IB=10mA VCE=1V, IC=100mA VCE=6V, IC=20mA VCB=6V, IE=0, f=1MHz
Min. Typ. Max.
30 96 0.1 0.75 200 7.0 0.1 0.1 246 0.25 1.0 -
Unit
V A A V V MHz pF
VCE(sat) VBE fT Cob
* : hFE Rank /
F : 96~135, G : 118~166, H : 144~202, I : 176~246.
KSD-T0C010-001
2
STC9013N
Electrical Characteristic Curves
Fig. 1 Pc - Ta Fig. 2 IC - VBE
Fig. 3 IC - VCE
Fig. 4 VCE(SAT) - IC
Fig. 5 hFE - IC
Fig. 6 hFE -
IC
KSD-T0C010-001
3
STC9013N
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T0C010-001
4


▲Up To Search▲   

 
Price & Availability of STC9013N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X