Part Number Hot Search : 
CXD2401R A6812SA BPC2508 TT425N MC74AC TS2GSDG MC74AC R100KL
Product Description
Full Text Search
 

To Download SL13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
SL12 AND SL13
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 30 Volts
DO-214AC
Forward Current - 1.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory Flammability classification 94V-0 For surface mount applications Low profile package Built-in strain relief Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 250C/10 seconds on terminals
0.065 (1.65) 0.049 (1.25)
0.110 (2.79) 0.100 (2.54)
0.177 (4.50) 0.157 (3.99) 0.012 (0.305) 0.006 (0.152)
0.090 (2.29) 0.078 (1.98)
0.060 (1.52) 0.030 (0.76) 0.008 (0.203) MAX. 0.208 (5.28) 0.194 (4.93)
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Weight: 0.002 ounce 0.064 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
. Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
SL12
SL13
UNITS
Device marking code Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current (NOTE 2) at TL (SEE FIG. 1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at: IF=0.1A, TA=125C (NOTE 1) IF=0.1A, TA=25C IF=1.0A, TA=125C IF=1.0A, TA=25C Maximum DC reverse current (NOTE 1) TA=25C at rated DC blocking voltage TA=100C Typical thermal resistance (NOTE 2) Operating junction temperature range Storage temperature range
NOTES: (1) Pulse test: 300s pulse width, 1% duty cycle (2) P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas
L2 VRRM VRMS VDC I(AV) 20 14 20 1.0
L3 30 21 30 Volts Volts Volts Amps
IFSM
50
Amps
VF
0.230 0.360 0.340 0.445 0.2 6.0 88 28 -55 to +125 -55 to +150
Volts
IR RJA RJL TJ TSTG
mA C/W C C
4/98
RATINGS AND CHARACTERISTIC CURVES SL12 AND SL13
FIG. 1 - FORWARD CURRENT DERATING CURVE FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
1.0
AVERAGE FORWARD CURRENT, AMPERES
RESISTIVE OR INDUCTIVE LOAD
50 40 30 20 10 0 1 10
NUMBER OF CYCLES AT 60HZ
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) AT RATED TL
0.5
P.C.B. MOUNTED ON 0.2 x 0.2" (5.0 x 5.0mm) COPPER PAD AREAS
100
0 50
60
70
80
90 100 110 120 130 140 150 160 170
LEAD TEMPERATURE, C
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
50
100
10.0
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ=125C
TJ=25C
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
10
TA=100C
1
1
0.1
0.1
0.01
TA=25C
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.001 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
500
JUNCTION CAPACITANCE, pF
TJ=25C f=1.0 MHz Vsig=50mVp-p
100
10 0.1
1
10
100
REVERSE VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of SL13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X