Part Number Hot Search : 
PAM8407 LT1520 BDT29DF A2918SW 110AS90 2SC52 MBR1045 5962F
Product Description
Full Text Search
 

To Download SCA2100-D01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCA2100-D01 VTI Automotive Digital Accelerometer Platform
Data Sheet
SCA2100-D01 2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
Features
* * * * * * * * * * * 3.3V supply voltage 2g measurement range 2-axis measurement XY directions 70mg offset accuracy over temp range SPI digital interface Enhanced self diagnostics features Size 7.0 x 3.3 x 8.6 mm (w x h x l) Qualified according to the AEC-Q100 standard Package, pin-out and SPI protocol compatible with VTI digital accelerometer product family RoHS compliant Dual Flat Lead (DFL) plastic package suitable for lead-free soldering processes and SMD mounting Proven capacitive 3D-MEMS technology
Applications
The SCA2100-D01 is targeted at automotive applications. Typical applications include * Electronic Stability Control (ESC) * Hill Start Aid (HSA) * Electronic Parking Brake (EPB) * Roll Over * Suspension * Inclination * Industrial applications
General Description
The SCA2100-D01 is a two axis accelerometer component based on VTI's capacitive 3D-MEMS technology. The component integrates high accuracy micromechanical acceleration sensing together with a flexible SPI digital interface. The component's Dual Flat Lead (DFL) housing guarantees robust operation over the product lifetime. The SCA2100-D01 is designed, manufactured and tested for high stability, reliability and quality requirements of automotive applications. The accelerometer has an extremely stable output over wide ranges of temperature, humidity and mechanical noise. The component is qualified according to the AEC-Q100 standard and has several advanced self diagnostics features. The DFL housing is suitable for SMD mounting and the component is compatible with the RoHS and ELV directives. The SCA2100-D01 is a part of VTI's digital accelerometer family and is compatible with its single axis accelerometers (SCA8X0 Series) and other multi axis accelerometers (SCA21X0 Series and SCA31X0 Series).
VTI Technologies Oy www.vti.fi
PRELIMINARY - Subject to changes Doc.nr. 82 681 00 A
1/3 Rev.A
SCA2100-D01 VTI Automotive Digital Accelerometer Platform
Performance Characteristics
Vdd=3.3 V and ambient temperature unless otherwise specified. Parameter Condition Min 3.0 Active mode Power down mode Measurement axes (XY) Temperature range -40 ... +125 C Temperature range -40 ... +125 C 12 bit output +1g ... -1g range 2-complement -3dB frequency -4 -20 0 30 55 5 0.1 2000 50 8 2 1 20 000 Typ 3 0.12 -2 -40 -100 -70 900 4 20 3.5 Max 3.6 5 2 125 100 70 Units V mA mA g C mg mg Count/g % FS mg % Counts Hz mg RMS s Hz pF MHz kV kV g
Analog and digital Vdd Current consumption Measurement range Operating temperature Offset total error A) Offset temperature dependency B) Sensitivity Total sensitivity error Linearity error Cross-Axis sensitivity Zero acceleration output Amplitude response C) Noise Power on setup time Output data rate Output load SPI clock rate ESD protection Moisture sensitivity level Mechanical shock
A)
Human Body Model Charge Device Model IPC/JEDEC J-STD-020C, Level 3
B) C)
Includes offset deviation from 0g value including calibration error and drift over lifetime, temperature and supply voltage. Offset drift due to temperature. Value is a relative value and has not to be centered to zero. See figure 4.
C/V
Analog calibration & ADC
Lowpass Filter DEMUX 1:4 Lowpass Filter Lowpass Filter Lowpass Filter
Decimation Decimation
Coordinate Mapping and Calibration
SCK SPI i/f MISO MOSI CSB
Decimation Decimation
Oscillator & clock
Reference
NonVolatile Memory
Temperature sensor
Continuous self test
Start-up self test
Figure 1. SCA2100-D01 Block diagram
VTI Technologies Oy www.vti.fi
PRELIMINARY- Subject to changes Doc. Nr. 82 681 00 A
2/3 Rev.A
SCA2100-D01 VTI Automotive Digital Accelerometer Platform
X
-Y
PIN 1
Y
-Y
PIN 1
Y
-X
Figure 2. Accelerometer measuring directions
Figure 3. Housing dimensions
Figure 4. Frequency response curves
Document Change Control
Rev. A Date 07.10.06 Change Description Preliminary version
VTI Technologies Oy www.vti.fi
PRELIMINARY- Subject to changes Doc. Nr. 82 681 00 A
3/3 Rev.A


▲Up To Search▲   

 
Price & Availability of SCA2100-D01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X