Part Number Hot Search : 
BZT6V2 MCS434D 74HCT04A BZT6V2 2SK3482 HI7188 2SK3482 L74HC
Product Description
Full Text Search
 

To Download SB560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB520 THRU SB5B0
MEDIUM CURRENT SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 100 Volts Forward Current - 5.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-201AD molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.041 ounce, 1.15 grams
DIM A B C D inches Min. 0.283 0.189 0.048 1.000
DIM ENSIONS mm Max. 0.374 0.208 0.051 Min. 7.20 4.80 1.20 25.40 Max. 9.50 5.30 1.30 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
SB520
SB530
SB540
SB550
SB560
SB570
SB580
SB590 SB5B0
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length (see Fig. 1) Peak forward surge current, 10mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) at rated TL Maximum instantaneous forward voltage at 5.0A (Note 1) Maximum instantaneous reverse current at rated DC blocking voltage (Note 1) Typical thermal resistance (Note 2) Operating junction temperature range Storage temperature range TA=25 TA=100
VRRM VRMS VDC I(AV) IFSM VF IR R R
JA JL
20 14 20
30 21 30
40 28 40
50 35 50
60 42 60 5.0 150.0
70 49 70
80 56 80
90 63 90
100 70 100
Volts Volts Volts Amps Amps
0.55 0.5 50.0
0.70 0.5 25.0 25.0 8.0
0.85
Volts mA /W
TJ TSTG
-65 to +125 -65 to +150
-65 to +150
Notes: (1) Pulse test: 300uS pulse width, 1% duty cycle (2) Thermal resistance junction to lead vertial P.C.B. mounted, 0.500 (12.7mm) lead length with 2.5X2.5 (63.5X63.5mm)
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of SB560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X