Part Number Hot Search : 
49H3150 NTE573 ALQ50G48 E000811 HA17358 G4PC30 AM7381P AM7381P
Product Description
Full Text Search
 

To Download RT2427B6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GTL, GTL+, AGTL+ Terminator
Technical Data Sheet
RoHS Compliant Parts Available
Description
These integrated termination networks provide high performance line termination for GTL, GTL+, and AGTL+ busses. The patented star circuit design combined with a ceramic substrate minimizes cross talk between channels that is common in other termination networks and resistor arrays. The BGA packaging has been proven to reduce rework and improve reliability.
Features
* * * * * * * 8 Bit, 16 Bit, and 32 Bit Termination Sets Compliant for GTL, GTL+, and AGTL+ Termination Excellent High Frequency Performance Slim BGA Package 1% Resistor Tolerance Low Channel to Channel Cross Talk RoHS Compliant Designs Available * Compatible with both lead and lead-free processes
Style D
8 Bit
3
3 2
16 Bit
3
32 Bit
2 1 A B C
2 1
1 A B C D E F
A
B
C
D
E
F
G
H
J
K
L
M
Electrical Specifications
Resistor Tolerance: TCR Operating Temperature Range Maximum Resistor Power: Maximum Package Power: Process Requirements: Maximum Re-flow Temperature 1.0% 100ppm/C -55C to +125C 0.05 Watts at 70C 1.0 Watts at 70C Per IPC/JEDEC J-STD-020C
Typical Application
G TL+ B ac k pla ne RT2 4 5 1B 6 Ca rd Ca rd Ca rd Ca rd RT2 4 5 1B 6
V tt
V tt
V tt
V tt
Ordering Information
Standard Part No. R Ohms Bits Pitch (mm) RoHS Part Number
Packaging Information
Suffix
Tape Width Carrier Pitch Reel Diameter Parts/Reel
TR7
24 mm 8 mm 7 inch 1,000
TR13
24mm 8 mm 13 inch 4,000
Part Number Coding 7 inch reel, Add TR7 to part number, example RT2415B7TR7 13 inch reel, Add TR13 to part number, example RT2415B7TR13 (Bulk packaging is not available)
RT1450B6 25 8 1.27 RT2450B6 RT1451B6 25 16 1.27 RT2451B6 RT1452B6 25 32 1.27 RT2452B6 RT1453B6 56 8 1.27 RT2453B6 RT1454B6 56 16 1.27 RT2454B6 RT1427B6 56 32 1.27 RT2427B6 RT1410B6 150 8 1.27 RT2410B6 RT1411B6 150 16 1.27 RT2411B6 RT1412B6 150 32 1.27 RT2412B6 RT1412B7 150 32 1.00 RT2412B7 Top Probe-able part numbers are available. Refer to the following link for detailed Top Side Probe-able information: www.ctscorp.com/components/clearone/TopProveClearOne.pdf
Direction of Feed
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 1 GTL, GTL+, AGTL+ Terminator
March 06
Recommended Land Pattern
Routing Examples
Outline of Substrate
8 Bit , 3 x 3 Array
(10X)
1.27 mm pitch land patterns are shown. 5 mil line widths shown. Blind via to Vtt reference plane layer. Open via's on top of land pads are not recommended due to solder wicking.
Signal Lines
32 Bit , 3 x 12 Array
(5X)
PCB Pad Diameter
Solder Mask Dia = Pad Diameter +.15mm (.006 inch)
1.00mm Pitch (B7) = 0.51mm/.020 inch (minimum) 1.27mm pitch (B6) = 0.64mm/.025 inch (minimum) For .006" Thick Solder Paste Stencil, Aperture Opening Should be Equal to the PCB Pad Diameter. Refer to www.ctscorp.com/components/clearone.asp for additional PCB design information
16 Bit , 3 x 6 Array
(10X)
Signal Lines
Frequency P erform ance (5 0 oh m Ne tw ork )
Cross Talk Performance (50 ohm Network)
H Aggressor 1nS 250mV F E
I A B
D
F requency R esponse for 50 ohm Netw ork
100 90 80 70 60 50 40 30 20 10 0
C
Aggressor on Lead A 250mV 1nS Rise Time Victim B Victim C Victim D Victim E Victim F
Measured Voltage (Peak to Peak) 3.3 mV 1.9 mV 1.5 mV 1.5 mV 1.5 mV 2.1 mV 3.3 mV
Aggressor on Lead B 250mV 1nS Rise Time Victim A Victim C Victim D Victim E Victim F Victim H Victim I
Measured Voltage (Peak to Peak) 3.2 mV 2.7 mV 1.8 mV 1.4 mV 1.5 mV 1.5 mV 2.0 mV
60 0
20 0
40 0
80 0
00
00
00 18
00
12
10
14
00
20
16
00
Victim H Victim I
M Hz
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 2 GTL, GTL+, AGTL+ Terminator
March 06
Mechanical Diagram
L H
RT_4__B_
W
CTS YRWK
A1 Identifier
P (Pitch)
K
P (Pitch)
D
1.27mm Pitch
3 x 3 Array (8 Bit) 3 x 6 Array (16 Bit) 3 x 12 Array (32 Bit) 3 x 12 Array (32 Bit) mm inch mm inch mm inch mm inch
L
3.810.15 .150.006 7.620.15 .300.006 15.240.15 .600.006
W
3.810.15 .150.006 3.810.15 .150.006 3.810.15 .150.006
H
1.320.15 .052.006 1.320.15 .052.006 1.320.15 .052.006
P
1.270.25 .050.010 1.270.25 .050.010 1.270.25 .050.010
D
0.760.05 .030.002 0.760.05 .030.002 0.760.05 .030.002
K
0.640.25 .025.010 0.640.25 .025.010 0.640.25 .025.010
1.00mm Pitch
L
12.000.15 .472.006
W
3.000.15 .118.006
H
1.190.15 .047.006
P
1.000.25 .039.010
D
0.640.05 .025.002
K
0.500.25 .020.010
Complete ClearONE Product, Processing, and Application Information can be found at the following link: http://www.ctscorp.com/components/clearone.asp
CTS Electronic Components www.ctscorp.com
(c) 2006 CTS Corporation. All rights reserved. Information subject to change. Page 3 GTL, GTL+, AGTL+ Terminator
March 06


▲Up To Search▲   

 
Price & Availability of RT2427B6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X