Part Number Hot Search : 
SIE802DF MOC30 LS7030 ADM1067 MOC30 ITS711L1 HEF4053B 01545
Product Description
Full Text Search
 

To Download RG1T-12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HIGH FREQUENCY RG RELAYS WITH 1C AND 2C CONTACTS
RG-RELAYS
25 .984
19 .748
10.4 .409 25 .984
23 .906 9.9 .390
1 Form C
* Excellent high frequency characteristics Isolation: Min. 65dB (at 900 MHz) Insertion loss: Max. 1.0 (at 900 MHz) * Wide selection Characteristic impedance: 50 type and 75 type Coil: Single side stable and latching type * 1 A 24 V DC switching capacity * Sealed construction for automatic cleaning * High sensitivity 350W (1 Form C) in small size
2 Form C mm inch
SPECIFICATIONS
Contact
Arrangement Contact material Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Max. switching power Max. switching voltage Rating (resistive) Max. switching current Nominal switching capacity High frequency characteristics (at 900 MHz) Isolation Insertion loss V.S.W.R. Mechanical Expected life (min. operations) Electrical 1 A 24 V DC 1 Form C, 2 Form C Gold-clad silver 100 m 24 W 24 V DC 1A 1 A 24 V DC 50 Min. 65 dB Max. 1 dB Max. 1.2 5x106 105 75 Min. 65 dB Max. 1 dB Max. 2.0
Characteristics
Initial insulation resistance*1 Between open contacts Initial breakdown Between contacts and coil voltage*2 Between contacts and earth terminal Operate time*3 (at nominal voltage) Release time*3 (at nominal voltage)(without diode) Set time*3 (at nominal voltage) Reset time*3 (at nominal voltage) Min. 100 M at 500 V DC 1,000 Vrms 2,000 Vrms 500 Vrms
Coil (polarized) (at 25C, 68F)
Single side stable 1 coil latching 2 coil latching 1 Form C 350 mW 175 mW 350 mW 2 Form C 400 mW 200 mW 400 mW
Approx. 10 ms Approx. 5 ms Approx. 7 ms Approx. 7 ms Max. 55C with nominal coil voltage Temperature rise (at 20C) across coil and at nominal switching capacity Functional*4 Min. 196 m/s2 {20 G} Shock resistance 5 Destructive* Min. 980 m/s2 {100 G} 10 to 55 Hz Functional*6 at double amplitude of 2 mm Vibration resistance 10 to 55 Hz Destructive at double amplitude of 2 mm Conditions for operation, Ambient -50C to 60C transport and storage temp. -58F to 140F (Not freezing and condens5 to 85%R.H. ing at low temperature) Humidity Unit weight Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Intial breakdown voltage" section *2 Detection current: 10mA *3 Excluding contact bounce time *4 Half-wave pulse of sine wave: 11ms; detection time: 10s *5 Half-wave pulse of sine wave: 6ms *6 Detection time: 10s
1 C type 2 C type
Approx. 8 g .282 oz Approx. 10 g .353 oz
TYPICAL APPLICATIONS
* Measuring instrument * Testing equipment * CATV converter * Audio visual equipment * TV game set
ORDERING INFORMATION
Ex. RG 1 T L 5V
Contact arrangement
Characteristic impedance Nil: 75 T: 50
Operating function Nil: Single side Nil: stable L: 1 coil latching L2: 2 coil latching
Coil voltage DC: 3, 5, 6, 9, 12, 24, 48 V
1:1 Form C 2:2 Form C
Note: Standard packing; Carton: 50 pcs. Case 500 pcs.
105
RG
TYPES ANE COIL DATA (at 20C 68F)
1 Form C Single side stable
Part No. RG1-3V RG1T-3V RG1-5V RG1T-5V RG1-6V RG1T-6V RG1-9V RG1T-9V RG1-12V RG1T-12V RG1-24V RG1T-24V RG1-48V RG1T-48V Nominal voltage V DC 3 5 6 9 12 24 48 Pick-up voltage, max. V DC 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Drop-out voltage, min. V DC 0.3 0.5 0.6 0.9 1.2 2.4 4.8 Coil resistance, (10%) 25.7 71.4 103 231 411 1,646 6,583 Nominal operating current, mA 117.3 70.3 58.3 38.9 29.2 14.6 7.3 Nominal operating power, mW 350 350 350 350 350 350 350 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
1 coil latching
Part No. RG1-L-3V RG1T-L-3V RG1-L-5V RG1T-L-5V RG1-L-6V RG1T-L-6V RG1-L-9V RG1T-L-9V RG1-L-12V RG1T-L-12V RG1-L-24V RG1T-L-24V RG1-L-48V RG1T-L-48V Nominal voltage V DC 3 5 6 9 12 24 48 Set and reset voltage, V DC (max.) 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Coil resistance, (10%) 51.4 142.8 206.8 462.8 822.8 3,292.8 13,166.8 Nominal operating current, mA 58.3 35.8 29.2 19.4 14.6 7.3 3.6 Nominal operating power, mW 175 175 175 175 175 175 175 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
2 coil latching
Part No. RG1-L2-3V RG1T-L2-3V RG1-L2-5V RG1T-L2-5V RG1-L2-6V RG1T-L2-6V RG1-L2-9V RG1T-L2-9V RG1-L2-12V RG1T-L2-12V RG1-L2-24V RG1T-L2-24V RG1-L2-48V RG1T-L2-48V Nominal voltage V DC 3 5 6 9 12 24 48 Set and reset voltage, V DC (max.) 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Coil resistance, (10%) Coil 1 25.7 71.4 103 231 411 1,646 6,583 Coil 2 25.7 71.4 103 231 411 1,646 6,583 Nominal operating current, mA 117.8 70.8 58.3 38.9 29.2 14.6 7.3 Nominal operating power, mW 350 350 350 350 350 350 350 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
2 Form C Single side stable
Part No. RG2-3V RG2T-3V RG2-5V RG2T-5V RG2-6V RG2T-6V RG2-9V RG2T-9V RG2-12V RG2T-12V RG2-24V RG2T-24V RG2-48V RG2T-48V Nominal voltage V DC 3 5 6 9 12 24 48 Pick-up voltage, max. V DC 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Drop-out voltage, min. V DC 0.3 0.5 0.6 0.9 1.2 2.4 4.8 Coil resistance, (10%) 22.5 62.5 90 202.5 360 1,440 5,760 Nominal operating current, mA 133.8 80.8 66.7 44.4 33.3 16.7 8.3 Nominal operating power, mW 400 400 400 400 400 400 400 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
106
RG
1 coil latching
Part No. RG2-L-3V RG2T-L-3V RG2-L-5V RG2T-L-5V RG2-L-6V RG2T-L-6V RG2-L-9V RG2T-L-9V RG2-L-12V RG2T-L-12V RG2-L-24V RG2T-L-24V RG2-L-48V RG2T-L-48V Nominal voltage V DC 3 5 6 9 12 24 48 Set and reset voltage, V DC (max.) 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Coil resistance, (10%) 45 125 180 405 720 2,880 11,520 Nominal operating current, mA 66.7 40.8 33.3 22.2 16.7 8.3 4.2 Nominal operating power, mW 200 200 200 200 200 200 200 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
2 coil latching
Part No. RG2-L2-3V RG2T-L2-3V RG2-L2-5V RG2T-L2-5V RG2-L2-6V RG2T-L2-6V RG2-L2-9V RG2T-L2-9V RG2-L2-12V RG2T-L2-12V RG2-L2-24V RG2T-L2-24V RG2-L2-48V RG2T-L2-48V Nominal voltage V DC 3 5 6 9 12 24 48 Set and reset voltage, V DC (max.) 2.4 4.0 4.8 7.2 9.6 19.2 38.4 Coil resistance, (10%) Coil 1 22.5 62.5 90 203 360 1,440 5,760 Coil 2 22.5 62.5 90 202.5 360 1,440 5,760 Nominal operating current, mA 133.8 80.8 66.7 44.4 33.3 16.7 8.3 Nominal operating power, mW 400 400 400 400 400 400 400 Maximum allowable voltage, V DC (40C 104F) 3.6 6.0 7.2 10.8 14.4 28.8 57.6
DIMENSIONS
1 Form C type
21 .827 15 .591
mm inch
PC board pattern (Copper-side view)
2.54 .100 11-1 DIA 11-.039 DIA. 2.54 .100
5.08 15.24 .200 .600 20.32 .800 25 .984
2.61 .103
7.62 2.54 .300 19 .100 .748
9.9 .390 0.5 .020 3.7 .146
Tolerance: 0.1 .004 Schematic (Bottom view) Deenergized condition Reset condition
12 345 6 17 18 7 12 + 15 - 16 345 6 17 18 7 Set coil
3-0.5x0.4 .020x.016
Reset condition
12 - 15 + 16 345 6 17 18 7 + - Reset coil
4-0.4x0.25 .016x.010 4-0.4x0.4 .016x.016
- 15 + 16
Tolerance: 0.3 .012
Single side stable
1 coil latching
2 coil latching
107
RG
2 Form C type PC board pattern (Copper-side view)
21 .827 19 .748
mm inch
2.54 .100 9.4 .370 0.5 .020 3.7 .146 2.54 .100 18-1 DIA 18-.039 DIA.
5.08 15.24 .200 .600 20.32 .800 25 .984
6-0.5x0.4 .020x.016
2.54 .100 17.78 .700 23 .906
Tolerance: 0.1 .004 Schematic (Bottom view)
12 345 6 17 18 10 11 12 13 14 7 12 + 15 - 16 89 10 11 12 345 6 17 18 13 14 7 Set coil 12 - 15 + 16 89 10 11 12 345 6 7 Reset coil
8-0.4x0.25 .016x.010 4-0.4x0.4 .016x.016
- 15 + 16 89
17 + 18 - 13 14
General tolerance: 0.3 .012
Single side stable Deenergized condition
1 coil latching Reset condition
2 coil latching Reset condition
REFERENCE DATA
1. Isolation
RG2-12V 75 characteristic impedance
100
RG2T-12V 50 characteristic impedance
100
Isolation, dB
Isolation, dB
50
50
0
500 Frequency, MHz
1000
0
500 Frequency, MHz
1000
2. Insertion loss
RG2-12V 75 characteristic impedance RG2T-12V 50 characteristic impedance
Insertion loss, dB
5
Insertion loss, dB 0 500 Frequency, MHz 1000
5
0
0
0
500 Frequency, MHz
1000
108
RG
3. Return loss
RG2-12V 75 characteristic impedance
100
RG2T-12V 50 characteristic impedance
100
Return loss, dB
50
Return loss, dB 0 500 Frequency, MHz 1000
50
0
500 Frequency, MHz
1000
4-(1). Operate and release time (1C)
RG1-12V 6 pcs.
4-(2). Set and reset time (1C)
RG1-L2-12V 6 pcs.
4-(3). Operate and release time
(Without diode) (2C) RG2-12V 6 pcs.
15 Operate and release time, ms
15 Operate and release time, ms Operate time Release time
15 Set time Reset time
Set and reset time, ms
Operate time Release time
10 Max. Max. x x Min. Min.
10
10 Max. Max. x x Min. Min.
5
5
Max. Max. x x Min. Min.
5
0
80
100
120
0
80
100
120
0
80
100
120
Coil voltage, %V
Coil voltage, %V
Coil voltage, %V
4-(4). Set and reset time (2C)
RG2-L2-12V 6 pcs.
5-(1). Bounce time (2C)
RG2-12V 100 pcs. Nominal voltage is applied.
100 Set time Reset time 100
15
Operate bounce
Release bounce
Set and reset time, ms
Frequency
50
Frequency 0 0.5 1.0 1.5 2.0 2.5 Operate bounce, ms
10
50
5
Max. Max. x x Min. Min. 0
0
80
100 120 Coil voltage, %V
0
0
0.5 1.0 1.5 2.0 2.5 Release bounce, ms
5-(2). Bounce time (2C)
RG2-L2-12V 100 pcs. Nominal voltage is applied.
100 100
Set bounce
Reset bounce
Frequency
50
Frequency 0 0.5 1.0 1.5 2.0 2.5 Set bounce, ms
50
0
0
0
0.5 1.0 1.5 2.0 2.5 Reset bounce, ms
109
RG
6-(1). Mechanical life (1C)
RG1-12V 12 pcs.
6-(2). Mechanical life (1C latching type)
RG1-L2-12V 6 pcs.
10 Pick-up and drop-out voltage
8
Set and reset voltage, V
Max. x Min. Pick-up voltage
10 Max. Max. x x Min. Min.
8
6
6
4 Drop-out voltage 2 Max. x Min. 0 100 200 300 400 No. of operations, x104 500
4
2 Set voltage Reset voltage 0 100 200 300 400 No. of operations, x104 500
7-(1). Electrical life (10 mA 24 V DC resistive load)
RG2-12V 6 pcs.
100 Contact resistance, m
7-(2). Electrical life (1 A 24 V DC resistive load)
RG2-12V 6 pcs.
100 Contact resistance, m
80
80 Max. 60 x Min. 20
60 Max. x Min.
40
40
20
0
2
4 6 8 No. of operations, x104
10
0
2
4 6 8 No. of operations, x104
10
8-(1). Rate of change in pick-up and drop-out voltage (1C)
RG1-12V 5 pcs.
40 30 Rate of change, % 20 10 0 Drop-out voltage Pick-up voltage
RG1-L2-12V 5 pcs.
40 Set voltage 30 Rate of change, % 20 10 0 Reset voltage
-10 -20 -30 -40 -20 0 20 40 60 80 Ambient temperature, C
-10 -20 -30 -40 -20 0 20 40 60 80 Ambient temperature, C
8-(2). Rate of change in pick-up and dropout voltage (2C)
RG2-12V 5 pcs.
40 30 Rate of change, % 20 10 0 Pick-up voltage Rate of change, %
RG2-L2-12V 5 pcs.
40 30 20 10 0 -10 -20 -30 Reset voltage Set voltage
-10 Drop-out voltage -20 -30 -40 -20 0 20 40 60 80 Ambient temperature, C
-40 -20
0 20 40 60 80 Ambient temperature, C
110
RG
Test condition mm inch
Spectrum analyzer
RG relay Measurement tool
50 or 75
NM type connector
1. Characteristic impedance of all the measuring devices (signal generator and cable) is 50 or 75. 2. The PC board for the test is double side copper clad phenolic paper laminate with thickness of 1.6 mm. 3. Grounding terminal holes are plated through. 4. Grounding terminal and one of the coil terminals are soldered to the PC board to be grounded. 5. Connection with measurement instrument is made with semi-rigid cable (Uniform Tube UT 141A) and high frequency NM type connector.
A
1.5 dia. .059 40 70 2.756 1.575
1.0 dia. .039 2.5 .098 3.5 .138
Expanslon of A
40 1.575 70 2.756
PC board pattern
NOTES
1. Soldering Perform soldering under the conditions below. * Within 10s at 250C 482F * Within 5s at 300C 572F * Within 3s at 350C 662F 2. Counter voltage of DC relays If input is cut off in DC relays, a counter voltage is developed across the coil as a result of the collapse of the magnetic field. If the coil is used in a transistor circuit, the reverse voltage produced from the coil can cause a serious circuit malfunction. This counter voltage can be reduced considerably by connecting a capacitor or a diode in parallel with the coil. The level of reduction must be determined either by calculation if the coil data is available or by experiment.
(1) Capacitor SW Relay Ry E E r Capacitor Relay Ry (2) Diode SW Diode
3. Latching relay In order to assure proper operating regardless of changes in the ambient usage temperature and usage conditions, nominal operating voltage should be applied to the coil for more than 40 ms to set/reset the latching type relay.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, 111 Ltd.
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of RG1T-12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X