Part Number Hot Search : 
HYS72T25 CXA2126Q M8504 NTE6164 CS0603 SC1062A PD610 1002D
Product Description
Full Text Search
 

To Download RFL4N12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
RFL4N12, RFL4N15
4A, 120V and 150V, 0.400 Ohm, N-Channel Power MOSFETs
Description
These are N-Channel enhancement mode silicon gate power field effect transistors designed for applications such as switching regulators, switching converters, motor drivers, relay drivers and drivers for high power bipolar switching transistors requiring high speed and low gate drive power. These types can be operated directly from integrated circuits. Formerly developmental type TA9192.
September 1998
Features
[ /Title (RFL4N 12, RFL4N1 5) /Subject 4A, 20V nd 50V, .400 hm, Nhannel ower OSETs) /Author ) /Keyords Harris emionducor, Nhannel ower OSETs, O05AF) /Creator ) /DOCIN O pdfark
* 4A, 120V and 150V * rDS(ON) = 0.400 * SOA is Power Dissipation Limited * Nanosecond Switching Speeds * Linear Transfer Characteristics * High Input Impedance * Majority Carrier Device
Ordering Information
PART NUMBER RFL4N12 RFL4N15 PACKAGE TO-205AF TO-205AF BRAND RFL4N12 RFL4N15
Symbol
D
G
S
NOTE: When ordering, use the entire part number.
Packaging
JEDEC TO-205AF
DRAIN (CASE) GATE
SOURCE
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures. Copyright
(c) Harris Corporation 1998
File Number
1462.2
5-1
RFL4N12, RFL4N15
Absolute Maximum Ratings
TC = 25oC, Unless Otherwise Specified RFL4N12 Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS Drain to Gate Voltage (RGS = 1M) (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ , TSTG Maximum Temperature for Soldering Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL 120 120 4 15 20 8.33 0.0667 -55 to 150 260 RFL4N15 150 150 4 15 20 8.33 0.0667 -55 to 150 260 UNITS V V A A V W W/oC
oC oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: 1. TJ = 25oC to 125oC.
Electrical Specifications
PARAMETER
TC = 25oC, Unless Otherwise Specified SYMBOL BVDSS TEST CONDITIONS ID = 250A, VGS = 0V 120 150 VGS(TH) IDSS VGS = VDS , ID = 250A (Figure 8) VDS = Rated BVDSS VDS = 0.8 x Rated BVDSS , TC = 125oC 2 VDS = 25V, VGS = 0V, f = 1MHz (Figure 9) 40 165 90 90 4 1 25 100 1.6 0.400 60 250 135 135 850 230 100 15 V V V A A nA V ns ns ns ns pF pF pF
oC/W
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage RFL4N12 RFL4N15 Gate Threshold Voltage Zero Gate Voltage Drain Current
Gate to Source Leakage Current Drain to Source On-Voltage (Note 2) Drain to Source On Resistance (Note 2) Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse-Transfer Capacitance Thermal Resistance Junction to Case
IGSS VDS(ON) rDS(ON) td(ON) tr td(OFF) tf CISS COSS CRSS RJC
VGS = 20V, VDS = 0V ID = 4A, VGS = 10V ID = 4A, VGS = 10V (Figures 6, 7) VDD = 75V, ID 2A, RG = 50, VGS = 10V (Figures 10, 11, 12)
Source to Drain Diode Specifications
PARAMETER Source to Drain Diode Voltage (Note 2) Reverse Recovery Time NOTE: 2. Pulse Test: pulse duration 300s max, duty cycle 2%. SYMBOL VSD trr ISD = 2A ISD = 2A, dISD/dt = 100A/s 200 TEST CONDITIONS MIN TYP MAX 1.4 UNITS V ns
5-2
RFL4N12, RFL4N15 Typical Performance Curves
1.2 POWER DISSIPATION MULTIPLIER 1.0 ID, DRAIN CURRENT (A) 0 50 100 150 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 25 50 75 100 125 150
Unless Otherwise Specified
4.5 4.0
0.8 0.6 0.4 0.2
TC, CASE TEMPERATURE (oC)
TC, CASE TEMPERATURE (oC)
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs CASE TEMPERATURE
10
TC = 25oC TJ = MAX RATED ID , DRAIN CURRENT (A)
DC
20 PULSE DURATION = 250s TC = 25oC 15 VGS = 20V VGS = 10V VGS = 7V 10 VGS = 6V 5 VGS = 5V VGS = 4V VGS = 8V
ID , DRAIN CURRENT (A)
1
OP
ER
AT IO
N
OPERATION IN THIS AREA LIMITED BY rDS(ON) 0.1 RFL4N12 RFL4N15 0.01 1 100 10 VDS , DRAIN TO SOURCE VOLTAGE (V) 1000
0
0
1
2 3 4 5 6 7 8 VDS , DRAIN TO SOURCE VOLTAGE (V)
9
10
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. SATURATION CHARACTERISTICS
IDS(ON) , DRAIN TO SOURCE CURRENT (A)
20
VDS = 10V PULSE DURATION = 250s rDS(ON) , DRAIN TO SOURCE ON RESISTANCE () TC = 25oC
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 TC = -40oC TC = 25oC VGS = 10V PULSE DURATION = 250s TC = 125oC
15 TC = -40oC
10 TC = 125oC 5
TC = 125oC TC = -40oC 0 2 4 6 VGS, GATE TO SOURCE (V) 8 10
0
0 0 2 4 6 8 10 12 14 ID , DRAIN CURRENT (A) 16 18 20
FIGURE 5. TRANSFER CHARACTERISTICS
FIGURE 6. DRAIN TO SOURCE ON RESISTANCE vs DRAIN CURRENT
5-3
RFL4N12, RFL4N15 Typical Performance Curves
2.5 NORMALIZED DRAIN TOSOURCE ON RESISTANCE ID = 4A VGS = 10V NORMALIZED GATE THRESHOLD VOLTAGE 2
Unless Otherwise Specified (Continued)
1.4 1.3 1.2 1.1 1.0 0.9 0.8 0.7
ID = 250A
1.5
1
0.5 -50
0
50
100
150
200
0.6 -50
0
50
100
150
200
TJ , JUNCTION TEMPERATURE ( oC)
TJ , JUNCTION TEMPERATURE (oC)
FIGURE 7. NORMALIZED DRAIN TO SOURCE ON RESISTANCE vs JUNCTION TEMPERATURE
1200 1000 C, CAPACITANCE (pF) 800 VGS = 0V, f = 1MHz CISS = CGS + CGD CRSS = CGD COSS CDS + CGS
FIGURE 8. NORMALIZED GATE THRESHOLD VOLTAGE vs JUNCTION TEMPERATURE
150 VGS, DRAIN TO SOURCE VOLTAGE (V) GATE TO SOURCE VOLTAGE RL = 37.5 IG(REF) = 0.46mA VGS = 10V 0.75BVDSS 0.50BVDSS 0.25BVDSS 0.75BVDSS 0.50BVDSS 0.25BVDSS 10 VGS, GATE TO SOURCE VOLTAGE (V)
112.5
VDD = BVDSS
8 VDD = BVDSS 6
600 CISS 400 200 0 0 10 20 30 40 50
75
4
37.5
2
COSS CRSS 60 70
DRAIN TO SOURCE VOLTAGE 0 20 IG (REF) IG (ACT) t, TIME (s) 80 IG (REF) IG (ACT) 0
VDS , DRAIN TO SOURCE VOLTAGE (V)
NOTE: Refer to Harris Application Notes AN7254 and AN7260. FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE FIGURE 10. NORMALIZED SWITCHING WAVEFORMS FOR CONSTANT GATE CURRENT
Test Circuits and Waveforms
tON td(ON) tr RL VDS
+
tOFF td(OFF) tf 90%
90%
RG DUT
-
VDD 0
10% 90%
10%
VGS VGS 0 10%
50% PULSE WIDTH
50%
FIGURE 11. SWITCHING TIME TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
5-4


▲Up To Search▲   

 
Price & Availability of RFL4N12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X