Part Number Hot Search : 
050000 ITA10C 125NS140 1N6635US 063AP CS8156 ON2728 SDZ18V
Product Description
Full Text Search
 

To Download PC410L0NIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC410L0NIP
PC410L0NIP
s Features
1. High resistance to noise due to high common rejection voltage (CMR:MIN. 10kV/s) 2. High speed response (tpLH, tpHL:MAX.75ns) 3. Isolation voltage between input and output (Viso (rms):3.75kV) 4. Mini-flat package
High Speed Response, High CMR OPIC Photocoupler
s Outline Dimensions
6 5 4
(Unit : mm)
internal connection diagram
6 5 4
1.270.25
PC410L Anode mark
2.540.25 4.40.2
1
3
s Applications
1. Programmable controllers 2. Inverters
1 3
0.4
0.1
3.60.3 2.60.2
s Absolute Maximum Ratings
Parameter Symbol Rating *1 Forward current IF 20 Reverse voltage VR 5 Power dissipation P 40 Supply voltage VCC 7 High level output voltage VOH 7 Low level output current IOL 50 *2 Collector power dissipation PC 85 *3 3.75 Viso (rms) Isolation voltage -40 to +85 Operating temperature Topr -40 to +125 Storage temperature Tstg *4 Soldering temperature Tsol 270 Input
(Ta=25C) Unit mA V mW V V mA mW kV C C C
+0.4 0.5-0.2
0.10.1
+0.2 7.0-0.7
6
1 3
Anode Cathode
4 5 6
GND VO (Open collector) VCC
Output
"OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and signalprocessing circuit integrated onto a single chip.
*1 Refer to Fig.4 *2 Refer to Fig.5 *3 40 to 60%RH, AC for 1minute *4 For 10s
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
0.20.05
C0.4 (Input side)
5.30.3
PC410L0NIP s Electro-optical Characteristics
Parameter Forward voltage Reverse current Terminal capacitance Low level output voltage High level output current Low level supply current High level supply current "HighLow" threshold input current Isolation resistance Floating capacitance "HighLow" propagation delay time "LowHigh" propagation delay time Rise time Fall time *5 Pulse width distortion Instantaneous common mode rejection voltage "Output : High level" Response time CMR Instantaneous common mode rejection voltage "Output : Low level" Symbol VF IR Ct VOL IOH ICCL ICCH IFHL RISO Cf tPHL tPLH tr tf tW CMH CML Input (Unless otherwise spesified, Ta=-40 to 85C) TYP. MAX. MIN. Unit Conditions 1.6 - V Ta=25C, IF=10mA 1.9 - - A Ta=25C, VR=5V 10 - 60 Ta=25C, V=0, f=1MHz pF 150 - 0.4 0.6 V IOL=13mA, VCC=5.5V, IF=5mA - 0.02 100 A VCC=VO=5.5V, IF=250A - 7 mA 13 VCC=5.5V, IF=10mA VCC=5.5V, IF=0 - mA 5 10 VCC=5V, VO=0.8V, RL=350 2.5 mA - 5 Ta=25C, DC=500V, 40 to 60%RH 5x1010 1x1011 - - 0.6 - pF Ta=25C, V=0, f=1MHz Ta=25C VCC=5V, IF=7.5mA RL=350, CL=15pF IF=0 VO (Min)=2V IF=5mA VO (Max)=0.8V 25 25 - - - 10 -10 48 50 10 20 - 20 -20 75 75 - - 35 - - ns ns ns ns ns kV/s
Transfer characteristics
Output
Ta=25C VCC=5V VCM=1kV(P-P) RL=350
kV/s
Note) All typical values:at Ta=25C , VCC=5V *5 Pulse width distortion tW=tPHL-tPLH
s Recommended Operating Conditions
Parameter Low level input current High level input current Supply voltage Fanout (TTL load) Operating temperature Symbol MIN. IFL 0 IFH 8 VCC 4.5 N - Topr -40 MAX. 250 15 5.5 5 +85 Unit A mA V - C
Connect a by-pass ceramic capacitor (0.01 to 0.1F) between VCC and GND at the position within 1cm from lead pin
Fig.1 Block Diagram
6
VCC
Anode
1 5
VO
Cathode
3 4
GND
PC410L0NIP Fig.2 Test Circuit for tPHL, tPLH, tr and tf
7.5mA IF Pulse input 1 6 350 0.01F 5 VO CL 90% VO 10% tf *CL includes the probe and wiring capacitance. tr 1.5V VOL 5V 0mA tPHL tPHL 5V IF 3.75mA
3 47
4
Fig.3 Test Circuit for Common Mode Rejection Voltage
GL SW IF 1 6 350 B 0.01F A 3 VCM 5 VO CL When the switch for infrared light emitting diode sets to A. When the switch for infrared light emitting diode sets to B. VCM 0V 5V 1kV
4
VO - (IF=0mA)
5V VO(MIN.) VO(MAX.)
+
*CL includes the probe and wiring capacitance.
VO (IF=5mA)
VOL
Fig.4 Forward Current vs. Ambient Temperature
25
Fig.5 Collector Power Dissipation vs. Ambient Temperature
100 Collector power dissipation PC (mW) 85 80
Forward current IF (mA)
20
15
60
10
40
5 0 -40 -25
20
0
25
50
70 85 100
125
0 -40 -25
0
25
50
70
85 100
125
Ambient temperature Ta (C)
Ambient temperature Ta (C)
PC410L0NIP Fig.6 Forward Current vs. Forward Voltage
100 Ta=25C Ta=50C Forward current IF (mA) 10 Ta=85C Ta=0C High level output current IOH (A) 10
Fig.7 High Level Output Current vs. Ambient Temperature
100 IF=250A VCC=5.5V VO=5.5V
1
Ta=-20C 1 Ta=-40C
0.1
0.01
0.1 1.00
1.20
1.40
1.60
1.80
2.00
0.001 -40 -25
0
25
50
75
100
Forward voltage VF (V)
Ambient temperature Ta (C)
Fig.8 Low Level Output Voltage vs. Ambient Temperature
0.8 IF=5.0mA VCC=5.5V 0.6 IO=16.0mA 0.4 IO=12.8mA
Fig.9 Output Voltage vs. Forward Current
6 VCC=5.0V VO=0.8V Ta=25C
Low level output voltage VOL (V)
5 Output voltage VO (V)
4
3
IO=9.6mA 0.2 IO=6.4mA
2 RL=1k 1 RL=350 RL=4k 4 5 6
0.0 -40 -25
0 0 25 50 75 100 0 1 2 3 Ambient temperature Ta (C) Forward current IF (mA)
Fig.10 Threshold Input Current vs. Ambient Temperature
6.0 VCC=5.0V VO=0.8V RL=350
Fig.11 Propagation Delay Time vs. Forward Current
100 Propagation delay time tPHL, tPLH (ns) Ta=25C VCC=5.0V RL=350k
Threshold input current IFHL (mA)
5.0
80
4.0
60
tPLH
3.0
40 tPHL 20
2.0
1.0 0.0 -40 -25
0
25
50
75
100
0 5 10 15 20 Forward current IF (mA)
Ambient temperature Ta (C)
PC410L0NIP Fig.12 Propagation Delay Time vs. Ambient Temperature
100 Propagation delay time tPHL, tPLH (ns) IF=7.5mA VCC=5.0V RL=350k
80
60 tPLH 40 tPHL
20
0 -40 -25
0
25
50
75
100
Ambient temperature Ta (C)
NOTICE
G
The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: - - - Personal computers - -- Office automation equipment - -- Telecommunication equipment [terminal] - - - Test and measurement equipment - - - Industrial control - -- Audio visual equipment - -- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: - -- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) - - - Traffic signals - - - Gas leakage sensor breakers - - - Alarm equipment - -- Various safety devices, etc. (iii)SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: - - - Space applications - -- Telecommunication equipment [trunk lines] - -- Nuclear power control equipment - -- Medical and other life support equipment (e.g., scuba).
G
G
G
If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
G
G


▲Up To Search▲   

 
Price & Availability of PC410L0NIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X