Part Number Hot Search : 
KF13277 28F800B 05D15 CA3078E LM321 X1705 ADM692A 1N4786
Product Description
Full Text Search
 

To Download OH10010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs Hall Devices
OH10010
GaAs Hall Device
Magnetic sensor I Features
* Hall voltage: typ. 105 mV (VC = 6 V, B = 0.1 T) * Input resistance: typ. 0.75 k * Satisfactory linearity of GaAs hall voltage with respect to the magnetic field * Small temperature coefficient of the hall voltage: - 0.06%/C * Mini type (4-pin) package with positioning projection. Allowing automatic insertion through the magazine package.
0.65 0.15 4
Unit : mm
2.8 - 0.3
+ 0.2
1.5 0.2 1 0.5 R
0.65 0.15
0.4 -0.05 (0.5 R) 0.16 - 0.06
+0.1
0.95 0.95
2.9 0.2 1.9 0.2
3
2
0.5 0.1 1.1 - 0.1
+ 0.2
0.8
0 to 0.1 0.4 0.2 0.4 0.2 1.0 0.025
I Applications
* Various hall motor (VCR, phonograph, VD, CD, and FDD) * Automotive equipment * Industrial equipment * Applicable to wide-varying field (OA equipment, etc.)
1 : VH Output (-) side 2 : VC Input (-) side 3 : VH Output (+) side 4 : VC Input (+) side Mini Type Package (4-pin) with positioning projection
I Absolute Maximum Ratings Ta = 25C
Parameter Control voltage Power dissipation Operating ambient temperature Storage temperature Symbol VC PD Topr Tstg Rating 12 150 -30 to +125 -55 to +125 Unit V mW C C
Marking Symbol: ON
I Electrical Characteristics Ta = 25C
Parameter Hall voltage*1 Unequilibrium ratio*2, 4 Symbol VH VHO RIN ROUT Conditions VC = 6 V, B = 0.1 T VC = 6 V, B = 0 T IC = 1 mA, B = 0 T IC = 1 mA, B = 0 T IC = 6 mA, B = 0.1 T IC = 1 mA, B = 0 T IC = 6 mA, B = 0.1 T/0.5 T 0.5 0.75 1.5 5 -0.06 0.3 2 Min 80 Typ 105 Max 130 19 Unit mV mV k k %/C %/C %
Input resistance Output resistance Temperature coefficient of hall voltage Temperature coefficient of input resistance Linearity of hall voltage*3 Note) *1 : VH =
VH++VH- 2 *2 : Output pin voltage under no-load (B = 0) condition *3 : The linearity of VH is a percentage of a difference between cumulative sensitivity of KH1 and KH5 which are measured respectively at B = 0.1 T and 0.5 T to their average. That is, KH5-KH1 VH = (the cumulative sensitivity KH = ) 1/2(KH1+KH5) IC B *4 : VHO rank classification Class A +19 to +9 B +12 to +2 C +5 to -5 D -2 to -12 E -9 to -19
VHO (mV)
+ 0.1
1.450.2
1
OH10010
PD T a
200 180 240 B = 1 kG IC = 6 mA 200
GaAs Hall Devices
VH Ta
1 600 1 400
RIN Ta
B=0 IC = 1 mA
Power dissipation PD (mW)
160 140 120 100 80 60 40 20 0
Input resistance RIN ()
-40
Hall voltage VH (mV)
1 200 1 000 800 600 400 200
160
120
80
40
0 0 20 40 60 80 100 120 140 160
0
40
80
120
0
-40
0
40
80
120
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
VH B
1 600 1 400 VC = 6 V Ta = 25C
320 280
VH IC
B = 1 kG Ta = 25C 320 280
VH VC
B = 1 kG Ta = 25C
Hall voltage VH (mV)
Hall voltage VH (mV)
1 000 800 600 400 200 0
200 160 120 80 40 0
Hall voltage VH (mV)
0 2 4 6 8 10 12 14 16
1 200
240
240 200 160 120 80 40 0
0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
8
10
12
14
16
Magnetic flux density B (T)
Control current IC (mA)
Control voltage VC (V)
I Typical Drive Circuit
+9 V
4 3 2 1 - +
+9 V
-9 V
-9 V
-V
+V
2


▲Up To Search▲   

 
Price & Availability of OH10010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X