Part Number Hot Search : 
2SD176 HMT325 D4132 TMF1500A 32R0525 SMF28CA E1010 88ALP01
Product Description
Full Text Search
 

To Download MMBV2101L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
Preferred Device
Silicon Tuning Diodes
These devices are designed in popular plastic packages for the high volume requirements of FM Radio and TV tuning and AFC, general frequency control and tuning applications. They provide solid-state reliability in replacement of mechanical tuning methods. Also available in a Surface Mount Package up to 33 pF.
Features http://onsemi.com
* * * * *
6.8-100 pF, 30 VOLTS VOLTAGE VARIABLE CAPACITANCE DIODES
3 Cathode SOT-23 2 Cathode 1 Anode 1 Anode
High Q Controlled and Uniform Tuning Ratio Standard Capacitance Tolerance - 10% Complete Typical Design Curves Pb-Free Packages are Available
MAXIMUM RATINGS
Rating Reverse Voltage Forward Current Forward Power Dissipation @ TA = 25C MMBV21xx Derate above 25C @ TA = 25C Derate above 25C Junction Temperature Storage Temperature Range MV21xx LV2209 TJ Tstg Symbol VR IF PD 225 1.8 280 2.8 +150 -55 to +150 mW mW/C mW mW/C C C Value 30 200 Unit Vdc mAdc 1 2 3
TO-92
MARKING DIAGRAMS
SOT-23 (TO-236) CASE 318-08 STYLE 8
xxx M G G 1
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
xxx = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Reverse Breakdown Voltage (IR = 10 mAdc) MMBV21xx, MV21xx LV2209 Reverse Voltage Leakage Current (VR = 25 Vdc, TA = 25C) Diode Capacitance Temperature Coefficient (VR = 4.0 Vdc, f = 1.0 MHz) Symbol V(BR)R 30 25 IR TCC - - - - - 280 - - 0.1 - mAdc ppm/C Min Typ Max Unit Vdc 1 2 TO-92 (TO-226AC) CASE 182 STYLE 1
yy yyyy AYWW G G
yyyyyy = Specific Device Code A = Assembly Location Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
January, 2006 - Rev. 4
Publication Order Number: MMBV2101LT1/D
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
CT, Diode Capacitance VR = 4.0 Vdc, f = 1.0 MHz pF Device MMBV2101LT1 MMBV2101LT1G MMBV2101L MV2101 MV2101G MMBV2103LT1 MMBV2105LT1 MMBV2105LT1G MMBV2105L MV2105 MV2105G MMBV2107LT1 MMBV2107LT1G MMBV2107L MMBV2108LT1 MMBV2108LT1G LV2209 MMBV2109LT1 MMBV2109LT1G MMBV2109L MV2109 MV2109G Marking M4G M4G M4G MV2101 MV2101 4H 4U 4U 4U MV2105 MV2105 4W 4W 4W 4X 4X LV2209 4J 4J 4J MV2109 MV2109 Package SOT-23 SOT-23 (Pb-Free) SOT-23 TO-92 TO-92 (Pb-Free) SOT-23 SOT-23 SOT-23 (Pb-Free) SOT-23 TO-92 TO-92 (Pb-Free) SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 SOT-23 (Pb-Free) TO-92 SOT-23 SOT-23 (Pb-Free) SOT-23 TO-92 TO-92 (Pb-Free) Shipping 3,000 / Tape & Reel 3,000 / Tape & Reel Bulk (Note 1) 1,000 per Box 1,000 per Box 3,000 / Tape & Reel 3,000 / Tape & Reel 3,000 / Tape & Reel Bulk (Note 1) 1,000 per Box 1,000 per Box 3,000 / Tape & Reel 3,000 / Tape & Reel Bulk (Note 1) 3,000 / Tape & Reel 3,000 / Tape & Reel 1,000 per Box 3,000 / Tape & Reel 3,000 / Tape & Reel Bulk (Note 1) 1,000 per Box 1,000 per Box Min 6.1 6.1 6.1 6.1 6.1 9.0 13.5 13.5 13.5 13.5 13.5 19.8 19.8 19.8 24.3 24.3 29.7 29.7 29.7 29.7 29.7 29.7 Nom 6.8 6.8 6.8 6.8 6.8 10 15 15 15 15 15 22 22 22 27 27 33 33 33 33 33 33 Max 7.5 7.5 7.5 7.5 7.5 11 16.5 16.5 16.5 16.5 16.5 24.2 24.2 24.2 29.7 29.7 36.3 36.3 36.3 36.3 36.3 36.3 Q, Figure of Merit VR = 4.0 Vdc, f = 50 MHz Typ 450 450 450 450 450 400 400 400 400 400 400 350 350 350 300 300 200 200 200 200 200 200 TR, Tuning Ratio C2/C30 f = 1.0 MHz Min 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 Typ 2.7 2.7 2.7 2.7 2.7 2.9 2.9 2.9 2.9 2.9 2.9 2.9 2.9 2.9 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 Max 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. 1. MMBV2101LT1, MMBV2105LT1, MMBV2107LT1 thru MMBV2109LT1, are also available in bulk. Use the device title and drop the "T1" suffix when ordering any of these devices in bulk.
PARAMETER TEST METHODS
1. CT, DIODE CAPACITANCE
(CT = CC + CJ). CT is measured at 1.0 MHz using a capacitance bridge (Boonton Electronics Model 75A or equivalent).
2. TR, TUNING RATIO
(Boonton Electronics Model 33AS8 or equivalent). Use Lead Length [ 1/16.
4. TCC, DIODE CAPACITANCE TEMPERATURE COEFFICIENT
TR is the ratio of CT measured at 2.0 Vdc divided by CT measured at 30 Vdc.
3. Q, FIGURE OF MERIT
TCC is guaranteed by comparing CT at VR = 4.0 Vdc, f = 1.0 MHz, TA = -65C with CT at VR = 4.0 Vdc, f = 1.0 MHz, TA = +85C in the following equation, which defines TCC:
TCC + CT() 85C) - CT(-65C) 106 * 85 ) 65 CT(25C)
Q is calculated by taking the G and C readings of an admittance bridge at the specified frequency and substituting in the following equations:
Q + 2pfC G
Accuracy limited by measurement of CT to 0.1 pF.
http://onsemi.com
2
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
TYPICAL DEVICE CHARACTERISTICS
1000 500 C T , DIODE CAPACITANCE (pF) 200 100 50 20 10 5.0 2.0 1.0 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 MMBV2109LT1/MV2109 MMBV2105LT1/MV2105 MMBV2101LT1/MV2101 TA = 25C f = 1.0 MHz
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Diode Capacitance versus Reverse Voltage
1.040 NORMALIZED DIODE CAPACITANCE I R , REVERSE CURRENT (nA) 1.030 1.020 1.010 1.000 0.990 0.980 0.970 0.960 -75 -50 NORMALIZED TO CT at TA = 25C VR = (CURVE) -25 0 +25 +50 +75 TJ, JUNCTION TEMPERATURE (C) +100 +125 VR = 4.0 Vdc VR = 30 Vdc VR = 2.0 Vdc 100 50 20 10 5.0 2.0 1.0 0.50 0.20 0.10 0.05 0.02 0.01 TA = 75C TA = 125C
TA = 25C
0
5.0
10 15 20 VR, REVERSE VOLTAGE (VOLTS)
25
30
Figure 2. Normalized Diode Capacitance versus Junction Temperature
5000 3000 2000 Q, FIGURE OF MERIT 1000 500 300 200 100 50 30 20 10 1.0 2.0 10 3.0 5.0 7.0 VR, REVERSE VOLTAGE (VOLTS) MMBV2101LT1/MV2101 MMBV2109LT1 Q, FIGURE OF MERIT 5000 3000 2000 1000 500 300 200 100 50 30 20 30 10 10
Figure 3. Reverse Current versus Reverse Bias Voltage
MMBV2101LT1/MV2101
TA = 25C f = 50 MHz 20
TA = 25C VR = 4.0 Vdc 20
MMBV2109LT1/MV2109
30 50 70 100 f, FREQUENCY (MHz)
200
250
Figure 4. Figure of Merit versus Reverse Voltage
Figure 5. Figure of Merit versus Frequency
http://onsemi.com
3
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
3 SEE VIEW C
E
1 2
HE c b e q 0.25
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
A L A1 L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 8: PIN 1. ANODE 2. NO CONNECTION 3. CATHODE
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035
SCALE 10:1
0.8 0.031
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
4
MMBV2101LT1 Series, MV2105, MV2101, MV2109, LV2209
PACKAGE DIMENSIONS
TO-92 (TO-226AC) CASE 182-06 ISSUE L
A
B
SEATING PLANE
R D K L
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND ZONE R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.050 BSC 0.100 BSC 0.014 0.016 0.500 --- 0.250 --- 0.080 0.105 --- 0.050 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.21 4.32 5.33 3.18 4.19 0.407 0.533 1.27 BSC 2.54 BSC 0.36 0.41 12.70 --- 6.35 --- 2.03 2.66 --- 1.27 2.93 --- 3.43 ---
XX D G H V C N
SECTION X-X
1
2
N
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
5
EE EE
P
J
DIM A B C D G H J K L N P R V
STYLE 1: PIN 1. ANODE 2. CATHODE
MMBV2101LT1/D


▲Up To Search▲   

 
Price & Availability of MMBV2101L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X