Part Number Hot Search : 
MAX20070 M54HC257 CM160 ZL10100 SMC62 D471K 2100D H224J
Product Description
Full Text Search
 

To Download MMBTA56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MPSA56 / MMBTA56 / PZTA56
MPSA56
MMBTA56
C
PZTA56
C
E C B
E C B
TO-92
E
SOT-23
Mark: 2G
B
SOT-223
PNP General Purpose Amplifier
This device is designed for general purpose amplifier applications at collector currents to 300 mA. Sourced from Process 73.
Absolute Maximum Ratings*
Symbol
VCES VCBO VEBO IC TJ, Tstg Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous
TA = 25C unless otherwise noted
Parameter
Value
80 80 4.0 500 -55 to +150
Units
V V V mA C
Operating and Storage Junction Temperature Range
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3) All voltages (V) and currents (A) are negative polarity for PNP transistors.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient MPSA56 625 5.0 83.3 200
Max
*MMBTA56 350 2.8 357 **PZTA56 1,000 8.0 125
Units
mW mW/C C/W C/W
*Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06." **Device mounted on FR-4 PCB 36 mm X 18 mm X 1.5 mm; mounting pad for the collector lead min. 6 cm2.
1997 Fairchild Semiconductor Corporation
MPSA56 / MMBTA56 / PZTA56
PNP General Purpose Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO V(BR)CBO V(BR)EBO ICEO ICBO Collector-Emitter Breakdown Voltage* Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Cutoff Current Collector-Cutoff Current IC = 1.0 mA, IB = 0 IC = 100 A, IE = 0 IE = 100 A, IC = 0 VCE = 60 V, IB = 0 VCB = 80 V, IE = 0 80 80 4.0 0.1 0.1 V V V A A
ON CHARACTERISTICS
hFE VCE(sat) VBE(on) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter On Voltage IC = 10 mA, VCE = 1.0 V IC = 100 mA, VCE = 1.0 V IC = 100 mA, IB = 10 mA IC = 100 mA, VCE = 1.0 V 100 100 0.25 1.2 V V
SMALL SIGNAL CHARACTERISTICS
fT Current Gain - Bandwidth Product IC = 100 mA, VCE = 1.0 V, f = 100 MHz 50 MHz
*Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%
NOTE: All voltages (V) and currents (A) are negative polarity for PNP transistors.
Spice Model
PNP (Is=12.27p Xti=3 Eg=1.11 Vaf=100 Bf=91.63 Ne=1.531 Ise=12.27p Ikf=1.009 Xtb=1.5 Br=1.287 Nc=2 Isc=0 Ikr=0 Rc=.6 Cjc=48.28p Mjc=.5615 Vjc=.75 Fc=.5 Cje=106.7p Mje=.5168 Vje=.75 Tr=496.3n Tf=865.8p Itf=.2 Vtf=2 Xtf=.8 Rb=10)
Typical Characteristics
V CESAT - COLLECTOR EMITTE R VOLTAGE (V)
TYP ICAL PULSED CURRE NT GAIN
Typical Pulsed Current Gain vs Collector Current
300 250 200 150
25 C 125 C
Collector-Emitter Saturation Voltage vs Collector Current
0.8 = 10 0.6
VCE = 1V
0.4
25 C
100 50
- 40 C
0.2
- 40 C 125 C
FE -
h
0.001
0.01 0.1 I C - COLLECTOR CURRENT (A)
0 10
100 I C - COLLECTOR CURRE NT (mA)
MPSA56 / MMBTA56 / PZTA56
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
V BE( ON)- BAS E EMITTER ON VOLTAGE (V)
V BESAT - BASE EM ITTE R VOLTAGE (V)
Base-Emitter Saturation Voltage vs Collector Current
1.2 = 10
Base Emitter ON Voltage vs Collect or Current
1.2 V CE = 1V 1
- 40 C
1
- 40 C
0.8 0.6 0.4 0.2 0 0.1
25 C 125 C
0.8
25 C 125 C
0.6
0.4 10
100 I C - COLLECTOR CURRE NT (mA)
1000
1 10 100 I C - COLLECTOR CURRENT (mA)
1000
Collector-Cutoff Current vs Ambient Temperature
I CBO - COLLECTOR CURRENT (nA) 10 V CB = 60V 1 CAPACITANCE (pF)
100
Input and Output Capacitance vs Reverse Voltage
f = 1.0 MHz
C ib
0.1
0.01
Cob 0.001 25 50 75 100 T A - AMBIENT TEMPERATURE ( C) 125
0.1 1 10 100
V CE - COLLECTOR VOLTAGE (V)
V CE - COLLECTOR-EMITTER VOLTAGE (V)
Collector Saturation Region
10
f T - GAIN BANDWIDTH PRODUCT (MHz)
Gain Bandwidth Product vs Collector Current
350 300 250 200 150 100 50 0 1 10 100
8
T A = 25C
VCE = 5V
6
IC =
4
1 mA
10 mA
100 mA
2
0 3000
5000
10000
20000
30000
50000
I B - BASE CURRENT (uA)
IC - COLLECTOR CURRENT (mA)
MPSA56 / MMBTA56 / PZTA56
PNP General Purpose Amplifier
(continued)
Typical Characteristics
(continued)
Power Dissipation vs Ambient Temperature
1 P D - POWER DISSIPATION (W)
0.75
SOT-223 TO-92
0.5
SOT-23
0.25
0
0
25
50 75 100 TEMPERATURE ( oC)
125
150
TO-92 Tape and Reel Data
TO-92 Packaging Configuration: Figure 1.0
TAPE and REEL OPTION
FSCINT Label sample
FAIRCHILD SEMICONDUCTOR CORPORATION LOT:
CBVK741B019
HTB:B QTY: 10000
See Fig 2.0 for various Reeling Styles
NSID:
PN2222N
SPEC:
D/C1:
D9842
SPEC REV: QA REV:
B2
FSCINT Label
(FSCINT)
5 Reels per Intermediate Box F63TNR Label Customized Label 375mm x 267mm x 375mm Intermediate Box
F63TNR Label sample
LOT: CBVK741B019 FSID: PN222N D/C1: D9842 D/C2: QTY1: QTY2: QTY: 2000 SPEC: SPEC REV: CPN: N/F: F
Customized Label
(F63TNR)3
TO-92 TNR/AMMO PACKING INFROMATION
Packing Reel Style A E Ammo M P Quantity 2,000 2,000 2,000 2,000 EOL code D26Z D27Z D74Z D75Z
AMMO PACK OPTION
See Fig 3.0 for 2 Ammo Pack Options
Unit weight = 0.22 gm Reel weight with components = 1.04 kg Ammo weight with components = 1.02 kg Max quantity per intermediate box = 10,000 units
FSCINT Label 327mm x 158mm x 135mm Immediate Box Customized Label 5 Ammo boxes per Intermediate Box F63TNR Label 333mm x 231mm x 183mm Intermediate Box
Customized Label
(TO-92) BULK PACKING INFORMATION
EOL CODE J18Z J05Z NO EOL CODE DESCRIPTION TO-18 OPTION STD TO-5 OPTION STD TO-92 STANDARD STRAIGHT FOR: PKG 92, 94 (NON PROELECTRON SERIES), 96 TO-92 STANDARD STRAIGHT FOR: PKG 94 (PROELECTRON SERIES BCXXX, BFXXX, BSRXXX), 97, 98 LEADCLIP DIMENSION NO LEAD CLIP NO LEAD CLIP NO LEADCLIP QUANTITY 2.0 K / BOX 1.5 K / BOX 2.0 K / BOX
BULK OPTION
See Bulk Packing Information table Anti-static Bubble Sheets
FSCINT Label
L34Z
NO LEADCLIP
2.0 K / BOX
2000 units per EO70 box for std option
114mm x 102mm x 51mm Immediate Box
5 EO70 boxes per intermediate Box 530mm x 130mm x 83mm Intermediate box Customized Label
FSCINT Label 10,000 units maximum per intermediate box for std option
(c)2001 Fairchild Semiconductor Corporation
March 2001, Rev. B1
TO-92 Tape and Reel Data, continued
TO-92 Reeling Style Configuration: Figure 2.0
Machine Option "A" (H) Machine Option "E" (J)
Style "A", D26Z, D70Z (s/h)
Style "E", D27Z, D71Z (s/h)
TO-92 Radial Ammo Packaging Configuration: Figure 3.0
FIRST WIRE OFF IS COLLECTOR ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON TOP FIRST WIRE OFF IS EMITTER ADHESIVE TAPE IS ON THE TOP SIDE FLAT OF TRANSISTOR IS ON BOTTOM
ORDER STYLE D74Z (M)
ORDER STYLE D75Z (P)
FIRST WIRE OFF IS EMITTER (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON BOTTOM
FIRST WIRE OFF IS COLLECTOR (ON PKG. 92) ADHESIVE TAPE IS ON BOTTOM SIDE FLAT OF TRANSISTOR IS ON TOP
September 1999, Rev. B
TO-92 Tape and Reel Data, continued
TO-92 Tape and Reel Taping Dimension Configuration: Figure 4.0
Hd P Pd
b Ha H1 HO d L L1 W1 S WO W2 W
t
t1 P1 F1 P2 DO ITEM DESCRIPTION PO Base of Package to Lead Bend Component Height Lead Clinch Height Component Base Height Component Alignment ( side/side ) Component Alignment ( front/back ) Component Pitch Feed Hole Pitch Hole Center to First Lead Hole Center to Component Center Lead Spread Lead Thickness Cut Lead Length Taped Lead Length Taped Lead Thickness Carrier Tape Thickness SYMBOL b Ha HO H1 Pd Hd P PO P1 P2 F1/F2 d L L1 t t1 W WO W1 W2 DO S DIMENSION 0.098 (max) 0.928 (+/- 0.025) 0.630 (+/- 0.020) 0.748 (+/- 0.020) 0.040 (max) 0.031 (max) 0.500 (+/- 0.020) 0.500 (+/- 0.008) 0.150 (+0.009, -0.010) 0.247 (+/- 0.007) 0.104 (+/- 0 .010) 0.018 (+0.002, -0.003) 0.429 (max) 0.209 (+0.051, -0.052) 0.032 (+/- 0.006) 0.021 (+/- 0.006) 0.708 (+0.020, -0.019) 0.236 (+/- 0.012) 0.035 (max) 0.360 (+/- 0.025) 0.157 (+0.008, -0.007) 0.004 (max)
User Direction of Feed
TO-92 Reel Configuration: Figure 5.0
Carrier Tape Width Hold - down Tape Width Hold - down Tape position Feed Hole Position Sprocket Hole Diameter Lead Spring Out
Note : All dimensions are in inches.
ELECT ROSTATIC SEN SITIVE D EVICES
D4
D1 ITEM DESCRIPTION SYSMBOL MINIMUM MAXIMUM
F63TNR Label Customized Label
D2
Reel Diameter Arbor Hole Diameter (Standard) (Small Hole) Core Diameter Hub Recess Inner Diameter Hub Recess Depth Flange to Flange Inner Width W1 Hub to Hub Center Width W3 Note: All dimensions are inches
D1 D2 D2 D3 D4 W1 W2 W3
13.975 1.160 0.650 3.100 2.700 0.370 1.630
14.025 1.200 0.700 3.300 3.100 0.570 1.690 2.090
W2
D3
July 1999, Rev. A
TO-92 Package Dimensions
TO-92 (FS PKG Code 92, 94, 96)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.1977
(c)2000 Fairchild Semiconductor International
January 2000, Rev. B
SOT-23 Tape and Reel Data
SOT-23 Packaging Configuration: Figure 1. 0
Customized La bel
Packaging Description:
SOT-23 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a m ultilayer film (Heat Activated Adhesive in na ture) primarily composed of polyester film, adhesive layer, sealan and an t, ti-static sprayed agent. These reeled pa in stan rd option are shippe with rts da d 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color an is made of polystyrene plastic (antid static coated Othe option comes in 10,000 units per 13" ). r or 330cm diameter reel. This and s ome other options are describe in the P d ackaging Information table. These full reels are individua labele an placed inside lly dd as tanda intermediate made of recyclable corrugated rd brown pap with a Fairchil d logo printing. One pizza box er contains eight reels maximum. And thes intermed e iate boxes are placed inside a labeled shipping box which comes in different sizes depending on t e nu h mber of parts shippe d.
Antistatic Cover Tape
Human Readable Label
Embossed Carrier Tape
3P
SOT-23 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code ) TNR 3,000 7" Dia 187x107x183 24,000 0.0082 0.1175 D87Z TNR 10,000 13" 343x343x64 30,000 0.0082 0.4006
3P
3P
3P
SOT-23 Unit Orientation
343mm x 342mm x 64mm Intermediate box for L87Z Option Human Readable Label
Human Readable Label sample
H uman readable Label
SOT-23 Tape Leader and Trailer Configuration: Figure 2. 0
187mm x 107mm x 183mm Intermediate Box for Stand Option ard
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 75 empt y poc kets Leader Tape 500mm minimum or 125 empty pockets
(c)2000 Fairchild Semiconductor International
September 1999, Rev. C
SOT-23 Tape and Reel Data, continued
SOT-23 Embossed Carrier Tape Configuration: Figure 3.0
P0 T E1 P2 D0 D1
F E2 B0 Wc
W
Tc K0
P1
A0
User Direction of Feed
Dimensions are in millimeter Pkg type SOT-23 (8mm)
A0
3.15 +/-0.10
B0
2.77 +/-0.10
W
8.0 +/-0.3
D0
1.55 +/-0.05
D1
1.125 +/-0.125
E1
1.75 +/-0.10
E2
6.25 min
F
3.50 +/-0.05
P1
4.0 +/-0.1
P0
4.0 +/-0.1
K0
1.30 +/-0.10
T
0.228 +/-0.013
Wc
5.2 +/-0.3
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOT-23 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
8mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
2.165 55 4.00 100
Dim W1
0.331 +0.059/-0.000 8.4 +1.5/0 0.331 +0.059/-0.000 8.4 +1.5/0
Dim W2
0.567 14.4 0.567 14.4
Dim W3 (LSL-USL)
0.311 - 0.429 7.9 - 10.9 0.311 - 0.429 7.9 - 10.9
8mm
13" Dia
September 1999, Rev. C
SOT-23 Package Dimensions
SOT-23 (FS PKG Code 49)
1:1
Scale 1:1 on letter size paper
Dimensions shown below are in: inches [millimeters]
Part Weight per unit (gram): 0.0082
(c)2000 Fairchild Semiconductor International
September 1998, Rev. A1
SOT-223 Tape and Reel Data
SOT-223 Packaging Configuration: Figure 1.0
Customized Label
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a multilayer film (Heat Activated Adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. The reels are dark blue in color and is made of polystyrene plastic (antistatic coated). Other option comes in 500 units per 7" or 177cm diameter reel. This and some other options are further described in the Packaging Information table. These full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. One box contains two reels maximum. And these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped.
F63TNR Label Antistatic Cover Tape
Static Dissipative Embossed Carrier Tape
F852 014
SOT-223 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code) TNR 2,500 13" Dia 343x64x343 5,000 0.1246 0.7250 D84Z TNR 500 7" Dia 184x187x47 1,000 0.1246 0.1532
F852 014
F852 014
F852 014
SOT-223 Unit Orientation
343mm x 342mm x 64mm Intermediate box for Standard
F63TNR Label
F63TNR Label 184mm x 184mm x 47mm Pizza Box for D84Z Option
F63TNR Label sample
LOT: CBVK741B019 FSID: PN2222A QTY: 3000 SPEC:
SOT-223 Tape Leader and Trailer Configuration: Figure 2.0
D/C1: D9842 D/C2:
QTY1: QTY2:
SPEC REV: CPN: N/F: F
(F63TNR)3
Carrier Tape Cover Tape
Components Trailer Tape 300mm minimum or 38 empty pockets Leader Tape 500mm minimum or 62 empty pockets
(c)2000 Fairchild Semiconductor International
September 1999, Rev. B
SOT-223 Tape and Reel Data, continued
SOT-223 Embossed Carrier Tape Configuration: Figure 3.0
T E1
P0
D0
F K0 Wc B0 E2 W
Tc A0 P1 D1
User Direction of Feed
Dimensions are in millimeter Pkg type SOT-223 (12mm)
A0
6.83 +/-0.10
B0
7.42 +/-0.10
W
12.0 +/-0.3
D0
1.55 +/-0.05
D1
1.50 +/-0.10
E1
1.75 +/-0.10
E2
10.25 min
F
5.50 +/-0.05
P1
8.0 +/-0.1
P0
4.0 +/-0.1
K0
1.88 +/-0.10
T
0.292 +/0.0130
Wc
9.5 +/-0.025
Tc
0.06 +/-0.02
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum Typical component cavity center line
0.5mm maximum
B0 20 deg maximum component rotation
0.5mm maximum
Sketch A (Side or Front Sectional View)
Component Rotation
A0 Sketch B (Top View)
Typical component center line
Sketch C (Top View)
Component lateral movement
SOT-223 Reel Configuration: Figure 4.0
Component Rotation
W1 Measured at Hub
Dim A Max
Dim A max
Dim N
See detail AA
7" Diameter Option
B Min Dim C See detail AA W3
Dim D min
13" Diameter Option
W2 max Measured at Hub DETAIL AA
Dimensions are in inches and millimeters
Tape Size
12mm
Reel Option
7" Dia
Dim A
7.00 177.8 13.00 330
Dim B
0.059 1.5 0.059 1.5
Dim C
512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2
Dim D
0.795 20.2 0.795 20.2
Dim N
5.906 150 7.00 178
Dim W1
0.488 +0.078/-0.000 12.4 +2/0 0.488 +0.078/-0.000 12.4 +2/0
Dim W2
0.724 18.4 0.724 18.4
Dim W3 (LSL-USL)
0.469 - 0.606 11.9 - 15.4 0.469 - 0.606 11.9 - 15.4
12mm
13" Dia
July 1999, Rev. B
SOT-223 Package Dimensions
SOT-223 (FS PKG Code 47)
1:1
Scale 1:1 on letter size paper
Part Weight per unit (gram): 0.1246
(c)2000 Fairchild Semiconductor International
September 1999, Rev. C
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of MMBTA56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X