Part Number Hot Search : 
07000 EPS13D2 MP142 0100CT 93533P1 MUR104 SDH20UF OV426
Product Description
Full Text Search
 

To Download MMBD4148A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-23 Plastic-Encapsulate Diodes
MMBD4148A/SE/CC/CA SWITCHING DIODE
FEATURES Power dissipation PD : 350 mW Tamb=25ae(c) Forward Current IF : 200 mA Reverse Voltage VR : 100 V ( IR =100|I ) A Operating and storage junction temperature range T J T stg: -55aeto +150
SOT 23
Unit : mm
MMBD4148A Marking:5H
MMBD4148CA Marking:D6
MMBD4148CC Marking:KD5
MMBD4148SE Marking:D4
ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Reverse breakdown voltage Symbol V(BR)
unless
Test
otherwise
specified(c)
MIN 100 75 25 5 1 4 4 MAX UNIT V nA |I A V pF ns
conditions
IR= 100|I A IR= 5|I A VR=25V VR=75V IF=10mA VR=0 f=1MHz V =6V R RL=100|
Reverse voltage Forward Diode voltage
leakage current
IR VF CD t rr
capacitance
Reverse recovery time
IF =10mA IRR=1.0mA
SOT-23 PACKAGE OUTLINE DIMENSIONS
D b
|E
0.2
E1
E
L1 e e1 C A1 A2 Symbol A A1 A2 b c D E E1 e e1 L L1 |E 0.300 0 1.800 0.550REF 0.500 8 0.012 0 Dimensions In Millimeters Min 0.900 0.000 0.900 0.300 0.080 2.800 1.200 2.250 0.950TPY 2.000 0.071 0.022REF 0.020 8 Max 1.100 0.100 1.000 0.500 0.150 3.000 1.400 2.550 Min 0.035 0.000 0.035 0.012 0.003 0.110 0.047 0.089 0.037TPY 0.079 A Dimensions In Inches Max 0.043 0.004 0.039 0.020 0.006 0.118 0.055 0.100 L


▲Up To Search▲   

 
Price & Availability of MMBD4148A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X