Part Number Hot Search : 
C0603 1N4063 KMB001 PD121XL4 APTM1 GE13007 S2103 IRSF3031
Product Description
Full Text Search
 

To Download KBP103G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP101G THRU KBP107G
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
KBP
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction High surge current capability High temperature soldering guaranteed: 260 / 10 seconds at 5 lbs., ( 2.3 kg ) tension Leads solderable per MIL-STD-202, Method 208 Small size, simple installation
.460(11.68) .420(10.6) AC .035(0.9) .028(0.7) .5 (12.7) MIN
.160(4.1) SPACING .140(3.6)
.600(15.24) .560(14.22)
.153(3.9) .146(3.7)
.050(1.27)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Symbol KBP KBP KBP Type Number 101G 102G 103G 50 100 200 Maximum Recurrent Peak Reverse Voltage VRRM 35 70 140 Maximum RMS Voltage VRMS 50 100 200 Maximum DC Blocking Voltage VDC
Maximum Average Forward Rectified Current @TA = 50 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Typical Thermal Resistance (Note) Operating Temperature Range Storage Temperature Range
KBP KBP KBP KBP Units 104G 105G 106G 107G
400 280 400 1.0 30 1.0
600 420 600
800 1000 560 700 800 1000
V V V A A V uA uA /W
I(AV) IFSM VF
IR
RJA RJL TJ
TSTG Note: Thermal Resistance from Junction to Ambient and from Junction to lead Mounted on P.C.B. With 0.2" x 0.2" (5mm x 5mm) Copper Pads.
10 500 28 10 -55 to +150 -55 to +150
- 626 -
RATINGS AND CHARACTERISTIC CURVES (KBP101G THRU KBP107G)
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
2.0 AVERAGE FORWARD CURRENT. (A)
PEAK FORWARD SURGE CURRENT. (A)
50
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
40
1.5
30
1.0
20
10
5
0
1
2
4
6
8 10
20
40
60 80 100
0
20
40
60
80
100
o
120
140
160
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
10.0
FIG.4- TYPICAL REVERSE CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
0 Tj=125C
1.0
10
0.1 Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
1
0.01 .6
.7
.8
.9
1.0
1.1
1.2
1.3
1.4
INSTANTANEOUS FORWARD VOLTAGE. (V)
0.1 0
Tj=25 0C 140
20 40 60 80 100 120 PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
- 627 -


▲Up To Search▲   

 
Price & Availability of KBP103G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X