Part Number Hot Search : 
G1H10 ML1XX6 C407AN ISL5121 5671A4 KBP201 ML2502 ER502
Product Description
Full Text Search
 

To Download IRF1010EPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 94965A
IRF1010EPBF
l l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated Lead-Free
HEXFET(R) Power MOSFET
D
VDSS = 60V RDS(on) = 12m
G S
ID = 84A
Advanced HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
Description
TO-220AB
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
84 59 330 200 1.4 20 50 17 4.0 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.50 ---
Max.
0.75 --- 62
Units
C/W
www.irf.com
1
07/04/07
IRF1010EPBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss EAS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Single Pulse Avalanche Energy
Min. 60 --- --- 2.0 69 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 12 m VGS = 10V, ID = 50A 4.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 50A 25 VDS = 60V, VGS = 0V A 250 VDS = 48V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 130 ID = 50A 28 nC VDS = 48V 44 VGS = 10V, See Fig. 6 and 13 --- VDD = 30V --- ID = 50A ns --- RG = 3.6 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact 3210 --- VGS = 0V 690 --- VDS = 25V 140 --- pF = 1.0MHz, See Fig. 5 1180320 mJ IAS = 50A, L = 260H
Typ. --- 0.064 --- --- --- --- --- --- --- --- --- --- 12 78 48 53
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 84 showing the A G integral reverse --- --- 330 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 50A, VGS = 0V --- 73 110 ns TJ = 25C, IF = 50A --- 220 330 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by Starting TJ = 25C, L = 260H
max. junction temperature. (See fig. 11)
Pulse width 400s; duty cycle 2%. This is a typical value at device destruction and represents
operation outside rated limits.
ISD 50A, di/dt 230A/s, VDD V(BR)DSS,
TJ 175C
RG = 25, IAS = 50A, VGS =10V (See Figure 12) This is a calculated value limited to TJ = 175C . Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A.
2
www.irf.com
IRF1010EPBF
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
4.5V
10
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
1 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 84A
I D , Drain-to-Source Current (A)
2.5
TJ = 25 C TJ = 175 C
2.0
100
1.5
1.0
0.5
10
V DS = 25V 20s PULSE WIDTH 4 5 6 7 8 9 10 11
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF1010EPBF
6000 5000 VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd Coss = C + C ds gd
20
ID = 50A VDS = 48V VDS = 30V VDS = 12V
VGS , Gate-to-Source Voltage (V)
C, Capacitance(pF)
16
4000
Ciss
3000
12
Coss
2000
8
1000
Crss
4
0 1 10 100
VDS, Drain-to-Source Voltage (V)
0
FOR TEST CIRCUIT SEE FIGURE 13
0 20 40 60 80 100 120 140
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
100
TJ = 175 C
ID, Drain-to-Source Current (A)
100 100sec
10
1
TJ = 25 C
10 Tc = 25C Tj = 175C Single Pulse 1 10
1msec
0.1 0.0
V GS = 0 V
0.6 1.2 1.8 2.4
10msec 100 1000
1
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF1010EPBF
100
LIMITED BY PACKAGE
80
VDS VGS RG
RD
D.U.T.
+
ID , Drain Current (A)
-VDD
60
V GS
Pulse Width 1 s Duty Factor 0.1 %
40
20
Fig 10a. Switching Time Test Circuit
VDS 90%
0
25
50
75
100
125
150
175
TC , Case Temperature ( C)
Fig 9. Maximum Drain Current Vs. Case Temperature
10% VGS
td(on) tr t d(off) tf
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1, Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF1010EPBF
15V
EAS , Single Pulse Avalanche Energy (mJ)
800
TOP
600
VDS
L
DRIVER
BOTTOM
ID 20A 35A 50A
RG
20V VGS
D.U.T
IAS tp
+ V - DD
A
400
0.01
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
200
0
25
50
75
100
125
150
175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF1010EPBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T*
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRF1010EPBF
TO-220AB Package Outline (Dimensions are shown in millimeters (inches))
TO-220AB Part Marking Information
@Y6 HQG@) U CDTADTA6IADSA GPU A8P9@A A DIU@SI6U DPI6G ( A! S@8UDAD@S GPBP 96U@A8P9@ Ir)AAQAAvAhr i yAyvrAvv vqvphrAAGr hq AAArrA 6TT@H7G GPUA8P9@ @6SA A2 A! X@@FA GDI@A8 ( Q6SU AIVH 7@S & '( 6TT@H7G@9APIAXXA DIAUC@A6TT@H7GAGDI@AA8A
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 07/2007
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF1010EPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X