Part Number Hot Search : 
HAF2017L NV23K 2SD2678 SL322 CSMA380 C548C SMBJ45 ADE7757
Product Description
Full Text Search
 

To Download IDT74FCT162374ATPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374AT/CT/ET
FEATURES:
* * * * * * * * 0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) VCC = 5V 10% Balanced Output Drivers: 24mA Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C * Available in SSOP and TSSOP packages
DESCRIPTION:
The FCT162374T 16-bit edge-triggered D-type registers are built using advanced dual metal CMOS technology. These high-speed, low-power registers are ideal for use as buffer registers for data synchronization and storage. The Output Enable (xOE) and clock (xCLK) controls are organized to operate each device as two 8-bit registers or one 16-bit register with common clock. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The FCT162374T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times-reducing the need for external series terminating resistors.The FCT162374T are plug-in replacements for the FCT16374T and ABT16374 for on-board bus interface applications.
FUNCTIONAL BLOCK DIAGRAM
1O E
2O E
1C LK
2C LK
1D 1
D
1O 1
2D 1
D
2O 1
C
C
TO SEVEN OTHER CHANNELS
TO SEVEN OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2006 Integrated Device Technology, Inc.
JUNE 2006
DSC-5453/6
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1OE 1O1 1O2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to 120 Unit V V C mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
1CLK 1D1 1D2
VTERM(2) VTERM(3) TSTG IOUT
GND
1O3 1O4
GND
1D3 1D4
VCC
1O5 1O6
VCC
1D5 1D6
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXX Output and I/O terminals. 3. Output and I/O terminals terminals for FCT162XXX.
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
1O7 1O8 2O1 2O2
GND
1D7 1D8 2D1 2D2
NOTE: 1. This parameter is measured at characterization but not tested.
GND
2O3 2O4
GND
2D3 2D4
PIN DESCRIPTION
Pin Names xDx xCLK xOx xOE Data Inputs Clock Inputs 3-State Outputs 3-State Outputs Enable Input (Active LOW) Description
VCC
2O5 2O6
VCC
2D5 2D6
GND
2O7 2O8 2OE
GND
2D7
FUNCTION TABLE(1)
Inputs Function xDx X X Load L H L H
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance = LOW-to-HIGH transition
Outputs xOE H H L L H H
xCLK L H
xOx
Z Z L H Z Z
2D8 2CLK
Hi-Z
SSOP/ TSSOP TOP VIEW
Register
2
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%
Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) IIL Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) IOZH IOZL VIK IOS VH ICCL ICCH ICCZ High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min IOH = -24mA VIN = VIH or VIL VCC = Min IOL = 24mA VIN = VIH or VIL Min 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. The test limit for this parameter is 5A at TA = -55C.
3
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = GND One Input Togging 50% Duty Cycle VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = GND fi = 5MHz 50% Duty Cycle One Bit Toggling VCC = Max. Outputs Open fCP = 10MHz 50% Duty Cycle xOE = GND Sixteen BitsTogging fi = 2.5MHz 50% Duty Cycle VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
0.6
1.5
mA
--
1.1
3
VIN = VCC VIN = GND
--
3
5.5(5)
VIN = 3.4V VIN = GND
--
7.5
19(5)
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW tSK(o) Parameter Propagation Delay xCLK to xOx Output Enable Time Output Disable Time Set-up Time HIGH or LOW, xDx to xCLK Hold Time HIGH or LOW, xDx to xCLK xCLK Pulse Width HIGH or LOW Output Skew(3) Condition(1) CL = 50pF RL = 500 74FCT162374AT Min.(2) Max. 2 6.5 1.5 1.5 2 1.5 5 -- 6.5 5.5 -- -- -- 0.5 74FCT162374CT Min.(2) Max. 2 5.2 1.5 1.5 2 1.5 5 -- 5.5 5 -- -- -- 0.5 74FCT162374ET Min.(2) Max. 1.5 3.7 1.5 1.5 1.5 0 3(4) -- 4.4 3.6 -- -- -- 0.5 Unit ns ns ns ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. 4. This limit is guaranteed but not tested.
5
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT
SWITCH POSITION
Test
7.0V
Switch Closed Open
Open Drain Disable Low Enable Low All Other Tests
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuit for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ DISABLE 3V 1.5V 0V 3.5V 0.3V VOL
Propagation Delay Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
6
IDT74FCT162374AT/CT/ET FAST CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT XX FCT Temp. Range XXX Family XXXX Device Type XX Package
PV PVG PA PAG 374AT 374CT 374ET
Shrink Small Outline Package SSOP - Green Thin Shrink Small Outline Package TSSOP - Green 16-Bit Register (3-State)
162
Double-Density, 5 Volt, Balanced Drive
74
- 40C to +85C
CORPORATE HEADQUARTERS 6024 Silver Creek Valley Road San Jose, CA 95138
for SALES: 800-345-7015 or 408-284-8200 fax: 408-284-2775 www.idt.com
for Tech Support: logichelp@idt.com
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT162374ATPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X