Part Number Hot Search : 
CEB6030 AX9311 SI230 FRL9130D UF200 0805CS PJSD15TS M2165
Product Description
Full Text Search
 

To Download ICSSSTUAF32868A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATASHEET
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
CONFIDENTIAL
ICSSSTUAF32868A
Description
This 28-bit 1:2 configurable registered buffer is designed for 1.7V to 1.9V VDD operation. All inputs are compatible with the JEDEC standard for SSTL_18, except the chip-select gate-enable (CSGEN), control (C), and reset (RESET) inputs, which are LVCMOS. All outputs are edge-controlled circuits optimized for unterminated DIMM loads, and meet SSTL_18 specifications, except the open-drain error (QERR) output. The ICSSSTUAF32868A operates from a differential clock (CLK and CLK). Data are registered at the crossing of CLK going high and CLK going low. The device supports low-power standby operation. When RESET is low, the differential input receivers are disabled, and undriven (floating) data, clock, and reference voltage (Vref) inputs are allowed. In addition, when RESET is low, all registers are reset and all outputs are forced low except QERR. The LVCMOS RESET and C inputs must always be held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the low state during power up. In the DDR2 RDIMM application, RESET is specified to be completely asynchronous with respect to CLK and CLK. Therefore, no timing relationship can be ensured between the two. When entering reset, the register will be cleared and the data outputs will be driven low quickly, relative to the time to disable the differential input receivers. However, when coming out of reset, the register will become active quickly, relative to the time to enable the differential input receivers. As long as the data inputs are low, and the clock is stable during the time from the low-to-high transition of RESET until the input receivers are fully enabled, the design of the ICSSSTUAF32868A must ensure that the outputs will remain low, thus ensuring no glitches on the output. The ICSSSTUAF32868A includes a parity checking function. Parity, which arrives one cycle after the data input to which it applies, is checked on the PAR_IN input of the device. The corresponding QERR output signal for the data inputs is generated two clock cycles after the data, to which the QERR signal applies, is registered. The ICSSSTUAF32868A accepts a parity bit from the memory controller on the parity bit (PAR_IN) input, compares it with the data received on the DIMM-independent D-inputs (D1-D5, D7, D9-D12, D17-D28 when C = 0; or D1-D12, D17-D20, D22, D24-D28 when C = 1) and indicates whether a parity error has occurred on the open-drain
QERR pin (active low). The convention is even parity, i.e., valid parity is defined as an even number of ones across the DIMM-independent data inputs combined with the parity input bit. To calculate parity, all DIMM-independent D-inputs must be tied to a known logic state. If an error occurs and the QERR output is driven low, it stays latched low for a minimum of two clock cycles or until RESET is driven low. If two or more consecutive parity errors occur, the QERR output is driven low and latched low for a clock duration equal to the parity error duration or until RESET is driven low. If a parity error occurs on the clock cycle before the device enters the low-power (LPM) and the QERR output is driven low, then it stays lateched low for the LPM duration plus two clock cycles or until RESET is driven low. The DIMM-dependent signals (DCKE0, DCKE1, DODT0, DODT1, DCS0 and DCS1) are not included in the parity check computation. The C input controls the pinout configuration from register-A configuration (when low) to register-B configuration (when high). The C input should not be switched during normal operation. It should be hardwired to a valid low or high level to configure the register in the desired mode. The device also supports low-power active operation by monitoring both system chip select (DCS0 and DCS1) and CSGEN inputs and will gate the Qn outputs from changing states when CSGEN, DCS0, and DCS1 inputs are high. If CSGEN, DCS0 orDCS1 input is low, the Qn outputs will function normally. Also, if both DCS0 and DCS1 inputs are high, the device will gate the QERR output from changing states. If either DCS0 orDCS1 is low, the QERR output will function normally. The RESET input has priority over the DCS0 and DCS1 control and when driven low will force the Qn outputs low, and the QERR output high. If the chip-select control functionality is not desired, then the CSGEN input can be hard-wired to ground, in which case, the setup-time requirement for DCS0 and DCS1 would be the same as for the other D data inputs. To control the low-power mode with DCS0 and DCS1 only, then the CSGEN input should be pulled up to Vdd through a pullup resistor. The two VREF pins (A1 and V1) are connected together internally by approximately 150. However, it is necessary to connect only one of the two VREF pins to the external VREF power supply. An unused VREF pin should be terminated with a VREF coupling capacitor.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
1
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Features
* 28-bit 1:2 registered buffer with parity check functionality * Supports SSTL_18 JEDEC specification on data inputs
and outputs
Applications
* DDR2 Memory Modules * Provides complete DDR DIMM solution with
ICS98ULPA877A or IDTCSPUA877A
* Supports LVCMOS switching levels on CSGEN and
RESET inputs
* Ideal for DDR2 400, 533, and 667
* Low voltage operation: VDD = 1.7V to 1.9V * Available in 176-ball LFBGA package
Block Diagram
M2
RESET
CLK CLK VREF
L1 M1
A5, AB5
DCKE0, DCKE1
D1, C1
2 2
F2, E2
D
2
QCKE0A, QCKE1A
CK R
Q
H8, F8
QCKE0B, QCKE1B QODT0A, QODT1A
DODT0, DODT1
N1, P1
2 2
N2, P2
D CK R Q
2
M7, M8
QODT0B, QODT1B
DCS0
K1
D CK R Q
K2
QCS0A
L7
QCS0B
CSGEN
L2
DCS1
J1
D CK R Q
J2
QCS1A
L8
QCS1B
One of 22 Channels
D1
A2
D
CE CK Q
A7
Q1A
R
A8
Q1B
TO 21 OTHER CHANNELS (D2-D5, D7, D9-D12, D17-D28)
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Parity Logic Diagram
M2
RESET
CLK CLK
L1 M1
D1-D5, D7, D9-D12, D17-D28 VREF
A5, AB5
22
D1-D5, D7, D9-D12, D17-D28
22
D CK R CE Q
22
D1-D5, D7, D9-D12, D17-D28
22
22
Q1A-Q5A, Q7A, Q9A-Q12A, Q17A-Q28A Q1B-Q5B, Q7B, Q9B-Q12B, Q17B-Q28B
D1-D5, D7, D9-D12, D17-D28
22
PAR_IN
L3
D CK R CE Q Parity Generator and Error Check
M3
QERR
DCS0
K1
D CK R Q
K2
QCS0A
L7
QCS0B
CSGEN
L2
DCS1
J1
D CK R Q
J2
QCS1A
L8
QCS1B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
3
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Block Diagram
M2
RESET
CLK CLK VREF
L1 M1
A5, AB5
DCKE0, DCKE1
W1, Y1
2 2
U2, V2
D
2
QCKE0A, QCKE1A
CK R
Q
R8, U8
QCKE0B, QCKE1B QODT0A, QODT1A
DODT0, DODT1
K1, J1
2 2
K2, J2
D CK R Q
2
L7, L8
QODT0B, QODT1B
DCS0
N1
D CK R Q
N2
QCS0A
M7
QCS0B
CSGEN
L2
DCS1
P1
D CK R Q
P2
QCS1A
M8
QCS1B
One of 22 Channels
A2
D1
D CE CK R Q
A7
Q1A
A8
Q1B
TO 21 OTHER CHANNELS (D2-D12, D17-D20, D22, D24-D28)
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
4
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Parity Logic Diagram
M2
RESET
CLK CLK
L1 M1
D1-D12, D17-D20, D22, D24-D28 VREF
A5, AB5
22
D1-D12, D17-D20, D22, D24-D28
22
D CK R CE Q
D1-D12, D17-D20, D22, D24-D28
22
22
Q1A-Q12A, Q17A-Q20A, Q22A, Q24A-Q28A Q1B-Q12B, Q17B-Q20B, Q22B, Q24B-Q28B
22 22
D1-D12, D17-D20, D22, D24-D28
PAR_IN
L3
D CK R CE Q Parity Generator and Error Check
M3
QERR
DCS0
N1
D CK R Q
N2
QCS0A
M7
QCS0B
CSGEN
L2
DCS1
P1
D CK R Q
P2
QCS1A
M8
QCS1B
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
5
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Pin Configuration
1 A B C D E F G H J K L M N P R T U V W Y AA AB 2 3 4 5 6 7 8
176 BALL BGA TOP VIEW
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
6
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Pin Configuration
A B C D E F G H J K L M N P R T U V W Y AA AB
D2 D4 D6 (DCKE1) D8 (DCKE0) D9 D10 D1 D3 D5 D7 Q6A (QCKE1A) Q8A (QCKE0A) Q10A Q12A C VDD GND VDD GND VDD GND VDD GND VDD GND VDD VREF VDD GND VDD GND VDD GND VDD GND VDD GND VDD Q1A Q2A Q3A Q4A Q5A Q7A Q1B Q2B Q3B Q4B Q5B Q6B (QCKE0B) Q7B Q8B (QCKE0B) Q9B
A B C D E F G H J K L M N P R T U V W Y AA AB
D2 D4 D6 D8
D1 D3 D5 D7 Q6A Q8A
C VDD GND VDD GND VDD
GND VDD GND VDD GND VDD
VREF VDD GND VDD GND VDD
GND VDD GND VDD GND VDD
Q1A Q2A Q3A Q4A Q5A Q7A
Q1B Q2B Q3B Q4B Q5B Q6B
D9 D10
D11 D12
GND VDD
GND VDD
GND VDD
GND VDD
Q9A Q11A
D11 D12 D13 (DODT1) D14 (DODT0) CLK CLK D15 (DCS0) D16 (DCS1) D17 D18
Q10A Q12A Q13A (QODT1A) Q14A (QODT0A) CSGEN RESET Q15A (QCS0A) Q16A (QCS1A) Q17A Q19A Q21A (QCKE0A) Q23A (QCKE1A) D22 D24
GND VDD
GND VDD
GND VDD
GND VDD
Q9A Q11A
Q7B Q8B
DCS1
QCS1
GND
GND
GND
GND
Q10B
GND
GND
GND
GND
Q10B
Q9B
DCS0 CLK CLK D15 (DODT0) D16 (DODT1) D17 D18
QCS0 CSGEN RESET Q15A (QODT0A) Q16A (QODT1A) Q17A Q19A
VDD PAR_IN QERR
VDD GND VDD
VDD GND VDD
VDD GND VDD
Q12B Q14B (QCS0B) Q15B (QODT0B) Q17B
Q11B Q13B (QCS1B) Q16B (QODT1B) Q18B
VDD PAR_IN QERR GND
VDD GND VDD
VDD GND VDD
VDD GND VDD
Q12B Q14B (QODT0B) Q15B (QCS0B) Q17B
Q11B Q13B (QODT1B) Q16B (QCS1B) Q18B
GND
GND
GND
GND
GND
GND
GND
VDD GND VDD
VDD GND VDD
VDD GND VDD
VDD GND VDD
Q19B Q18A Q20A
Q20B Q21B Q22B
VDD GND VDD
VDD GND VDD
VDD GND VDD
VDD GND VDD
Q19B Q18A Q20A
Q20B Q21B (QCKE0B) Q22B Q23B (QCKE1B) Q24B
D19 D20
Q21A Q23A
GND VDD
GND VDD
GND VDD
GND VDD
Q22A Q24A
Q23B Q24B
D19 D20 D21 (DCKE0) D23 (DCKE1) D25 D27
GND VDD
GND VDD
GND VDD
GND VDD
Q22A Q24A
D21 D23
D22 D24
GND VDD
GND VDD
GND VDD
GND VDD
Q25A Q26A
Q25B Q26B
GND VDD
GND VDD
GND VDD
GND VDD
Q25A Q26A
Q25B Q26B
D25 D27
D26 D28
GND NC
GND VDD
GND VREF
GND VDD
Q27A Q28A
Q27B Q28B
D26 D28
GND NC
GND VDD
GND VREF
GND VDD
Q27A Q28A
Q27B Q28B
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
1:2 REGISTER A (C = 0)
NOTE: NC denotes a no-connect (ball present but not connected to the die).
1:2 REGISTER B (C = 1)
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
7
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Function Table
Inputs1 RESET
H H H H H H H H H H H H H H H L 1
Outputs CLK
L or H L or H L or H L or H L or H
DCS0
L L L L L L L L L H H H H H H X or Floating
DCS1
L L L H H H L L L H H H H H H X or Floating
CSGEN
X X X X X X X X X L L L H H H X or Floating
CLK
L or H L or H L or H L or H L or H
Dx, DODT, DCKE
L H X L H X L H X L H X L H X
Qn
L H Q 02 L H Q 02 L H Q 02 L H Q 02 Q 02 Q 02 Q 02 L
QCS0 QCS1 QODT, QCKE
Q 02
Q 02
Q02
Q 02
Q 02
Q02
Q 02
Q 02
Q02
Q 02
Q 02
Q02
Q 02 L
Q 02 L
Q02 L
X or X or X or Floating Floating Floating
2
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW to HIGH = HIGH to LOW Output Level before the indicated steady-state conditions were established.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
8
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Parity and Standby Function Table
Inputs1 RESET
H H H H H H H H H H L 1
Outputs of Inputs = H (D1 - D28)
Even Odd Even Odd Even Odd Even Odd X X X or Floating
DCS0
L L L L X X X X H X X or Floating
DCS1
X X X X L L L L H X X or Floating
CLK
X or Floating
CLK
X or Floating
PAR_IN2
L L H H L L H H X X X or Floating
QERR3
H L L H H L L H QERR04 QERR0 H
H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care = LOW to HIGH = HIGH to LOW 2 PAR_IN arrives one clock cycle after the data to which it applies. 3 This transition assumes QERR is HIGH at the crossing of CLK going HIGH and CLK going LOW. If QERR is LOW, it stays latched LOW for two clock cycles or until RESET is driven LOW. 4 If DCS0, DCS1, and CSGEN are driven HIGH, the device is placed in low-power mode (LPM). If a parity error occurs on the clock cycle before the device enters the LPM and the QERR output is driven LOW, it stays latched LOW for the LPM plus two clock cycles or until RESET is driven LOW.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
9
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Absolute Maximum Ratings
Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Supply Voltage, VDD Input Voltage Range, VI Output Voltage Range,
1
Rating
-0.5V to 2.5V -0.5V to VDD + 2.5V -0.5V to VDDQ + 0.5V 50mA 50mA 50mA 100mA 40.4C/W 29.1C/W -65 to +150C 0m/s Airflow 1m/s Airflow
VO1,2
Input Clamp Current, IIK Output Clamp Current, IOK Continuous Output Clamp Current, IO Continuous Current through each VDD or GND Package Thermal Impedance (ja)3 Storage Temperature
1 The input and output negative voltage ratings may be exceeded if the ratings of the I/P and O/P clamp current are observed. 2 This current will flow only when the output is in the high state level VO > VDDQ. 3 The package thermal impedance is calculated in accordance with JESD 51.
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
VDD = 1.8V 0.1V Parameter
dV/dt_r dV/dt_f dV/dt_ 1
1
Min.
1 1
Max.
4 4 1
Units
V/ns V/ns V/ns
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
10
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Terminal Functions
Terminal Name
GND VDD VREF CLK CLK C RESET CSGEN
Electrical Characteristics
Ground Input 1.8V nominal 0.9V nominal Differential Input Differential Input LVCMOS Input LVCMOS Input LVCMOS Input Ground Power Supply Voltage Input Reference Clock
Description
Positive Master Clock Input Negative Master Clock Input Configuration Control Inputs - Register A or Register B Asynchronous Reset Input. Resets registers and disables Vref data and clock differential-input receivers. Chip select gate enable - When high, D1-D28 inputs will be latched only when at least one chip select input is low during the rising edge of the clock. When low, the D1-D28 inputs will be latched and redriven on every rising edge of the clock. Data Input. Clocked in on the crossing of the rising edge of CLK and the falling edge of CLK. Chip select inputs - These pins initiate DRAM address/command decodes, and as such at least one will be low when a valid address/command is present. The Register can be programmed to redrive all D inputs (CSGEN high) only when at least one chip select input is low. If CSGEN, DCS0, and DCS1 inputs are high, D1-D28 inputs will be disabled. The outputs of this register bit will not be suspended by the DCS0 and DCS1 controls The outputs of this register bit will not be suspended by the DCS0 and DCS1 controls Parity Input arrives one cycle after corresponding data input Data Outputs that are suspended by the DCS0 and DCS1 controls Data Output that will not be suspended by the DCS0 and DCS1 controls Data Output that will not be suspended by the DCS0 and DCS1 controls Data Output that will not be suspended by the DCS0 and DCS1 controls Output Error bit, generated one cycle after the corresponding data output No Connection
D1 - D28 DCS0, DCS1
SSTL_18 Input SSTL_18 Input
DCKE0, DCKE1 DODT0, DODT1 PAR_IN Q1 - Q28 QCS0, QCS1 QCKE0, QCKE1 QODT0, QODT1 QERR NC
SSTL_18 Input SSTL_18 Input SSTL_18 Input 1.8V CMOS 1.8V CMOS 1.8V CMOS 1.8V CMOS Open Drain Output
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
11
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Operating Characteristics, TA = 25C
The RESET and Cn inputs of the device must be held at valid levels (not floating) to ensure proper device operation. The differential inputs must not be floating unless RESET is Low. Symbol VDD VREF VTT VI VIH VIL VIH VIL VIH VIL VICR VID IOH IOL TA
Parameter
I/O Supply Voltage Reference Voltage Termination Voltage Input Voltage AC High-Level Input Voltage AC Low-Level Input Voltage DC High-Level Input Voltage DC Low-Level Input Voltage High-Level Input Voltage Low-Level Input Voltage Common Mode Input Range Differential Input Voltage High-Level Output Current Low-Level Output Current Operating Free-Air Temperature Data CSR and PAR_IN inputs RESET, C0, C1 CLK, CLK
Min.
1.7 0.49 * VDD VREF - 0.04 0 VREF + 0.25
Typ.
1.8 0.5 * VDD VREF
Max.
1.9 0.51 * VDD VREF + 0.04 VDD VREF - 0.25
Units
V V V V
VREF + 0.125 VREF - 0.125 0.65 * VDDQ 0.35 * VDDQ 0.675 600 -6 6 0 +70 1.125
V
V V mV mA C
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
12
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
DC Electrical Characteristics Over Operating Range
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = 0C to +70C, VDDQ/VDD = 2.5V 0.2V. Symbol VOH VOL IIL
Parameter
Output HIGH Voltage Output LOW Voltage All Inputs Static Standby
Test Conditions
IOH = -6mA, VDDQ = 1.7V IOL = 6mA, VDDQ = 1.7V VI = VDD or GND; VDD = 1.9V IO = 0, VDD = 1.9V, RESET = GND IO = 0, VDD = 1.9V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK = CLK = VIH(AC) or VIL(AC) IO = 0, VDD = 1.9V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK = VIH(AC), CLK = VIL(AC) IO = 0, VDD = 1.8V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle IO = 0, VDD = 1.8V, RESET = VDD, VI = VIH(AC) or VIL(AC), CLK and CLK switching 50% duty cycle. One data input switching at half clock frequency, 50% duty cycle. VI = VREF 250mV VICR = 0.9V, VIPP = 600mV VI = VDD or GND
Min.
1.2
Typ.
Max.
0.5
Units
V V A A
-5
+5 200 10
IDD
Static Operating
200
mA
Dynamic Operating (clock only) IDDD Dynamic Operating (per each data input) 1:2 mode Data Inputs CI CLK and CLK RESET
260
A/Clock MHz A/Clock MHz/ Data 3.5 4 pF
75
2 2.5 5
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
13
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Timing Requirements Over Recommended Operating Free-Air Temperature Range
VDD = 1.8V 0.1V Symbol
fCLOCK tW tACT
1,2 1,3
Parameter
Clock Frequency Pulse Duration, CLK, CLK HIGH or LOW Differential Inputs Active Time Differential Inputs Inactive Time DCS0 before CLK, CLK, DCS1 and CSGEN HIGH; DCS1 before CLK, CLK, DCS0 and CSGEN HIGH;
Min.
1
Max.
410 10 15
Units
MHz ns ns ns ns ns
tINACT
0.7 0.5
tSU
Setup Time
DCS0 before CLK, CLK, DCS1 LOW and CSGEN HIGH or LOW; DCS1 before CLK, CLK, DCS0 LOW and CSGEN HIGH or LOW DODTn, DCKEn, PAR_IN, and data before CLK, CLK
0.5 0.5 0.5
ns ns ns
tH
Hold Time
DCSn, DODT,n DCKEn, and data after CLK, CLK PAR_IN after CLK, CLK
1 This parameter is not production tested. 2 VREF must be held at a valid input voltage level and data inputs must be held at valid voltage levels for a minimum time of tACT (max) after RESET is taken HIGH. 3 VREF data and clock inputs must be held at valid input voltage levels (not floating) for a minimum time of tINACT (max) after RESET is taken LOW.
Switching Characteristics Over Recommended Free Air Operating Range (unless otherwise noted)
VDD = 1.8V 0.1V Symbol
fMAX tPDM tPDMSS tLH tHL tPLH tPHL
Parameter
Max Input Clock Frequency Propagation Delay, single bit switching, CLK to CLK to Qn Propagation Delay, simultaneous switching, CLK to CLK to Qn LOW to HIGH Propagation Delay, CLK to CLK to QERR HIGH to LOW Propagation Delay, CLK to CLK to QERR HIGH to LOW Propagation Delay, RESET to Qn LOW to HIGH Propagation Delay, RESET to QERR
Min.
410 1.3 1.2 1
Max.
1.9 2 3 2.4 3 3
Units
MHz ns ns ns ns ns ns
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
14
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Register Timing
RESET
CSGEN
DCS0
DCS1 n CLK n +1 n+2 n+3 n+4
CLK tACT Dn, DODTn, DCKEn tPDM, tPDMSS CLK to Q Qn, QODTn, QCKEn tSU PARIN tPHL CLK to QERR QERR Data to QERR Latency tPHL, tPLH CLK to QERR tH tSU tH
H, L, or X
H or L
NOTES: 1.After RESET is switched from LOW to HIGH, all data and PAR_IN inputs signals must be set and held LOW for a minimum time of tACTMAX, to avoid false error. 2.If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
15
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Register Timing
NOTE: 1.If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse. If an error occurs and the QERR output is driven LOW, it stays latched LOW for a minimum of two clock cycles or until RESET is driven LOW.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
16
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Register Timing
RESET tINACT
CSGEN
DCS0
DCS1
CLK
CLK
Dn, DODTn, DCKEn tRPHL RESET to Q Qn, QODTn, QCKEn
PARIN
QERR tRPLH RESET to QERR
H, L, or X
H or L
NOTE: 1.After RESET is switched from LOW to HIGH, all data and clock inputs signals must be set and held at valid logic levels (not floating) for a minimum time of tINACTMAX.
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
17
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Test Circuits and Waveforms (VDD = 1.8V 0.1V)
VDD
VDD/2
RL = 1K
DUT
TL = 50 CLK Inputs CLK CLK Test Point RL = 100 Test Point Out CL = 30 pF TL = 350ps, 50
ZO = 50
Test Point Test Point
DUT
CLK Test Point Out CLK RL = 50 ZO = 50
Test Point RL = 1K
CLK Inputs ZO = 50
Production-Test Load Circuit Simulation Load Circuit
CLK CLK VICR tPLH Output VTT VICR tPHL VOH VTT VOL VID
LVCMOS RESET Input tINACT IDD
VDD VDD/2 VDD/2 0V tACT 90% 10%
LVCMOS RESET Input
Voltage Waveforms - Propagation Delay Times
VIH VDD/2 VIL tRPHL VOH
Voltage and Current Waveforms Inputs Active and Inactive Times
Output
VTT VOL
tW Input VICR VICR VID
Voltage Waveforms - Propagation Delay Times NOTES: 1. CL includes probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA 3. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, Zo = 50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VTT = VREF = VDD/2 6. VIH = VREF + 250mV (AC voltage levels) for differential inputs. VIH = VDD for LVCMOS input. 7. VIL = VREF - 250mV (AC voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. VID = 600mV. 9. tPLH and tPHL are the same as tPDM.
Voltage Waveforms - Pulse Duration
CLK VICR CLK tSU Input VREF tH VIH VREF VIL VID
Voltage Waveforms - Setup and Hold Times
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
18
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Test Circuits and Waveforms (VDD = 1.8V 0.1V)
VDD VDD
DUT
Out
RL = 50 Test Point
DUT
Out
RL = 1K Test Point
CL = 10 pF
CL = 10 pF
Load Circuit: High-to-Low Slew-Rate Adjustment
Load Circuit: Error Output Measurements
Output 80%
VOH
LVCMOS RESET Input tPLH
VCC VCC/2 0V
20% dv_f dt_f VOL
VOH Output Waveform 2 0.15V 0V
Voltage Waveforms: High-to-Low Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output Low-to-High Transition Time (with respect to RESET input)
DUT
Out CL = 10 pF Test Point RL = 50
Timing Inputs
VICR tHL
VICR
VI(PP)
Output Waveform 1
VCC VCC/2 VOL
Load Circuit: Low-to-High Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output High-to-Low Transition Time (with respect to clock inputs)
dt_r dv_r 80% VOH
Timing Inputs
VICR tHL
VICR
VI(PP)
VOH
20% Output VOL
Output Waveform 2
0.15V
0V
Voltage Waveforms: Low-to-High Slew-Rate Adjustment
Voltage Waveforms: Open Drain Output Low-to-High Transition Time (with respect to clock inputs)
NOTES: 1. CL includes probe and jig capacitance. 2. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, Zo = 50, input slew rate = 1 V/ns 20% (unless otherwise specified).
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
19
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Package Outline and Package Dimensions - BGA
Package dimensions are kept current with JEDEC Publication No. 95
C SEATING PLANE A1 T b REF 4 3 2 1 A B C D Alpha Designations for Vertical Grid (Letters I, O, Q, and S not used) d TYP D1 Numeric Designations for Horizontal Grid
D
-e- TYP
TOP VIEW E h TYP 0.12 C E1
c REF
-e- TYP
ALL DIMENSIONS IN MILLIMETERS BALL GRID d T Min/Max e D E Horiz Vert Total Min/Max 15.00 Bsc 6.00 Bsc 0.94/1.20 0.65 Bsc 8 22 176 0.35/0.45 h Min/Max 0.25/0.35 REF. DIMS D1 E1 b c 13.65 Bsc 4.55 Bsc 0.675 0.725 ***
NOTE: Ball grid total indicates maximum ball count for package. Lesser quantity may be used. * Source Ref.: JEDEC Publication 95, MO-205*, MO-255**, MO-246*** 10-0055
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
20
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Ordering Information
ICSSSTUAF XX Family XX XXX Device Type Package X Shipping Carrier T Tape and Reel
HLF
Low Profile, Fine Pitch, Ball Grid Array - Lead-Free
868A
28-Bit Configurable Registered Buffer for DDR2
32
Double Density
28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
21
ICSSSTUAF32868A
7094/14
ICSSSTUAF32868A 28-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015 408-284-8200 Fax: 408-284-2775
Corporate Headquarters
Integrated Device Technology, Inc. 6024 Silver Creek Valley Road San Jose, CA 95138 United States 800 345 7015 +408 284 8200 (outside U.S.)
Asia Pacific and Japan
Integrated Device Technology Singapore (1997) Pte. Ltd. Reg. No. 199707558G 435 Orchard Road #20-03 Wisma Atria Singapore 238877 +65 6 887 5505
Europe
IDT Europe, Limited Prime House Barnett Wood Lane Leatherhead, Surrey United Kingdom KT22 7DE +44 1372 363 339
(c) 2006 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT and the IDT logo are trademarks of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks are or may be trademarks or registered trademarks used to identify products or services of their respective owners. Printed in USA


▲Up To Search▲   

 
Price & Availability of ICSSSTUAF32868A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X