Part Number Hot Search : 
486DX2 00051 TD301 9LV16 LX1660 LA112 1N444 LA112
Product Description
Full Text Search
 

To Download H13A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT MICROPROCESSOR CRYSTAL
FEATURES LEAD FREE TIGHT TOLERANCE AND STABILITY TO 10 PPM WIDE FREQUENCY RANGE SPECIFICATIONS
FREQUENCY RANGE MODE OF OSCILLATION FREQUENCY TOLERANCE AT 25C FREQUENCY STABILITY OVER TEMPERATURE OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE AGING LOAD CAPACITANCE EQUIVALENT SERIES RESISTANCE (ESR) SHUNT CAPACITANCE DRIVE LEVEL REFLOW CONDITIONS 6.00 MHz TO 100.00 MHz (6.00 TO 50.00 MHz) FUNDAMENTAL (40.00 TO 100.00 MHz) THIRD OVERTONE 50 PPM MAXIMUM (10 PPM, 30 PPM AVAILABLE) 50 PPM MAXIMUM (10 PPM, 30 PPM AVAILABLE) -10C TO +60C STANDARD -30C TO +85C EXTENDED -40C TO +85C 5 PPM PER YEAR MAX. 12 pF TO 32 pF OR SERIES SEE TABLE 7.0 pF MAXIMUM 1 W TO 100 W 260 C FOR 10 s MAX 2 REFLOWS MAX
SERIES H13A
FREQUENCY E SR (OHM ) FREQUE NCY E SR (OHM ) FRE QUE NCY ES R (OHM ) (FUND) MAX (FUND) M AX (3OT) MAX 6.00 100 23.040 35 40.00 65 7.60 60 24.00 35 40.320 65 8.00 60 24.576 35 44.2368 65 10.00 60 27.00 35 52.416 65 12.288 60 28.00 35 56.448 65 14.31818 45 28.63636 35 66.667 65 14.7456 45 29.4912 35 70.00 65 15.00 45 32.00 35 80.00 65 15.360 45 36.00 35 90.00 65 16.00 35 40.00 35 92.00 65 16.9344 35 40.320 35 98.304 65 18.432 35 48.00 35 100.00 65 19.6608 35 49.152 35 20.00 35 50.00 35
SOLDER REFLOW PROFILE
OUTLINE DRAWING
mm Scale none Dimension in inch
CARRIER TAPE DIMENSIONS
PIN CONNECTION
1.55 .05 DIA .06 .002 DIA 7.5 0.1 .295 .004 2 0.1 .079 .004 1.75 0.1 .069 .004 .295 .004 7.5 0.1 1.8 0.1 .071 .004
MARKING AREA
.197 .006
5.0 0.15
4 0.1 .16 .004
7.0 0.15 .276 .006
4.5 .177
SOLDER PATTERN
2.2 .087
1.1 0.2 .043 .008
8.0 0.1
2.2 .087
.315 .004
4.1 .161
PACKAGING 255mm REEL DIAMETER 16mm TAPE WIDTH, 8mm PITCH QUANTITY: 1000 PIECES PER REEL
PART NUMBERING SYSTEM
HOLDER TYPE H13A IN MHz FREQUENCY LOAD CAPACITANCE 12 TO 32 pF FOR PARALLEL S FOR SERIES MODE F FUNDAMENTAL 3OT THIRD OVERTONE TOLERANCE / STABILITY (PPM/PPM) EXAMPLES: 1030, 3030 EXTENDED TEMPERATURE EXT TAPE AND REEL TR
EXAMPLE: H13A-24.576-18-T
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
2.4 .094
16 0.3 .630 .012
2.0 .079


▲Up To Search▲   

 
Price & Availability of H13A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X