Part Number Hot Search : 
E28F400 CRBV5 PE3675LF CS98100 D6025 15GN03MA WSA460 S2055
Product Description
Full Text Search
 

To Download GSF10A40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FRD
FEATURES
Type :
GSF10A40
OUTLINE DRAWING
* Similar to TO-220AB Case * Ultra - Fast Recovery * Low Forward Voltage Drop * Low Power Loss, High Efficiency * High Surge Capability * 200 Volts thru 600 Volts Types Available
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Non-repetitive Peak Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque Symbol VRRM VRSM IO IF(RMS) IFSM Tjw Tstg 0.5 120 10
Approx Net Weight:1.85g GSF10A40 400 440 50 Hz Half Sine Wave Tc=95C Resistive Load 15.7 50 Hz Half Sine Wave,1cycle Non-repetitive - 40 to + 150 - 40 to + 150 Recommended value
Unit
V A A A C C N*m
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Reverse Recovery Time Thermal Resistance Symbol IRM VFM Conditions Min. Typ. Max. Unit 30 1.30 45 4 A V ns C/W Tj= 25C, VRM= VRRM Tj= 25C, IFM= 10A IFM= 10A, trr -di/dt= 50 A/s, Ta= 25C Rth(j-c) Junction to Case
GSF10A40 OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of GSF10A40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X