Part Number Hot Search : 
28F800 SAA2023 SMB10 ESJC07 SAA2023 ESJC07 R1100 H2014
Product Description
Full Text Search
 

To Download GBPC25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC 12, 15, 25, 35 SERIES
Discrete POWER & Signal Technologies
GBPC 12, 15, 25, 35 SERIES
Features *
Integrally molded heatsink provided very low thermal resistance for maximum heat dissipation. Surge overload rartings from 300 amperes to 400 amperes. Isolated voltage from case to lead over 2500 volts.
H OL E F OR #10 SCR EW 0.22(5.59) 0.20(5.08) D IA 1.14(29.0) 1.12(28.5) 0.692(17.6) 0.612(15.5)
GBPC
0.25(6.35) 1.14(29.0) 1.12(28.5) 0.692(17.6) 0.612(15.5)
+ ~
~ -
0.752(19.1) 0.672(17.1)
*
0.602(15.3) 0.522(13.3)
0.442(11.23) 0.432(10.97)
*
0.96(24.5) 0.85(21.5)
H OLE FOR #10 SCR EW 0.22(5.59) 0.20(5.08) D IA
1.14(29.0) 1.12(28.5) 0.752(19.1) 0.672(17.1)
Suffix "W"
Wire Lead Structure
-
GBPC-W
1.14(29.0) 1.12(28.5)
Suffix "M"
Terminal Location Face to Face
~
0.752(19.1) 0.672(17.1)
0.442(11.23) 0.432(10.97)
0.042(1.07) 0.038(0.97)
~
1.2(30.5) MI N
+
Dimensions are in: inches (mm)
0.490(12.4) 0.410(10.4)
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers
Absolute Maximum Ratings*
Symbol
IO Averag e Rectified Curr @ T A = 55C en t
TA = 25C unless otherwise noted
Parameter
GBPC 12 GBPC 15 GBPC 25 GBPC 35
Value
12 15 25 35 300 400 83.3 666 1.5 -55 to +150
Units
A A A A A A W m W/C C/W C C
if(surge)
PD RJL Tstg TJ
Peak F or w ard Surge C u rrent GBPC 15, 25 12, 8.3 m s single half- sine- w ave Superimposed on rate d load (JEDEC method GBPC35 ) Total D evice Dissipati on Derate a bove 2C 5 Ther m a l Resistance, J u nction to Lead Storag e Tem perature Range Operati n g Junction Temperature
-55 to +150
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
(c)1999 Fairchild Semiconductor Corporation
GBPC 12, 15, 25, 35 SERIES ,v. A Re
GBPC 12, 15, 25, 35 SERIES
Glass Passivated Bridge Rectifiers
(continued)
Electrical Characteristics
Parameter
005 Peak Repetitive Reverse Voltage Maximum RMS Bridge Input Voltage DC Reverse Voltage (Rated VR) Maximum Reverse Leakage, total bridge @ rated VR TA = 25C TA = 125C Maximum Forward Voltage Drop, per bridge @ 6.0 A GBPC12 @ 7.5 A GBPC15 @ 12.5 A GBPC25 @ 17.5 A GBPC35 2 I t rating for fusing GBPC12,15,25 t < 8.3 ms GBPC35 Typical Junction Capacitance, per leg VR = 4.0V, GBPC12,15,25 f = 1.0 MHz GBPC35 50 35 50
TA = 25C unless otherwise noted
Device
01 100 70 100 02 200 140 200 04 400 280 400 5.0 500 06 600 420 600 08 800 560 800 10 1000 700 1000
Units
V V V A A
1.1
V A2Sec A2Sec pF pF
375 660 180 200
Typical Characteristics
Forward Current Derating Curve
40
GBPC35
Non-Repetitive Surge Current
PEAK FORWARD SURGE CURRENT (A) 400
FORWARD CURRENT (A)
30
GBPC25
SINGLE PHASE HALF WAVE 60HZ RESISTIVE OR INDUCTIVE LOAD .375" (9.0mm) LEAD LENGTHS
200
GBPC35
20
GBPC12-GBPC15
100
GBPC12-GBPC25
10
50
0
0
25
50 75 100 125 150 AMBIENT TEMPERATURE ( C)
175
20
1
2
5 10 20 50 NUMBER OF CYCLES AT 60Hz
100
Forward Characteristics
200 100 FORWARD CURRENT (A)
GBPC25 GBPC12-GBPC15 GBPC35
Reverse Characteristics
100 REVERSE CURRENT ( A)
T A = 125 C
10
10
1
TA = 25 C Pulse Width = 300s 2% Duty Cycle
1
TA = 25 C
0.1 0.6
0.8
1 1.2 1.4 1.6 FORWARD VOLTAGE (V)
1.8
2
0.1
0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
GBPC 12, 15, 25, 35 SERIES , Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST(R) FASTrTM GTOTM HiSeCTM
DISCLAIMER
ISOPLANARTM MICROWIRETM POPTM PowerTrenchTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 TinyLogicTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of GBPC25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X