![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET April 2005 FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET Features -14.5 A, -30 V. RDS(ON) = 7.2 m @ VGS = -10 V RDS(ON) = 11 m @ VGS = - 4.5 V Extended VGSS range (-25V) for battery applications ESD protection diode (note 3) High performance trench technology for extremely low RDS(ON) High power and current handling capability General Description This P-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers, and battery chargers. These MOSFETs feature faster switching and lower gate charge than other MOSFETs with comparable RDS(ON) specifications. The result is a MOSFET that is easy and safer to drive (even at very high frequencies), and DC/DC power supply designs with higher overall efficiency. D D D D 5 6 4 3 2 1 SO-8 S S S G 7 8 Absolute Maximum Ratings TA = 25C unless otherwise noted Symbol VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed Power Dissipation for Single Operation (Note 1a) (Note 1b) (Note 1c) TJ, TSTG RJA RJC Operating and Storage Junction Temperature Range (Note 1a) Parameter Ratings -30 +25 -14.5 -50 2.5 1.2 1.0 -55 to +175 Units V V A W C C/W C/W Thermal Characteristics Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case (Note 1a) (Note 1) 50 25 Package Marking and Ordering Information Device Marking FDS6673AZ Device FDS6673AZ Reel Size 13'' Tape width 12mm Quantity 2500 units (c)2005 Fairchild Semiconductor Corporation 1 www.fairchildsemi.com FDS6673AZ Rev. C(W) FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET Electrical Characteristics TA = 25C unless otherwise noted Symbol Off Characteristics BVDSS BVDSS TJ IDSS IGSS VGS(th) VGS(th) TJ RDS(on) Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage VGS = 0 V, ID = -250 A ID = -250 A, Referenced to 25C VDS = -24 V, VGS = 0 V VGS = 20 V, VDS = 0 V VDS = VGS, ID = -250 A ID = -250 A, Referenced to 25C VGS = -10 V, ID = -14.5 A VGS = -4.5 V, ID = -12 A VGS = -4.5 V, ID = -14.5A, TJ = 125C VDS = -5 V, ID = -14.5 A VDS = -15 V, VGS = 0 V, f = 1.0 MHz -1 -1.6 5.8 6.0 8.8 7.8 50 7.2 11 10.4 -30 -25 -1 10 V mV/C A A V mV/C m Parameter Test Conditions Min Typ Max Units On Characteristics (Note 2) Gate Threshold Voltage Gate Threshold Voltage Temperature Coefficient Static Drain-Source On-Resistance Forward Transconductance -3 gFS Ciss Coss Crss RG td(on) tr td(off) tf Qg Qgs Qgd IS VSD tRR QRR Notes: S Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance VGS = 15 mV, f = 1.0 MHz VDD = -15 V, ID = -1 A, VGS = -10 V, RGEN = 6 4480 1190 615 3.8 pF pF pF Switching Characteristics (Note 2) Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge VDS = -15 V, ID = -14.5 A, VGS = -10 V 22 8 134 79 84 12 19 35 16 214 126 118 ns ns ns ns nC nC nC Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS = -2.1 A IF = -14.5 A, diF/dt = 100 A/s (Note 2) (Note 2) -0.7 44 29 -2.1 -1.2 A V ns nC 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. a) 50C/W (10 sec) 62.5 C/W steady state when mounted on a 1 in2 pad of 2 oz copper b) 105C/W when mounted on a .04 in2 pad of 2 oz copper c) 125/W when mounted on a minimum pad. Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0% 3. The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied. 2 FDS6673AZ Rev. C(W) www.fairchildsemi.com FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET Typical Characteristics 80 VGS = -10V -6.0V -4.5V -4.0V -3.5V 3.8 60 RDS(ON) , NORMALIZED DRAIN-SOURCE ON-RESISTANCE 3.4 3 V GS = - 3.0V 2.6 2.2 -3.5V 1.8 1.4 1 0.6 -4.0V -4.5V -5.0V -6.0V -10V -ID, DRAIN CURRENT (A) 40 -3.0V 20 0 0 0.5 1 1.5 2 -V DS, DRAIN TO SOURCE VOLTAGE (V) 0 20 40 -ID, DRAIN CURRENT (A) 60 80 Figure 1. On-Region Characteristics. Figure 2. On-Resistance Variation with Drain Current and Gate Voltage. 0.02 1.7 RDS(ON) , NORMALIZED DRAIN-SOURCE ON-RESISTANCE 1.6 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 0.7 -50 RDS(ON), ON-RESISTANCE (OHM) ID = -14.5A VGS = -10V I D = -7.3A 0.02 0.02 TA = 125 o C 0.01 0.01 T A = 25 oC 0.00 -25 0 25 50 75 100 125 150 175 2 4 6 8 10 T J, JUNCTION TEMPERATURE (C) -V GS, GATE TO SOURCE VOLTAGE (V) Figure 3. On-Resistance Variation with Temperature. 80 100 Figure 4. On-Resistance Variation with Gate-to-Source Voltage. -IS , REVERSE DRAIN CURRENT (A) VDS = -5V TA = -55C 125* C 25C 10 VGS = 0V -ID, DRAIN CURRENT (A) 60 T A = 125C 1 25C 0.1 -55C 0.01 40 20 0 1.5 2 2.5 3 3.5 4 0.001 0 0.2 0.4 0.6 0.8 1 1.2 -V GS, GATE TO SOURCE VOLTAGE (V) -V SD, BODY DIODE FORWARD VOLTAGE (V) Figure 5. Transfer Characteristics. Figure 6. Body Diode Forward Voltage Variation with Source Current and Temperature. 3 FDS6673AZ Rev. C(W) www.fairchildsemi.com FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET Typical Characteristics 10 6000 I D = -14.5A 8 VDS = -10V -20V 6 -15V CISS 5000 f = 1 MHz VGS = 0 V -V GS, GATE-SOURCE VOLTAGE (V) CAPACITANCE (pF) 4000 3000 4 2000 COSS 2 1000 0 0 10 20 30 40 50 60 70 80 90 Q g, GATE CHARGE (nC) CRSS 0 0 5 10 15 20 25 30 -VDS , DRAIN TO SOURCE VOLTAGE (V) Figure 7. Gate Charge Characteristics. 100 100 s RDS(ON) LIMIT 50 Figure 8. Capacitance Characteristics. P(pk), PEAK TRANSIENT POWER (W) -ID, DRAIN CURRENT (A) 10 1ms 10ms 100ms 1s 40 SINGLE PULSE RJA = 125C/W T A = 25C 30 1 10s DC VGS = -10V SINGLE PULSE RJA = 125C/W TA = 25C 20 0.1 10 0.01 0.01 0.1 1 10 100 0 0.001 0.01 0.1 1 t1, TIME (sec) 10 100 1000 -V DS , DRAIN-SOURCE VOLTAGE (V) Figure 9. Maximum Safe Operating Area. Figure 10. Single Pulse Maximum Power Dissipation. r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE 1 D = 0.5 0.2 RJA (t) = r(t) * RJA RJA = 125C/W P(pk) 0.1 0.1 0.05 0.02 0.01 t1 t2 T J - T A = P * RJA (t) Duty Cycle, D = t1/t 2 0.01 SINGLE PULSE 0.001 0.0001 0.001 0.01 0.1 t1 , TIME (sec) 1 10 100 1000 Figure 11. Transient Thermal Response Curve. Thermal characterization performed using the conditions described in Note 1c. Transient thermal response will change depending on the circuit board design. 4 FDS6673AZ Rev. C(W) www.fairchildsemi.com FDS6673AZ 30 Volt P-Channel PowerTrench(R) MOSFET TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM IntelliMAXTM ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM Across the board. Around the world.TM OPTOLOGIC OPTOPLANARTM The Power Franchise PACMANTM Programmable Active DroopTM POPTM Power247TM PowerEdgeTM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET UniFETTM VCXTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. I15 5 FDS6673AZ Rev. C(W) www.fairchildsemi.com |
Price & Availability of FDS6673AZ
![]() |