Part Number Hot Search : 
BA313 1205S LBN03604 DLM10E MPP4204 HT48R02N MCR8D PESD5V
Product Description
Full Text Search
 

To Download CO1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THROUGH HOLE CLOCK OSCILLATORS - TTL COMPATIBLE
FEATURES STANDARD 8 AND 14 PIN DIP PACKAGE TOLERANCE AND STABILITY TO 25 PPM LOW COST AVAILABLE IN 3.3 VOLT SPECIFICATIONS
SERIES PACKAGE FREQUENCY RANGE CO1 14 PIN DIP 500.00 KHz TO 125.00 MHz CO1100 : 100 ppm FREQUENCY STABILITY CO1050 : 50 ppm CO1025 : 25 ppm OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE VOLTAGE 0 C TO +70 C STANDARD -40 C TO +85 C EXTENDED -55 C TO +125 C +5 VDC 0.5 VDC 500.00 KHz TO 2.999 MHz: 30 mA INPUT CURRENT (MAX) 3.00 MHz TO 31.999 MHz: 50 mA 32.00 MHz TO 79.999 MHz: 70 mA 80.00 MHz TO 125.00 MHz: 80 mA SYMMETRY (AT 1.4 VDC LEVEL) 40 TO 60% NORMAL 45 TO 55% TIGHT UNDER 9 MHz : 15 ns MAX RISE AND FALL TIME (0.4 - 2.4 VDC) 9 MHz TO 32 MHz : 10 ns MAX 32 MHz TO 80 MHz : 6 ns MAX 80 MHz TO 125 MHz : 4 ns MAX LOGIC "0" LEVEL LOGIC "1" LEVEL LOAD +0.5 V MAX, SINK TO 16 mA +2.4 V MIN, SOURCE 0.4 mA 1 TO 10 TTL STANDARD
SERIES CO1 AND CO13
CO13 8 PIN DIP 500.00 KHz TO 125.00 MHz CO13100 : 100 ppm CO13050 : 50 ppm CO13025 : 25 ppm 0 C TO +70 C STANDARD -40 C TO +85 C EXTENDED -55 C TO +125 C +5 VDC 0.5 VDC 500.00 KHz TO 2.999 MHz: 30 mA 3.00 MHz TO 31.999 MHz: 50 mA 32.00 MHz TO 79.999 MHz: 70 mA 80.00 MHz TO 125.00 MHz: 80 mA 40 TO 60% NORMAL 45 TO 55% TIGHT UNDER 9 MHz : 15 ns MAX 9 MHz TO 32 MHz : 10 ns MAX 32 MHz TO 80 MHz : 6 ns MAX 80 MHz TO 125 MHz : 4 ns MAX +0.5 V MAX, SINK TO 16 mA +2.4 V MIN, SOURCE 0.4 mA 1 TO 10 TTL STANDARD
OUTPUT
35
FREQUENCY STABILITY INCLUSIVE OF ROOM TOLERANCE , FREQUENCY STABILITY OVER TEMPERATURE, 10% POWER SUPPLY VARIATION, AGING, SHOCK, AND VIBRATION +3.3 VOLT VERSION IS AVAILABLE. CONSULT RALTRON FOR SPECIFICATIONS OUTPUT LOADS ALSO AVAILABLE AT 15 pF, 30 pF AND 50 pF. CONSULT RALTRON FOR SPECIFICATIONS
ENVIRONMENTAL AND TECHNICAL CONDITIONS
ENVIRONMENTAL TEMPERATURE CYCLE SHOCK VIBRATION RESISTANCE TO SOLDERING HEAT HUMIDITY MIL-STD 883, METHOD 1010, 10 CYCLES -20 C TO 85 C MIL-STD-202, METHOD 213, TEST CONDITION C MIL-STD-202, METHOD 204, TEST CONDITION A MIL-STD-202, METHOD 210, TEST CONDITION B 85% RELATIVE HUMIDITY AT 85 C 250 HOURS MECHANICAL GROSS LEAK TEST FINE LEAK TEST TERMINAL STRENGTH MARKING INK MIL-STD-883, METHOD 1014, TEST CONDITION C MIL-STD-883, METHOD 1014, TEST CONDITION A MIL-STD-202, METHOD 211, TEST CONDITION A AND C EPOXY, HEAT CURED.
OUTPUT WAVEFORM
tf VCC
tr
"1" LEVEL
+2.5 VDC +1.5 VDC
"0" LEVEL 0 VDC t T
+0.5 VDC
MOISTURE RESISTANCE MIL-STD 202, METHOD 106, OMIT STEP 7B SOLDERABILITY SOLVENT RESISTANCE MIL-STD-202, METHOD 208, 95% COVERAGE MIL-STD-202, METHOD 2002, METHOD 215
PART NUMBERING SYSTEM
SERIES CO1 CO13 (14 PIN DIP) (8 PIN DIP) FREQUENCY STABILITY 100 050 025 100 PPM 50 PPM 25 PPM IN MHz FREQUENCY EXT EXTENDED TEMPERATURE T TIGHT SYMMETRY SYMMETRY OPTIONS TR TAPE AND REEL GW GULL WING 3.3V +3.3 V
EXAMPLE: CO1100-20.000-EXT-T, CO13050-32.000-T-TR
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
THROUGH HOLE CLOCK OSCILLATORS-TTL COMPATIBLE
SERIES CO1 AND CO13
TEST CIRCUIT
FREQUENCY STANDARD R = SEE TABLE D A OSCILLOSCOPE 14(8) VCC V OSCILLATOR N/C 1 GND 7(4) D D
LOADS 10 5 2 1 RESISTANCE (R) 390 OHM 750 OHM 1800 OHM 3900 OHM
FREQUENCY COUNTER
.01F
+ POWER SUPPLY +5 VDC
8(5) OUT
D D=1N914 C=15 pF MAX
-
OUTLINE DRAWINGS
CO1 PACKAGE (FULL SIZE 14 PIN DIP)
Scale none Dimension in mm inch
CO13 PACKAGE (HALF SIZE 8 PIN DIP)
Scale none Dimension in
mm inch
COLORED DOT INDICATES PIN 1 LOCATION
MARKING AREA
MARKING AREA
36
COLORED DOT INDICATES PIN 1 LOCATION
.031 .003
0.79 .08
5.08 MAX
.200 MAX
.018 .003 DIA
6.35 MIN
.200 MAX
0.46 .08 DIA
5.08 MAX
.250 MIN
PIN 1
15.24 .13 .600 .005
7.62 .13 .300 .005 PIN 1 PIN 4
PIN 7
13.20 MAX .519 MAX
.300 .005
7.62 .13
4.57
.180
.300 .005
13.21 MAX
PIN 8 13.21 MAX .520 MAX PIN 5
7.62 .13
PIN 14
12.19 .480 20.80 MAX
PIN 8
.819 MAX
PIN CONNECTION
PIN 1 7 8 14 FUNCTION N/C GROUND OUTPUT VCC
PIN CONNECTION NOTE: PIN 7 IS INTERNAL TO HEADER
PIN 1 4 5 8 FUNCTION N/C GROUND OUTPUT VCC
NOTE: PIN 4 IS INTERNAL TO HEADER
PACKAGING 14 PIN DIP: 25 PIECES PER ELECTROSTATIC TUBE 8 PIN DIP: 40 PIECES PER ELECTROSTATIC TUBE
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
.520 MAX
6.35 MAX .250 MAX
0.46 .08 DIA .018 .003 DIA
.031 .003
0.79 .08


▲Up To Search▲   

 
Price & Availability of CO1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X