Part Number Hot Search : 
A5521PS TS6121E1 TYPE5141 TS6121E1 2SC2151 28F010 P4856WE1 ABS0908
Product Description
Full Text Search
 

To Download C106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by C106/D
Silicon Controlled Rectifier
Reverse Blocking Triode Thyristors
. . . Glassivated PNPN devices designed for high volume consumer applications such as temperature, light, and speed control; process and remote control, and warning systems where reliability of operation is important. * * * * Glassivated Surface for Reliability and Uniformity Power Rated at Economical Prices Practical Level Triggering and Holding Characteristics Flat, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat Dissipation and Durability
C106 Series *
*Motorola preferred devices
SCRs 4 AMPERES RMS 50 thru 600 VOLTS
G A K
A
G
A
K
CASE 77-08 (TO-225AA) STYLE 2
MAXIMUM RATINGS (TJ = 25C unless otherwise noted.)
Rating Peak Repetitive Forward and Reverse Blocking Voltage(1) (RGK = 1 k) C106F (TC = -40 to 110C) C106A C106B C106D C106M RMS Forward Current (All Conduction Angles) Average Forward Current (TA = 30C) Peak Non-repetitive Surge Current (1/2 Cycle, 60 Hz, TJ = -40 to +110C) Circuit Fusing (t = 8.3 ms) Peak Gate Power Average Gate Power Peak Forward Gate Current Symbol VDRM or VRRM Value 50 100 200 400 600 4 2.55 20 1.65 0.5 0.1 0.2 Amps Amps Amps A2s Watt Watt Amp Unit Volts
IT(RMS) IT(AV) ITSM I2t PGM PG(AV) IGFM
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, (cont.) positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Motorola Thyristor Device Data (c) Motorola, Inc. 1995
1
C106 Series
MAXIMUM RATINGS -- continued
Rating Peak Reverse Gate Voltage Operating Junction Temperature Range Storage Temperature Range Mounting Torque(1) Symbol VGRM TJ Tstg -- Value 6 -40 to +110 -40 to +150 6 Unit Volts C C in. lb.
1. Torque rating applies with use of compression washer (B52200F006). Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal resistance. Anode lead and heatsink contact pad are common. For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200C. For optimum results, an activated flux (oxide removing) is recommended.
THERMAL CHARACTERISTICS (TC = 25C, RGK = 1 k unless otherwise noted.)
Characteristic Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Symbol RJC RJA Max 3 75 Unit C/W C/W
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted.)
Characteristic Peak Forward or Reverse Blocking Current (VAK = Rated VDRM or VRRM, RGK = 1000 Ohms) TJ = 25C TJ = 110C Forward "On" Voltage (IFM = 1 A Peak) Gate Trigger Current (Continuous dc) (VAK = 6 Vdc, RL = 100 Ohms) (VAK = 6 Vdc, RL = 100 Ohms, TC = -40C) Gate Trigger Voltage (Continuous dc) (VAK = 6 Vdc, RL = 100 Ohms, RGK = 1000 Ohms) (VAK = Rated VDRM, RL = 3000 Ohms, RGK = 1000 Ohms, TJ = 110C) Holding Current (VD = 12 Vdc, RGK = 1000 Ohms) Forward Voltage Application Rate (TJ = 110C, RGK = 1000 Ohms, VD = Rated VDRM) Turn-On Time Turn-Off Time TJ = 25C TJ = -40C TJ = 25C TJ = -40C TJ = +110C IHX Symbol IDRM, IRRM -- -- VTM IGT -- -- VGT 0.4 0.5 0.2 0.3 0.4 0.14 -- -- -- -- -- -- -- -- -- 8 1.2 40 0.8 1 -- 3 6 2 -- -- -- mA 30 75 200 500 Volts -- -- -- -- 10 100 2.2 Min Typ Max Unit A A Volts A
dv/dt tgt tq
V/s s s
P(AV), AVERAGE ON-STATE POWER DISSIPATION (WATTS)
FIGURE 1 - AVERAGE CURRENT DERATING
110 100 TC, CASE TEMPERATURE ( C) 90 80 70 60 50 40 30 20 10 0 .4 .8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0 IT(AV) AVERAGE ON-STATE CURRENT (AMPERES) HALF SINE WAVE RESISTIVE OR INDUCTIVE LOAD. 50 to 400 Hz DC
FIGURE 2 - MAXIMUM ON-STATE POWER DISSIPATION
10 JUNCTION TEMPERATURE 110C
8 HALF SINE WAVE RESISTIVE OR INDUCTIVE LOAD 50 TO 400Hz. DC
6
4
2 0 0 .4 .8 1.2 1.6 2.0 2.4 2.6 3.2 3.6 4.0 IT(AV) AVERAGE ON-STATE CURRENT (AMPERES)
2
Motorola Thyristor Device Data
C106 Series
Package Interchangeability
The dimensional diagrams below compare the critical dimensions of the Motorola C-106 package with competitive devices. It has been demonstrated that the smaller dimensions of the Motorola package make it compatible in most lead-mount and chassis-mount applications. The user is advised to compare all critical dimensions for mounting compatibility.
.295 ____ .305 .145 ____ .155 .148 ____ .158
.115 ____ .130
.400 ____ .360 .095 ____ .105 .135 ____ .115 .127 ____ DIA .123 .026 ____ .019
.425 ____ .435 123
5_ TYP
.520 ____ .480 .385 ____ .365
.050 ____ .095
.315 ____ .285 .420 ____ .400 .105 ____ .095 .054 ____ .046 .105 ____ .095
.575 ____ .655
.040 .094 BSC .025 ____ .035
.015 ____ .025 .045 ____ .055
.190 ____ .170
.020 ____ .026
Motorola C-106 Package
Competitive C-106 Package
Motorola Thyristor Device Data
3
C106 Series
PACKAGE DIMENSIONS
-B- U Q
F M
C
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM A B C D F G H J K M Q R S U V INCHES MIN MAX 0.425 0.435 0.295 0.305 0.095 0.105 0.020 0.026 0.115 0.130 0.094 BSC 0.050 0.095 0.015 0.025 0.575 0.655 5 _ TYP 0.148 0.158 0.045 0.055 0.025 0.035 0.145 0.155 0.040 --- MILLIMETERS MIN MAX 10.80 11.04 7.50 7.74 2.42 2.66 0.51 0.66 2.93 3.30 2.39 BSC 1.27 2.41 0.39 0.63 14.61 16.63 5 _ TYP 3.76 4.01 1.15 1.39 0.64 0.88 3.69 3.93 1.02 ---
-A-
123
H
STYLE 2: PIN 1. CATHODE 2. ANODE 3. GATE
K
V G S D 2 PL 0.25 (0.010)
M
J R 0.25 (0.010) A
M
A
M
M
B
M
B
M
CASE 77-08 (TO-225AA)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters can and do vary in different applications. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers: USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England. JAPAN: Nippon Motorola Ltd.; 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
4
*C106/D*
Motorola Thyristor Device Data
C106/D


▲Up To Search▲   

 
Price & Availability of C106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X