Part Number Hot Search : 
SN78L10 35M189 K30101A TDA8025 FRA1005G 24052 PD200 HCT125
Product Description
Full Text Search
 

To Download BUK473-60A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor Isolated version of BUK453-60A/B
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic full-pack envelope. The device is intended for use in Switched Mode Power Supplies (SMPS), motor control, welding, DC/DC and AC/DC converters, and in automotive and general purpose switching applications.
BUK473-60A/B
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot RDS(ON) PARAMETER BUK473 Drain-source voltage Drain current (DC) Total power dissipation Drain-source on-state resistance MAX. -60A 60 13 25 0.08 MAX. -60B 60 12 25 0.1 UNIT V A W
PINNING - SOT186A
PIN 1 2 3 gate drain source DESCRIPTION
PIN CONFIGURATION
case
SYMBOL
d
g
case isolated
123
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction temperature CONDITIONS RGS = 20 k Ths = 25 C Ths = 100 C Ths = 25 C Ths = 25 C MIN. - 55 -60A 13 8.2 52 25 150 150 MAX. 60 60 30 -60B 12 7.6 48 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-hs Rth j-a PARAMETER Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound MIN. TYP. 55 MAX. 5 UNIT K/W K/W
November 1996
1
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
STATIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 60 V; VGS = 0 V; Tj = 25 C VDS = 60 V; VGS = 0 V; Tj =125 C VGS = 30 V; VDS = 0 V VGS = 10 V; BUK473-60A BUK473-60B ID = 9 A MIN. 60 2.1 TYP. 3.0 1 0.1 10 0.065 0.08 MAX. 4.0 10 1.0 100 0.08 0.10 UNIT V V A mA nA
DYNAMIC CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 9 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 10 V; RGS = 50 ; Rgen = 50 Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad MIN. 4.5 TYP. 6.5 650 240 120 10 35 60 55 4.5 7.5 MAX. 825 350 160 20 55 90 80 UNIT S pF pF pF ns ns ns ns nH nH
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER R.M.S. isolation voltage from all three terminals to external heatsink CONDITIONS f = 50-60 Hz; sinusoidal waveform; R.H. 65% ; clean and dustfree MIN. TYP. MAX. 2500 UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
10
-
pF
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Ths = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 13 A ; VGS = 0 V IF = 13 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 1.1 60 0.20 MAX. 13 52 1.3 UNIT A A V ns C
November 1996
2
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
AVALANCHE LIMITING VALUE
Ths = 25 C unless otherwise specified SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 22 A ; VDD 25 V ; VGS = 10 V ; RGS = 50 MIN. TYP. MAX. 50 UNIT mJ
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
with heatsink compound
100
ID / A
VD S /ID
BUK443-60
A B
R
( DS
) ON
=
tp = 10 us 100 us 1 ms
10
DC 1
10 ms 100 ms
0
20
40
60
80 Ths / C
100
120
140
0.1 1
10
VDS / V
100
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Ths)
ID% Normalised Current Derating
with heatsink compound
Fig.3. Safe operating area. Ths = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Zth j-hs / (K/W) ZTHX43
120 110 100 90 80 70 60 50 40 30 20 10 0
1E+01
0.5 1E+00 0.2 0.1 0.05
P D tp D= tp T t
1E-01 0.02 0
0 20 40 60 80 Ths / C 100 120 140
1E-02 1E-07
T
1E-05
1E-03 t/s
1E-01
1E+01
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Ths); conditions: VGS 10 V
Fig.4. Transient thermal impedance. Zth j-hs = f(t); parameter D = tp/T
November 1996
3
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
45
ID / A 20 15 10
BUK453-50A
8 7
gfs / S
BUK453-50A
VGS / V = 30
8
6 5
7 15 6
4 3 2
5 0 4 0 2 4 VDS / V 6 8 10
1 0 0 10 20 ID / A 30 40
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 4 0.4 4.5 0.3 7.5 8 5 5.5 6 6.5 7 VGS / V = BUK453-50A
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 25 V
a
0.5
Normalised RDS(ON) = f(Tj)
1.5
1.0
0.2 10 20 0 0 10 20 ID / A 30 40
0 -60 -40 -20 0 20 40 60 Tj / C 80 100 120 140 0.5
0.1
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
ID / A 40 Tj / C = 30 25 150 BUK453-50A
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 9 A; VGS = 10 V
VGS(TO) / V 4 max.
3
typ.
min.
20
2
10
1
0
0
0
2
4
6
8
10 12 VGS / V
14
16
18
20
-60
-40
-20
0
20
40 60 Tj / C
80
100
120
140
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
November 1996
4
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
1E-01
ID / A
SUB-THRESHOLD CONDUCTION
50
IF / A
BUK453-50A
1E-02
40
2% typ 98 %
1E-03
30
1E-04
20 Tj / C = 150 25
1E-05
10
1E-06 0 1 2 VGS / V 3 4
0 0 1 VSDS / V 2
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
WDSS%
10000
C / pF
BUK4y3-50
120 110 100 90
1000 Ciss Coss 100 Crss
80 70 60 50 40 30 20 10
10
0
0
20 VDS / V
40
20
40
60
80 100 Ths / C
120
140
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
VGS / V BUK453-60 VDS / V =12
Fig.15. Normalised avalanche energy rating. WDSS% = f(Ths); conditions: ID = 22 A
12 10 8 6 4 2 0
+
L VDS VGS 0 RGS T.U.T. R 01 shunt
VDD
48
-ID/100
0
10 QG / nC
20
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 22 A; parameter VDS
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
November 1996
5
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.3 max 3.2 3.0
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2
3 1.0 (2x) 0.6 2.54 0.5 2.5 1.3 0.9 0.7
5.08
Fig.17. SOT186A; The seating plane is electrically isolated from all terminals.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for F-pack envelopes. 3. Epoxy meets UL94 V0 at 1/8".
November 1996
6
Rev 1.200
Philips Semiconductors
Product specification
PowerMOS transistor
BUK473-60A/B
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
November 1996
7
Rev 1.200


▲Up To Search▲   

 
Price & Availability of BUK473-60A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X