Part Number Hot Search : 
AOB411L FW300B1 EMIF0 NTE0505M AK9844F 5330H1 CA500 FW300B1
Product Description
Full Text Search
 

To Download BSM200GA120DN2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
BSM 200 GA 120 DN2
IGBT Power Module
* Single switch * Including fast free-wheeling diodes * Package with insulated metal base plate
Type BSM 200 GA 120 DN2 BSM 200 GA 120 DN2 S Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage RGE = 20 k Gate-emitter voltage DC collector current TC = 25 C TC = 80 C
VCE
IC
Package SINGLE SWITCH 1 SSW SENSE 1
Ordering Code C67076-A2006-A70 C67070-A2006-A70
1200V 300A 1200V 300A
Symbol VCE VCGR
Values 1200 1200
Unit V
VGE IC
20 A 300 200
Pulsed collector current, tp = 1 ms TC = 25 C TC = 80 C Power dissipation per IGBT TC = 25 C Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
ICpuls 600 400 Ptot 1550 Tj Tstg RthJC RthJCD Vis + 150 -40 ... + 125 0.08 0.15 2500 20 11 F 40 / 125 / 56 sec Vac mm K/W C W
1
Oct-27-1997
www..com
BSM 200 GA 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage VGE = VCE, IC = 8 mA Collector-emitter saturation voltage VGE = 15 V, IC = 200 A, Tj = 25 C VGE = 15 V, IC = 200 A, Tj = 125 C Zero gate voltage collector current VCE = 1200 V, VGE = 0 V, Tj = 25 C VCE = 1200 V, VGE = 0 V, Tj = 125 C Gate-emitter leakage current VGE = 20 V, VCE = 0 V AC Characteristics Transconductance VCE = 20 V, IC = 200 A Input capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Output capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Reverse transfer capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Crss 1 Coss 2 Ciss 13 gfs 108 nF S IGES 200 ICES 3 12 4 nA VCE(sat) 2.5 3.1 3 3.7 mA VGE(th) 4.5 5.5 6.5 V Values typ. max. Unit
2
Oct-27-1997
BSM 200 GA 120 DN2
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7 Rise time VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7 Turn-off delay time VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7 Fall time VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7 Free-Wheel Diode Diode forward voltage IF = 200 A, VGE = 0 V, Tj = 25 C IF = 200 A, VGE = 0 V, Tj = 125 C Reverse recovery time IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C Reverse recovery charge IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s Tj = 25 C Tj = 125 C 12 36 Qrr 0.5 C trr VF 2.3 1.8 2.8 s V 80 120 tf 550 800 td(off) 80 160 tr 110 220 td(on) ns Values typ. max. Unit
3
Oct-27-1997
BSM 200 GA 120 DN2
Power dissipation Ptot = (TC) parameter: Tj 150 C
1600
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
t = 21.0s p
W Ptot IC
A
1200
100 s
10 2 1000
800
1 ms
600
10 1
10 ms
400
200 0 0 20 40 60 80 100 120 C 160 10 0 0 10 DC 3 10
10
1
10
2
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
320
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W
IGBT
A IC ZthJC 10 -1
240
200
10 -2
160 10 120
-3
D = 0.50 0.20 0.10 0.05 single pulse 10 -4
80
0.02 0.01
40 0 0 10 -5 -5 10
20
40
60
80
100
120
C
160
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
4
Oct-27-1997
BSM 200 GA 120 DN2
Typ. output characteristics IC = f (VCE) parameter: tp = 80 s, Tj = 25 C
400
Typ. output characteristics IC = f (VCE) parameter: tp = 80 s, Tj = 125 C
400
A IC 300
17V 15V 13V 11V 9V 7V
A IC 300
17V 15V 13V 11V 9V 7V
250
250
200
200
150
150
100
100
50 0 0 1 2 3 V VCE 5
50 0 0 1 2 3 V VCE 5
Typ. transfer characteristics IC = f (VGE) parameter: tp = 80 s, VCE = 20 V
400
A IC 300
250
200
150
100
50 0 0
2
4
6
8
10
V 14 VGE
5
Oct-27-1997
BSM 200 GA 120 DN2
Typ. gate charge VGE = (QGate) parameter: IC puls = 200 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 2
nF VGE 16 14 12 10 8 10 0 6 4 2 0 0 200 400 600 800 1000 nC 1400 10 -1 0 Coss Crss 600 V 800 V C Ciss 10 1
5
10
15
20
25
30
QGate
V VCE
40
Reverse biased safe operating area ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V, tp 1 ms, L < 20 nH
2.5
Short circuit safe operating area ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 20 nH
12
ICpulsIC di/dt = 1000A/s 3000A/s 5000A/s
1.5
ICsc/IC di/dt = 1000A/s 3000A/s 5000A/s
8
6 1.0 4
0.5
allowed number of short circuit: <1000 time between short 2 circuit: >1s
0.0 0
200
400
600
800
1000 1200
V 1600 VCE
0 0
200
400
600
800 1000 1200
V 1600 VCE
6
Oct-27-1997
BSM 200 GA 120 DN2
Typ. switching time I = f (IC) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, RG = 4.7
10 4
Typ. switching time t = f (RG) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, IC = 200 A
10 4
ns t 10 3 tdoff t
ns tdoff
10 3
tdon tr tdon tr tf
10 2
10 2
tf
10 1 0
100
200
300
A IC
500
10 1 0
10
20
30
40
60 RG
Typ. switching losses E = f (IC) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, RG = 4.7
100 mWs E 80 70 60 50 40 30 20 10 0 0 Eoff Eon
Typ. switching losses E = f (RG) , inductive load , Tj = 125C par.: VCE = 600V, VGE = 15 V, IC = 200 A
100 Eon mWs E 80 70 60 50 40 30 20 10 0 0
Eoff
100
200
300
A IC
500
10
20
30
40
60 RG
7
Oct-27-1997
BSM 200 GA 120 DN2
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
400
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
A IF 300 ZthJC
K/W
10 -1
250 Tj=125C 200 Tj=25C 10 -2 D = 0.50 0.20 150 10 -3 0.10 0.05 0.02 0.01 50 0 0.0 0.5 1.0 1.5 2.0 V VF 3.0 10 -4 -5 10 single pulse
100
10
-4
10
-3
10
-2
10
-1
s 10
0
tp
8
Oct-27-1997
BSM 200 GA 120 DN2
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
9
Oct-27-1997
Technische Information / Technical Information
IGBT-Module IGBT-Modules
BSM200GA120DN2
Anhang C-Serie Appendix C-series
Gehause spezifische Werte Housing specific values
Modulinduktivitat stray inductance module LsCE
typ.
20 nH
Gehausemae C-Serie Package outline C-series
Appendix C-series
Appendix_C-Serie_BSM200GA120DN2.xls 2001-09-20


▲Up To Search▲   

 
Price & Availability of BSM200GA120DN2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X