Part Number Hot Search : 
BA882 AK4118 TFS150 1100A 5540HTL AO4836L JANTX2N TFI413
Product Description
Full Text Search
 

To Download BSM200GA120DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
BSM 200 GA 120 DL
IGBT Power Module Preliminary data * Low Loss IGBT * Single switch * Including fast free-wheeling diodes * Package with insulated metal base plate Type BSM 200 GA 120 DL Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage RGE = 20 k Gate-emitter voltage DC collector current TC = 25 C TC = 90 C Pulsed collector current, tp = 1 ms TC = 25 C TC = 90 C Power dissipation per IGBT TC = 25 C Chip temperature Storage temperature Thermal resistance, chip case Diode thermal resistance, chip case Insulation test voltage, t = 1min. Creepage distance Clearance DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Tj Tstg RthJC RthJCD Vis Ptot 1400 + 150 -40 ... + 125 0.08 0.15 2500 20 11 F 40 / 125 / 56 sec Vac mm K/W C ICpuls 720 400 W VGE IC 360 200 Symbol VCE VCGR 1200 20 A Values 1200 Unit V VCE IC Package SINGLE SWITCH Ordering Code
1200V 360A
1
Oct-30-1997
www..com
BSM 200 GA 120 DL
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage VGE = VCE, IC = 8 mA Collector-emitter saturation voltage VGE = 15 V, IC = 200 A, Tj = 25 C VGE = 15 V, IC = 200 A, Tj = 125 C Zero gate voltage collector current VCE = 1200 V, VGE = 0 V, Tj = 25 C VCE = 1200 V, VGE = 0 V, Tj = 125 C Gate-emitter leakage current VGE = 20 V, VCE = 0 V AC Characteristics Transconductance VCE = 20 V, IC = 200 A Input capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Output capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Reverse transfer capacitance VCE = 25 V, VGE = 0 V, f = 1 MHz Crss 1 Coss 2 Ciss 13 gfs 110 nF S IGES 400 ICES 10 nA VCE(sat) 2.2 2.5 2.6 3 mA VGE(th) 4.5 5.5 6.5 V Values typ. max. Unit
2
Oct-30-1997
BSM 200 GA 120 DL
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7 Rise time VCC = 600 V, VGE = 15 V, IC = 200 A RGon = 4.7 Turn-off delay time VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7 Fall time VCC = 600 V, VGE = -15 V, IC = 200 A RGoff = 4.7 Free-Wheel Diode Diode forward voltage IF = 200 A, VGE = 0 V, Tj = 25 C IF = 200 A, VGE = 0 V, Tj = 125 C Reverse recovery time IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s, Tj = 125 C Reverse recovery charge IF = 200 A, VR = -600 V, VGE = 0 V diF/dt = -2000 A/s Tj = 25 C Tj = 125 C 10 25 Qrr 0.5 C trr VF 2.3 1.8 2.8 s V 90 tf 550 td(off) 80 tr 160 td(on) ns Values typ. max. Unit
3
Oct-30-1997
BSM 200 GA 120 DL
Power dissipation Ptot = (TC) parameter: Tj 150 C
1500 W 1300 Ptot 1200 1100 1000 900 800 700 600 500 400 300 200 100 0 0 20 40 60 80 100 120 C 160
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 3
t = 17.0s p
A IC
100 s
10 2
1 ms
10 1
10 ms
10 0 0 10
10
1
10
2
DC 3 10
V
TC
VCE
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
380 A 320 IC 280 240 200
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0 K/W 10 -1
IGBT
ZthJC
10 -2
D = 0.50 160 120 single pulse 80 40 0 0 10 -5 -5 10 10 -4 10
-3
0.20 0.10 0.05 0.02 0.01
20
40
60
80
100
120
C
160
10
-4
10
-3
10
-2
10
-1
s 10
0
TC
tp
4
Oct-30-1997
BSM 200 GA 120 DL
Typ. output characteristics IC = f (VCE) parameter: tp = 250 s, Tj = 25 C
400
Typ. output characteristics IC = f (VCE) parameter: tp = 250 s, Tj = 125 C
400
A IC
300
17V 15V 13V 11V 9V 7V
A IC
300
17V 15V 13V 11V 9V 7V
250
250
200
200
150
150
100
100
50 0 0 1 2 3 V VCE 5
50 0 0 1 2 3 V VCE 5
Typ. transfer characteristics IC = f (VGE) parameter: tp = 250 s, VCE = 20 V
400
A IC
300
250
200
150
100
50 0 0
2
4
6
8
10
V 14 VGE
5
Oct-30-1997
BSM 200 GA 120 DL
Typ. gate charge VGE = (QGate) parameter: IC puls = 200 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
10 2
nF VGE 16 14 12 10 8 10 0 6 4 2 0 0 200 400 600 800 1000 nC 1400 10 -1 0 Crss Coss 600 V 800 V C 10 1 Ciss
5
10
15
20
25
30
QGate
V VCE
40
Reverse biased safe operating area ICpuls = f(VCE) , Tj = 150C parameter: VGE = 15 V
2.5
Short circuit safe operating area ICsc = f(VCE) , Tj = 150C parameter: VGE = 15 V, tSC 10 s, L < 20 nH
12
ICpuls/IC
ICsc/IC
8 1.5 6 1.0 4
di/dt = 1000A/s 3000A/s 5000A/s
0.5
allowed numbers of short circuit: <1000 time between short 2 circuit: >1s
0.0 0
200
400
600
800
1000 1200
V 1600 VCE
0 0
200
400
600
800 1000 1200
V 1600 VCE
6
Oct-30-1997
BSM 200 GA 120 DL
Typ. switching time I = f (IC) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, RG = 4.7
10 4
Typ. switching time t = f (RG) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, IC = 200 A
10 4
ns t 10 3 tdoff t
ns tdoff 10 3 tdon tr
tdon 10 2 tr tf 10 2 tf
10 1 0
100
200
300
A IC
500
10 1 0
10
20
30
40
60 RG
Typ. switching losses E = f (IC) , inductive load , Tj = 125C par.: VCE = 600 V, VGE = 15 V, RG = 4.7
130 mWs 110 E 100 90 80 70 60 50 40 30 20 10 0 0 Eoff Eon 100 200 300 A IC 500
Typ. switching losses E = f (RG) , inductive load , Tj = 125C par.: VCE = 600V, VGE = 15 V, IC = 200 A
130 Eon mWs 110 E 100 90 80 70 60 50 40 30 20 10 0 0 10 20 30 40 Eoff
60 RG
7
Oct-30-1997
BSM 200 GA 120 DL
Forward characteristics of fast recovery reverse diode IF = f(VF) parameter: Tj
400
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
Diode
A IF ZthJC
K/W
300
10 -1
250 Tj=125C 200 Tj=25C 10 -2 D = 0.50 0.20 150 10 -3 0.10 0.05 0.02 0.01 50 0 0.0 0.5 1.0 1.5 2.0 V VF 3.0 10 -4 -5 10 single pulse
100
10
-4
10
-3
10
-2
10
-1
s 10
0
tp
8
Oct-30-1997
BSM 200 GA 120 DL
Circuit Diagram
Package Outlines Dimensions in mm Weight: 420 g
9
Oct-30-1997


▲Up To Search▲   

 
Price & Availability of BSM200GA120DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X