Part Number Hot Search : 
DE1747 ICS91309 MAX92 RJP40 P6KE200 00406 MSAU101 P6KE200
Product Description
Full Text Search
 

To Download BCM93138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM93138
PRODUCT
(R)
Brief
OF BENEFITS
BCM93138 ADVANCED PHY TRANSMITTER/RECEIVER EVALUATION SYSTEM
BCM93138 FEATURES SUMMARY
* The BCM93138 is a dual-channel upstream cable burst transmitter/receiver evaluation system Support for advanced TDMA PHY layer functions for * DOCSIS/EuroDOCSIS, IEEE802.14, DAVIC and DVB * * *
applications Programmable modulation formats including BPSK, and QPSK up to 256 QAM Frequency-agile from 5 to 65 MHz Flexible options for evaluating upstream analog front end (AFE)
* Wideband external A/D with direct sampling * Narrowband external A/D sampling * Narrowband internal A/D sampling
enables complete cable upstream * The BCM93138layer testing and evaluation with: advanced PHY
Dramatically reduces time to * complete reference design for market by providing a a DOCSIS/EuroDOCSIS
* BCM3138: DOCSIS/EuroDOCSIS-based advanced TDMA PHY burst receiver * BCM3037: DOCSIS/EuroDOCSIS-based QPSK/16 QAM burst transmitter * BCM3034: DOCSIS/EuroDOCSIS-based advanced QAM modulator
* 50 dB dynamic range for transmitter and receiver Full Reed-Solomon encoder/decoder with * programmable 23-bit randomizer/derandomizer * Multiple operation modes: Continuous * Easy-to-use Broadband Studio evaluation software
* * DOCSIS/EuroDOCSIS TDMA * Random-arrival
* * * * *
based advanced TDMA PHY cable upstream implementation. Implements pre-equalization for improved performance in heavily impaired cable channels. Enables digital cable set-top boxes, modems and telephony implementations. Provides self-contained subscriber and headend system with seamless interface between subscriber and headend components. Windows software for running test functions and scripts enable user-based evaluation tools with fast turn-up. Windows software API for register, memory and control access allows visibility to system performance for design comparisons and tradeoffs.
BCM93138 DOCSIS/EuroDOCSIS Upstream Advanced PHY Transmitter/Receiver Evaluation System
BCM93138
OVERVIEW
BCM93138DOCSIS/EuroDOCSIS Upstream Advanced TDMA PHY Transmitter/Receiver Evaluation System Block Diagram
DS Filter
BCM3034
Tuner A Tuner A US Rx AFE A/D A A/D B
BCM3138
FPGA
PRN, MAC and DMPI I/F
US Tx AFE X US Tx AFE A US Tx AFE B BCM3037
BCM3037
SRAM
The BCM93138 is a complete cable network transceiver system for frequency-agile, time-division multiple access (TDMA) systems. It is an ideal platform for evaluating the BCM3138 Dual Universal Advanced TDMA PHY Burst Receiver and the BCM3037 Universal Burst Modulator chips from Broadcom. The BCM93138 has several modes of operation, including random burst arrival, continuous mode and TDMA with various burst types like those defined in the DOCSIS/EuroDOCSIS standard. Burst data can be generated internally, programmed into internal memory, or supplied via an external test connector. A comprehensive software package is included to control and monitor the performance of the transceiver. The receiver module operates in a 5-65 MHz range with multiple options for the analog front end. These include wideband direct sampling and narrowband sampling (typically using a low-IF carrier) with either external or chip-internal A/D converters. The receiver can operate in multiple modes: continuous mode, single burst type with external Receive_now, single burst type with random arrival and full DOCSIS/EuroDOCSIS burst types.
The transmitter is the BCM3037 Universal QPSK/16-QAM Burst Modulator capable of operating in all DOCSIS/EuroDOCSIS modes with integrated 10-bit DAC and pre-equalization. The transmitter can operate in both continuous and burst modes. The BCM3034 Universal headend modulator is used to emulate advanced TDMA PHY equipped CPE by creating the upstream advanced TDMA PHY signal for system evaluation. The FPGA controller has a 64K x 16-bit RAM for pattern storage and/or data capture. It also implements basic DOCSIS/EuroDOCSIS MAC functions, data generation and verification. Access to the controller is via a printer port or RS232 to PC host. The BCM93138 represents the industry's first complete DOCSIS/EuroDOCSIS-based silicon solution for the cable upstream channel supporting advanced TDMA PHY features and is based on Broadcom's field-proven QAMLink(R) technology. It comes complete with schematics, gerber file, Bill of Materials (BOM), data sheet, software source code and application support.
Broadcom(R), the pulse logo, QAMLink(R) and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2002 by BROADCOM CORPORATION. All rights reserved. 93138-PB05-R-11.22.02
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM93138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X