Part Number Hot Search : 
ISL82 C680R GD120D 2SC4132 ELM742X SMBJ70C 01110 LRUJ64
Product Description
Full Text Search
 

To Download BCM5424 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5424
PRODUCT
(R)
Brief
OF BENEFITS
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH RGMII AND RTBI INTERFACE
BCM5424 FEATURES SUMMARY Four fully integrated * 1000BASE-T Gigabit 10BASE-T/100BASE-TX/ Ethernet transceivers RGMII and RTBI interface options * Fully compliant with IEEE 802.3, 802.3u, and 802.3ab * standards * 0.13 um CMOS -- low power and cost * Low power Low power quad-port integration enables single-row, * high port density switches.
* Lowers system costs by eliminating PCB layers required for routing high density solutions * Clock timing can be adjusted to eliminate board trace delays required by the RGMII specification. * Lowers MAC/switch costs by reducing the number of pins required to interface to the PHY.
* Low EMI emissions logic automatically selects * Ethernet@WireSpeed on channel conditions the maximum speed based * Cable plant diagnostic
TM
* 1W per port * Advanced power management
Provides * operatingcompatibility with IEEE standard devices at 10, 100, and 1000 Mbps at half- and full-
* Robust CESD tolerance * Support for jumbo packets up to 9 KB * IEEE 1149.1 (JTAG) boundary scan
* Cable plant analyzer function detects cable plant impairments * Link quality indication LED * Automatic detection and correction of wiring pair swaps, pair skew, and pair polarity Automatic MDI/MDIX crossover at all speeds *
* Requires no airflow or heatsink. Reduces design high-density * applications thatconstraints in EMI emissions. have higher link to the * Automatically configures the on link support capability highest possible speed based partner
Cable diagnostic function plant * condition and immediatelycharacterizes cableissues. indicates cabling High CESD * return. tolerance prevents equipment damage and Supports jumbo packets * protocol compatibility. for wider range of packet Ease of manufacturing with JTAG support, * power supply, and multiple MAC interfaces.simplified
* Prevents erroneous equipment return due to bad cable plants. * Prevents manufacturing fall-out due to bad cable plants.
duplex.
and characteristics of the channel.
BCM5424 System Diagram
10/100/1000 Mbps
Ethernet Switch
BCM5424
BCM5424 10/100/1000BASE-T
Gigabit Ethernet Transceiver
2x8 RJ-45s
BCM5424
with integrated magnetics
BCM5424


▲Up To Search▲   

 
Price & Availability of BCM5424

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X