Part Number Hot Search : 
HC4059 RPG100F SIT9366 27256 MAX106 CAT5112 NTE1381 PWB2010L
Product Description
Full Text Search
 

To Download BCM5421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5421
PRODUCT
(R)
Brief
OF BENEFITS
BCM5421 10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5421 FEATURES SUMMARY Fully integrated 10BASE-T/100BASE-TX/ * 1000BASE-T Gigabit Ethernet transceiver * On-chip low-voltage regulators Fully compliant with IEEE 802.3, 802.3u, and 802.3ab * standards * 0.13um CMOS -- low-power and cost * Low power
* 1W per port * Wake on LAN support * Advanced power management
TM
Provides with devices * operatinginteroperability 1000 IEEE standardand fullat 10, 100, and Mbps at half-
* * * * * *
* Low EMI emissions * Ethernet@WireSpeed logic automatically selects the maximum speed based on channel conditions * Cable plant diagnostic
duplex. Lowers system cost and reduces solution footprint. Requires no airflow or heatsink. Provides compliance with PCI 2.2 and PC99/PC2000. Reduces system design constraints to meet EMI emissions standards. Automatically configures the link to support the highest possible speed based on link partner capability and characteristics of the channel. Cable diagnostic function characterizes cable plant condition and immediately indicates cabling issues.
* Prevents erroneous equipment return due to bad cable plants. * Prevents manufacturing fall-out due to bad cable plants.
* Robust CESD tolerance * Support for jumbo packets up to 9 KB * IEEE 1149.1 (JTAG) boundary scan * MII, GMII, TBI, RGMII, and RTBI interface options * 117 BGA and 128 MQFP
10/100/1000BASE-T Network Interface Card
* Cable plant analyzer function detects cable plant impairments * Link quality indication LED * Automatic detection and correction of wiring pair swaps, pair skew, and pair polarity * Automatic MDI/MDIX crossover at all speeds
High CESD * return. tolerance prevents equipment damage and Operates with larger wider range * protocol support and packets forefficiency. of packet improved Ease of manufacturing with JTAG support, * power supply, and multiple MAC interfaces.simplified * Simplifies system and board design. over GMII and TBI RGMII/RTBI reduces I/O pin requirement
* by more than 50%.
1000BASE-T Gigabit Uplink
BCM5700 Gigabit PCI MAC
BCM5421
Transformer
RJ-45
BCM5605 24FE+2G Switch
Transformer
RJ-45
BCM5421
BCM5421
Transformer
BCM5228
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
BCM5228
Octal 10/100Mbps Phy
RJ-45


▲Up To Search▲   

 
Price & Availability of BCM5421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X