Part Number Hot Search : 
IT501 HFS5N65U 13080 ADD8708 MC68EC03 STK40 GS12070 SMB3EZ14
Product Description
Full Text Search
 

To Download BCM5414 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM5414
PRODUCT
(R)
Brief
OF BENEFITS
QUAD-PORT GIGABIT COPPER TRANSCEIVER WITH RGMII AND RTBI INTERFACE
BCM5414 FEATURES SUMMARY
Four fully integrated * 1000BASE-T Gigabit 10BASE-T/100BASE-TX/ Ethernet transceivers RTBI and HSTL level RGMII interface options * Fully compliant with IEEE 802.3, 802.3u, and 802.3ab * standards * 0.13 CMOS -- low power and cost * Low power
Low-power, quad-port integration enables single-row, * high port density switches.
* Lowers system costs by eliminating PCB layers required for routing high density solutions * 1.5V or 1.8V HSTL signal levels eliminate the need for 3.3V power supply, lowering system cost and simplifying design * Clock timing can be adjusted to eliminate board trace delays required by the RGMII specification. * Lowers MAC/switch costs by reducing the number of pins required to interface to the PHY.
* Low EMI emissions logic automatically selects * Ethernet@WireSpeed on channel conditions the maximum speed based * Cable plant diagnostic
TM
* 1W per port * Advanced power management
Provides * operatingcompatibility with IEEE standard devices at 10, 100, and 1000 Mbps at half- and full-
* Robust CESD tolerance * Support for jumbo packets up to 9 KB * IEEE 1149.1 (JTAG) boundary scan
* Cable plant analyzer function detects cable plant impairments * Link quality indication LED * Automatic detection and correction of wiring pair swaps, pair skew, and pair polarity Automatic MDI/MDIX crossover at all speeds *
* * *
duplex. Reduces design constraints in high-density applications that have higher EMI emissions. Automatically configures the link to support the highest possible speed based on link partner capability and characteristics of the channel. Cable diagnostic function characterizes cable plant condition and immediately indicates cabling issues.
* Prevents erroneous equipment return due to bad cable plants. * Prevents manufacturing fall-out due to bad cable plants.
High CESD * return. tolerance prevents equipment damage and Supports jumbo packets * protocol compatibility. for wider range of packet Ease of manufacturing with * simplified power supply. JTAG support and
BCM5414 System Diagram
10/100/1000 Mbps
Ethernet Switch
BCM5414
BCM5414 10/100/1000BASE-T
Gigabit Ethernet Transceiver
2x8 RJ-45s
BCM5414
with integrated magnetics
BCM5414


▲Up To Search▲   

 
Price & Availability of BCM5414

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X