Part Number Hot Search : 
ISL6569 SB110 HHM1521 1004SPT IR210 MA1015 LA72702 BUX25
Product Description
Full Text Search
 

To Download AME385-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n General Description
The AME385-2.5 is a micropower 2-terminal band-gap voltage regulator diode. It operates over a 20A to 20mA current range. Each circuit is trimmed at wafer sort to provide a 0.20% and 0.50% initial tolerance. The design of the AME385-2.5 allows for a large range of load capacitances and operating currents. The low start-up current makes these part ideal for battery applications. Analog Microelectronics offers this part in a TO-92 and SO-8 package as well as the space saving SOT-23.
n Functional Block Diagram
VR
Bandgap Cell
Current Shunt
n Features
l Small packages: SOT-23, TO-92, SO-8 l Tolerates capacitive loads l Fixed reverse breakdown voltage of 2.5V l Tight voltage tolerance ------- 0.20%, 0.5% l Wide operating current ------- 20A to 20mA l Wide temperature range ----- -40oC to +85oC l Low temperature coefficient --100ppm/oC (max) l Excellent transient response
VS
GND
n Typical Application
RS VR
n Applications
l Portable electronics l Power supplies l Computer peripherals l Data acquisition systems l Battery chargers l Consumer electronics
VS - VR RS = I 0.1F Value optional
VR = 2.5V
1
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Pin Configuration
SO-8 Top View
8 7 6 5
SOT-23 Top View AME 385-2.5 1. NC 2. NC 3. NC 4. 1 2 3
AME 385-2.5 1. + 2. 3. NC*
5. NC 6. NC
1 2 3 4
7. NC 8. +
TO-92-3 Bottom View
1 2 3
TO-92-2 Bottom View AME 385-2.5 1. NC* 2. 3. + 1 2
AME 385-2.5 1. + 2. -
* The NC pin must float or be connected to - (negative)
2
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Ordering Information AME385 x x x x x
Special Feature Number of Pins Package Type Operating Temperature Range Accuracy
Accuracy
Operating Temperature Range E: -40OC to 85OC
Package Type
Number of Pins
Special Feature
D: 0.2% B: 0.5%
A: TO-92 E: SOT-2X H: SO-8
A: 8 S: 2 T: 3
L: Low Profile Y: Lead Free & Low Profile Z: Lead Free
3
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Ordering Information (contd.)
Part Number
AME385DEET AME385DEETL AME385DEETY AME385DEETZ AME385DEHA
Marking
ACSww ACSww ACSww ACSww 385 DEHA yyww 385 DEHA yyww ABYww ABYww ABYww ABYww AME 385 BEAT yyww AME 385 BEAT yyww AME 385 BEAS yyww AME 385 BEAS yyww 385 BEHA yyww 385 BEHA yyww
Accuracy
0.2% 0.2% 0.2% 0.2% 0.2%
Package
SOT-23 TSOT-23 TSOT-23 SOT-23 SO-8
Operating Temp. Range
- 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C
AME385DEHAZ AME385BEET AME385BEETL AME385BEETY AME385BEETZ
0.2% 0.5% 0.5% 0.5% 0.5%
SO-8 SOT-23 TSOT-23 TSOT-23 SOT-23
- 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C - 40 o C to + 85 o C
AME385BEAT
0.5%
TO-92-3
- 40 o C to + 85 o C
AME385BEATZ
0.5%
TO-92-3
- 40 o C to + 85 o C
AME385BEAS
0.5%
TO-92-2
- 40 o C to + 85 o C
AME385BEASZ
0.5%
TO-92-2
- 40 o C to + 85 o C
AME385BEHA
0.5%
SO-8
- 40 o C to + 85 o C
AME385BEHAZ
0.5%
SO-8
- 40 o C to + 85 o C
* Package Option
Part Number
AME385XEAX AME385XEAX-1
Package
TO-92 Taping TO-92 Bulk
Lead Pitch
5.04mm 2.54mm
Note: yyww & ww represents the date code * A line on top of the first letter represents lead free plating such as ACS. Please consult AME sales office or authorized Rep./Distributor for the availability of voltage accuracy and package type.
4
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Absolute Maximum Ratings
Parameter
Supply Current
Maximum
50
Unit
mA
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
n Recommended Operating Conditions
Parameter
Supply Current Ambient Temperature Range Junction Temperature
Rating
100A ~ 20mA - 40 to + 85 - 40 to + 125
Unit
o
C C
o
n Thermal Information
Parameter
SOT-23 Thermal Resistance TO-92 SO-8 Maximum Junction Temperature Maximum Lead Temperature (10 Sec)
Maximum
325 180 125 150 300
Unit
o
C/W
o
C C
o
5
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Electrical Specifications
Unless otherwise specified, TA = 0~70OC, I = 100A Parameter Reference Voltage, 0.2% Reference Voltage, 0.5% Minimum Current Reference Voltage Change With Current Maximum Operation Current Symbol VREF IMIN dV REF/I IMIN < I < 1mA 1mA < I < 20mA 20 1.5 5 Test Condition IREF = 100A Min 2.495 2.487 Typ 2.50 2.50 Max 2.505 2.513 20 3 20 mA Units V V A mV
ILmax
Reverse Dynamic Impedence Wideband Noise (rms) Long term Stability Reference Voltage Temp. Coeff.
RDI Vn
IR= 100mA, f=20Hz IR= 100mA, 10 Hz1.5 60 20
Ohm V ppm
VREFTC
0oC < TA < 70oC
100
ppm/oC
6
AME, Inc.
AME385-2.5
Normalized Percentage Change vs. Temp.
0.1 0
Micropower Voltage Reference Diode
Reference Voltage Change vs. Current
4
Change of V REF (%)
-0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -50 0 50
I=100A
Change of VREF (mV)
2
0
-2
100 150
0.01
1
100
Temperature (o C)
Operation Current (mA)
Reverse Characteristic
100
1
Forward Characteristic
10
85O C IR (uA)
IF (mA)
25O C
0.125
1
25O C
85O C
0.1 0 0.65 1.3
0 0.001 0.1 10
VR (V)
VF (V)
Line Transient Response
25oC
5V/DIV
VIN
1V/DIV
VR
200S/DIV
7
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Package Dimension
SOT-23
Top View D Side View
SYMBOLS
C
MILLIMETERS MIN MAX
1.40 0.15 0.50 0.25 3.10 1.80
INCHES MIN
0.0394 0.0000 0.0138 0.0035 0.1063 0.0551
MAX
0.0551 0.0059 0.0197 0.0098 0.1220 0.0709
A
L
1.00 0.00 0.35 0.09 2.70 1.40
A1 b C D E
E
e
H
c1
e H L 1
0
1.90 BSC 2.40 3.00
0.0748 BSC 0.09449 0.11811 0.0138BSC
o
Front View
0.35BSC
o
10
0
o
10
o
TSOT-23
Top View D Side View C
A1
b
A
SYMBOLS A+A1 b C D E
L
MILLIMETERS MIN
0.80 0.35 0.08 2.70 1.20
INCHES MIN
0.0315 0.0138 0.0031 0.1063 0.0472
MAX
1.30 0.50 0.25 3.10 1.80
MAX
0.0512 0.0197 0.0098 0.1220 0.0709
E
e
H
c1
e H L 1
1.90 BSC 2.40 3.00
0.0748 BSC 0.09449 0.11811 0.0138BSC 0o 10o
Front View
0.35BSC 0o 10o
8
A1
b
A
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Package Dimension
TO-92-2 (bulk pack)
SYMBOLS
Top View L e e1 w D
MILLIMETERS MIN MAX
4.95
INCHES MIN
0.1575
MAX
0.1949
A b E e e1 L
E-PIN C 1/16
4.00
0.40REF 3.94REF 2.54REF 1.27REF 12.70 2.29 0.35 3.80 0.76 4.95 15.49
0.0157REF 0.1551REF 0.1000REF 0.0500REF 0.5000 0.6098
R W
0.0902 0.0138 0.1496 0.0299 0.1949
Side View A R b E
D
Notes: 1. Package outline exclusive of any mold flashes dimension. 2. Package outline exclusive of burr dimension. 3. Lead pitch=2.54mm is bulk pack. 4. Lead pitch=5.08mm is tape pack.
TO-92-3 (bulk pack)
SYMBOLS
Top View L e e1
MILLIMETERS MIN MAX
4.95
INCHES MIN
0.1102
MAX
0.1949
A b E e
D
2.80
0.40REF 3.94REF 2.54REF 1.27REF 12.70 2.29 0.35 3.80 0.76 4.95 15.49
0.0157REF 0.1551REF 0.1000REF 0.0500REF 0.5000 0.6098
w
e1 L R W
E-PIN C 1/16
0.0902 0.0138 0.1496 0.0299 0.1949
Side View A R b E
D
Notes: 1. Package outline exclusive of any mold flashes dimension. 2. Package outline exclusive of burr dimension. 3. Lead pitch=2.54mm is bulk pack. 4. Lead pitch=5.08mm is tape pack.
9
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Package Dimension
TO-92-2 (tape pack)
SYMBOLS
Top View L
MILLIMETERS MIN MAX
4.95
INCHES MIN
0.1102
MAX
0.1949
A b E e
D
2.80
0.40REF 2.40 3.94
0.0157REF 0.0945 0.1551
e
e1
w
5.08REF 2.54REF 12.70 2.00 0.35 3.80 0.76 4.95 15.49
0.2REF 0.1REF 0.5000 0.6098
e1 L R W
E-PIN C 1/16
0.0787 0.0138 0.1496 0.0299 0.1949
Side View A R b E
D
Notes: 1. Package outline exclusive of any mold flashes. 2. Package outline exclusive of burr dimension. 3. Lead pitch=2.54mm is bulk pack. 4. Lead pitch=5.08mm is tape pack.
TO-92-3 (tape pack)
SYMBOLS A b E e e1
D
MILLIMETERS MIN MAX
4.95
INCHES MIN
0.1102
MAX
0.1949
Top View L e e1
2.80
0.40REF 2.40 3.94
0.0157REF 0.0945 0.1551
w
5.08REF 2.54REF 12.70 2.00 0.35 3.80 0.76 4.95 15.49
0.2REF 0.1REF 0.5000 0.6098
L R W
0.0787 0.0138 0.1496 0.0299 0.1949
E-PIN C 1/16
Side View A R b E
D
Notes: 1. Package outline exclusive of any mold flashes. 2. Package outline exclusive of burr dimension. 3. Lead pitch=2.54mm is bulk pack. 4. Lead pitch=5.08mm is tape pack.
10
AME, Inc.
AME385-2.5
Micropower Voltage Reference Diode
n Package Dimension
SO-8
Top View Side View C
SYMBOLS A A1 A2 B
MILLIMETERS MIN MAX
1.75 0.25
INCHES MIN
0.05315
MAX
0.0689
E
1.35 0.10
0.00394 0.00984 0.058 REF 0.01299 0.02008 0.00748 0.00984 0.18898 0.19685 0.14961 0.15748 0.050 BSC 0.01575 0
o
1.473 REF 0.33 0.19 4.80 3.80 0.51 0.25 5.00 4.00
D
c
L
C D E e
Front View
7 o(4X)
1.27 BSC 0.40 0
o
A2
L y
1.27 0.10 8
o
0.05 0.004 8
o
B
A1
e
A
11
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , September 2003 Document: 2006-DS8803/8814-G
E-Mail:Longman@rccn.com.cn
Address:Room 2101, No.2 Building Yulan garden, No.50 Puhuitang Rd,Shanghai,PRC zip:200030 Tel : 86-21-64285731/32 ext:8033 Fax: 86-21-64393342 Sales Manager:Longman Xu


▲Up To Search▲   

 
Price & Availability of AME385-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X