Part Number Hot Search : 
D201I C550A LVC125 VTC5764C PC817 16BPE MAX17 AD637B
Product Description
Full Text Search
 

To Download AD9979 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14-Bit, CCD Signal Processor with Precision TimingTM Core AD9979
FEATURES
1.8 V analog and digital core supply voltage Correlated double sampler (CDS) with -3 dB, 0 dB, +3 dB, and +6 dB gain 6 dB to 42 dB 10-bit variable gain amplifier (VGA) 14-bit 65 MHz analog-to-digital converter Black-level clamp with variable level control Complete on-chip timing generator Precision Timing core with 240 ps resolution @ 65 MHz On-chip 3 V horizontal and RG drivers General-purpose outputs (GPOs) for shutter and system support 7 mm x 7 mm, 48-lead LFCSP package Internal LDO regulator circuitry
GENERAL DESCRIPTION
The AD9979 is a highly integrated CCD signal processor for high speed digital video camera applications. Specified at pixel rates of up to 65 MHz, the AD9979 consists of a complete analog front end with analog-to-digital conversion, combined with a programmable timing driver. The Precision Timing core allows adjustment of high speed clocks with approximately 240 ps resolution at 65 MHz operation. The analog front end includes black-level clamping, CDS, VGA, and a 65 MSPS, 14-bit analog-to-digital converter. The timing driver provides the high speed CCD clock drivers for RG, HL, and H1 to H4. Operation is programmed using a 3-wire serial interface. Available in a space-saving, 7 mm x 7 mm, 48-lead LFCSP package, the AD9979 is specified over an operating temperature range of -25C to +85C.
APPLICATIONS
Professional HDTV camcorders Professional/high end digital cameras Broadcast cameras Industrial high speed cameras
FUNCTIONAL BLOCK DIAGRAM
REFT REFB
AD9979
CCDINP CDS CCDINM -3dB, 0dB, +3dB, +6dB VGA
VREF 14 DOUT
ADC 6dB TO 42dB CLAMP
D0 TO D13
LDOOUT
LDO INTERNAL CLOCKS
RG HL H1 TO H4 4 HORIZONTAL DRIVERS
PRECISION TIMING CORE
CLI
SYNC GENERATOR
INTERNAL REGISTERS
05957-001
HD
VD
SL
SCK
SDATA
Figure 1.
Rev. Sp0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2007 Analog Devices, Inc. All rights reserved.
AD9979
(c)2007 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D05957F-0-2/07(Sp0)
Rev. Sp0 | Page 2 of 2


▲Up To Search▲   

 
Price & Availability of AD9979

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X