Part Number Hot Search : 
4B342DR 114EKA LTC1471 MMBZ5257 X40035 29F40 AN101 1A272
Product Description
Full Text Search
 

To Download AAT1014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Analog Technology, Inc.
AAT1014
Details are subject to change without notice
3-CHANNEL PC POWER SUPPLY SUPERVISOR
FEATURES
3-Channel PC Power Supply Supervisor Over Voltage Protection for 3.3V, 5V, and 12V Under Voltage Protection for 3.3V, 5V Fault Protection Output with Open Drain Output Open Drain Power Good Output 300 ms Power Good Delay 2.3 ms ONCTL to FPO Turn Off Delay
GENERAL DESCRIPTION
The AAT1014 is a 3-channel PC power supply supervisor. It provides Over Voltage Protection (OVP), Under Voltage Protection (UVP), and Power Good Indicator to monitor and control the output of the switching power supply system. Over voltage fault protection and under voltage fault protection can be directly triggered without any external voltage divider. AAT1014 could also greatly reduce the printed circuit board space for PC power supply system. Furthermore, remote function from external signal, i.e., On/Off Control ( ONCTL ), is also implemented. The versatile AAT1014 comes in a compact PDIP-8 package with optimized external parts to offer its users simple and effective solutions.
38 ms ONCTL Signal De-bounce 73 s Noise De-bounce Time Latch Function Controlled by ONCTL and Protection Input.
PIN CONFIGURATION
VCC
FPO
ONCTL
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 1 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
FPO (Fault Protection Output)
NORMAL="LOW", FAULT="HIGH" FPO indicates the fault condition of either Over Voltage or Under Voltage. When a fault state occurs, the FPO latches high and combines with a low PGO output.
OVP and UVP (Over Voltage Protection and Under Voltage Protection)
OVP monitors 3.3V, 5V, and 12V via VCC pin, while UVP monitors 3.3V and 5V. OVP and UVP levels are determined by internal voltage dividers. The typical values are 3.9V, 6.1V, 13.4V for OVP and 2.69V, 4.3V for UVP, respectively. ONCTL (On/Off Control) On/Off Control is used to reset the latched state of FPO and to externally control the switching power supply system with 38 ms de-bounce time. AAT1014 offers 2.3 ms delay time after de-bounce to trigger FPO when ONCTL switches from low to high.
PGO (Power Good Output)
NORMAL="HIGH", FAULT="LOW". The Power Good signal will be issued with 300 ms delay after 3.3V, 5V, 12V and PGI are ready. Power Good Output should be low before the output voltage is out of regulation at turn-off.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 2 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
PIN DESCRIPTION
PIN NO NAME I/O DESCRIPTION 1 PGI I Power Good Input 2 GND Ground O Inverted Fault Protection Output, Open Drain Output Stage 3 FPO 4 ONCTL I ON/OFF Control I Over and Under Voltage Protection for 3.3V 5 V33 I Over and Under Voltage Protection for 5V 6 V5 7 8 VCC PGO Supply Voltage and 12V Over Voltage Protection Input O Power Good Output, Open Drain Output Stage I
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS Supply Voltage FPO Output Voltage PGO Output Voltage Supply Current Operating Free-Air Temperature Range Storage Temperature Range SYMBOL VCC VFPO VPGO ICC TC
Tstorage
VALUE 16 16 8 1
- 20 to +85 - 45 to +125
UNIT V V V mA
o o
C C
RECOMMENDED OPERATING CONDITIONS
TEST CONDITION Supply Voltage, VCC Input Voltage, VI Output Voltage Output Sink Current, IO (sink) Supply Voltage Rising Time ONCTL , V5 , V33 , PGI VFPO VPGO I FPO I PGO tr See Note 1 1 MIN TYP MAX UNIT 4 15 7 15 7 30 10 V V V V mA mA ms
Note 1: VCC slew rate must be less than 14 V/ms.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 3 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
ELECTRICAL CHARACTERISTICS, VCC = 5 V (Unless Otherwise Specified)
OVP AND UVP PARAMETER V33 Over Voltage Threshold V5 VCC V33 Under Voltage Threshold V5 VCC PGO AND FPO PARAMETER I LEAK Leakage Current (PGO) VOL Low Level Output Voltage (PGO) I LEAK Leakage Current ( FPO ) VOL Low Level Output Voltage ( FPO ) TEST CONDITION MIN 3.7 5.7 12.8 2.55 4.10 TYP MAX UNIT 3.9 4.1 6.1 13.4 2.69 4.30 3.8 6.5 13.9 2.83 4.47 V V
TEST CONDITION PGO = 5 V I sin k = 10 mA V( FPO ) = 5 V I sin k = 10 mA I sin k = 30 mA
MIN
TYP MAX UNIT A 5 0.4 5 0.3 0.7 V
A
V
PGI AND ONCTL PARAMETER Input Threshold Voltage (PGI) Input Pull-Up Current ( ONCTL ) High-Level Input Voltage ( ONCTL ) Low-Level Input Voltage ( ONCTL ) OPERATING CURRENT PARAMETER I CC Supply Current
TEST CONDITION ONCTL = 0 V
MIN 1.16 2.4
TYP MAX UNIT 1.20 150 1.24 V A V V
1.2
TEST CONDITION ONCTL = 5 V
MIN
TYP MAX UNIT 1 mA
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 4 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
ELECTRICAL CHARACTERISTICS, VCC = 5 V (Unless Otherwise Specified) (CONT.)
SWITCHING CHARACTERISTICS, VCC = 5V, Top = FULL RANGE PARAMETER TEST CONDITION MIN t d1 t d2 t d3 t b1 t b2 PGO Delay Time UVP Delay Time ONCTL off to FPO Delay Time ONCTL De-Bounce Time Noise De-Bounce Time 200 65 TYP 300 75 MAX 490 122 UNI T ms ms
t b1 + 1.1 t b1 + 2.3 t b1 + 4.4 ms 32 47 38 73 61 110 ms s
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 5 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
BLOCK DIAGRAM
Vcc UVLO OV12 GND VINT VINT =3.58 V Power on Reset Reset Level Shift R POD Vref OV5 Reset Vref OV33 R R R Q 73 s De-Bounce S POD2 Q FPO
Vref OV12
S
V5 UV5 V33
VCC
OV5
75 ms Delay R Level Shift PGO
UV33
OV33 73 s De-Bounce Vref R R POD 73 s De-Bounce 300 ms CLR Delay Q
UV5 Vref UV33 Vref PGI
Reset Vcc Reset 150 uA 38 ms De-Bounce 2.3 ms CLR Delay POD VBG =1.28 Bandgap Reference POD2 POD Oscillator
ONCTL
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 6 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
TIMING CHART
Vcc RESET R
ONCTL S Q FPO PGI 3.3 V 5V 12 V PGO td1 tb1 td1 tb1 td3 td1 PG OFF DELAY
PROTECTION OCCUR
ONCTL OFF
ONCTL ON
AC OFF
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 7 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
PACKAGE DIMENSION
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 8 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
PACKAGE DIMENSION (CONT.)
SYMBOL A A1 A2 B B1 B2 C D E E1 e L eB S DIMENSION IN MILLIMETERS MIN TYP MAX 3.6 3.9 4.2 0.38 --------3.25 3.30 3.45 0.36 0.46 0.56 1.400 1.524 1.650 0.813 0.990 1.170 0.20 0.25 0.33 9.12 9.30 9.53 7.62 7.87 8.26 6.20 6.35 6.60 ----2.54 ----3.18 --------8.38 ----9.40 0.71 0.84 0.97 MIN 0.142 0.015 0.128 0.014 0.055 0.032 0.008 0.359 0.300 0.244 ----0.125 0.330 0.028 DIMENSION IN INCHES TYP 0.154 ----0.130 0.018 0.060 0.039 0.010 0.366 0.310 0.250 0.100 --------0.033 MAX 0.165 ----0.136 0.022 0.065 0.046 0.013 0.375 0.325 0.260 --------0.370 0.038
NOTES: 1. CONTROLLING DIMENSION: INCH. 2. LEAD FRAM MATERIAL: C194. 3. PACKAGE DIMENSION EXCLUDE MOLDING FLASH. 4. AFTER SOLDER PLATING, LEAD THICKNESS WILL BE 0.013" MAX. 5. AFTER SOLDER DIPPING, LEAD THICKNESS WILL BE 0.020" MAX. 6. THE MAX. ALLOWABLE MOLDING FLASH IS 0.010". 7. TOLERANCE: 0.010" UNLESS OTERWISE SPECIFIED. 8. OTHERWISE DIMENSION FOLLOW ACCEPTABLE SPECS. 9. THE BOTTOM E - PIN INDENT IS MARKED AS BELOW.
10. PACKAGE DIMENSION IS IN COMPLIANCE WITH JEDEC STANDARD MS-001 AB JUL85' ISSUE B.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 9 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
TAPE AND REEL
PACKING METHOD: 60PCS/TUBE, 3,000PCS/BOX, 12,000PCS/CARTON
POSITION OF THE PRODUCT INSIDE OF THE PLASTIC TUDE
NOTE: 60PCS/TUBE
TUBES ARE PLACED IN SMALL PAPER BOXES, WITH THE WHITE PLUG FACING THE SIDE WITH MARKING
NOTE: 50TUBES/BOX
MARKING FOR THE SMALL PAPER BOX SHOULD BE POSITIONED AS SHOWN ABOVE
NOTE: USE CLEAR TAPE TO SEAL THE SMALL BOX INSTEAD OF QA SEAL
POSITION LABEL ON THE RIGHT CORNER OF THE BLANK BOXES MARKING ON THE LARGE BOX AS SHOWN ABOVE
NOTE: 4 SMALL BOXES/LARGE BOX, WITH NO QA SEAL
.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 10 of 11 V 1.0
Advanced Analog Technology, Inc.
AAT1014
PART MARKING
PDIP8 TOP MARKING
AAT1014 BXXXXX.X YYWW TAIWAN
(LOT NO.)
(DATE CODE: 0416->2004, WEEK 16)
NOTE: PDIP8 HAS NO BACK MARKING.
- - xAEWAniN/|-1/2q - Advanced Analog Technology, Inc. -
Page 11 of 11 V 1.0


▲Up To Search▲   

 
Price & Availability of AAT1014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X