Part Number Hot Search : 
TS35P05G OX2450A UPA826TF 220CA 20SQ040 AD60010 DU256NM INF8582E
Product Description
Full Text Search
 

To Download 74HCT4067D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT4067 16-channel analog multiplexer/demultiplexer
Product specification File under Integrated Circuits, IC06 September 1993
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
FEATURES * Low "ON" resistance: 80 (typ.) at VCC = 4.5 V 70 (typ.) at VCC = 6.0 V 60 (typ.) at VCC = 9.0 V typical "break before make" built-in * Output capability: non-standard * ICC category: MSI GENERAL DESCRIPTION The 74HC/HCT4067 are high-speed Si-gate CMOS devices and are pin compatible with the "4067" of the "4000B" series. They are specified in compliance with JEDEC standard no. 7A.
74HC/HCT4067
The 74HC/HCT4067 are 16-channel analog multiplexers/demultiplexers with four address inputs (S0 to S3) , an active LOW enable input (E), sixteen independent inputs/outputs (Y0 to Y15) and a common input/output (Z). The "4067" contains sixteen bidirectional analog switches, each with one side connected to an independent input/output (Y0 to Y15) and the other side connected to a common input/output (Z). With E LOW, one of the sixteen switches is selected (low impedance ON-state) by S0 to S3. All unselected switches are in the high impedance OFF-state. With E HIGH, all switches are in the high impedance OFF-state, independent of S0 to S3. The analog inputs/outputs (Y0 to Y15, and Z) can swing between VCC as a positive limit and GND as a negative limit. VCC to GND may not exceed 10 V.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPZL/ tPZH turn-on time E to Vos Sn to Vos tPLZ/ tPHZ turn-off time E to Vos Sn to Vos CI CPD CS input capacitance power dissipation capacitance per switch max. switch capacitance independent (Y) common (Z) Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + { (CL + CS) x VCC2 x fo} where: fi = input frequency in MHz fo = output frequency in MHz {(CL + CS) x VCC2 x fo} = sum of outputs CL = output load capacitance in pF CS = max. switch capacitance in pF VCC = supply voltage in V 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V 5 45 5 45 pF pF notes 1 and 2 27 29 3.5 29 26 30 3.5 29 ns ns pF pF PARAMETER CONDITIONS HC CL = 15 pF; RL = 1 k; VCC = 5 V 26 29 32 33 ns ns HCT UNIT
September 1993
2
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PIN DESCRIPTION PIN NO. 1 9, 8, 7, 6, 5, 4, 3, 2, 23, 22, 21, 20, 19, 18, 17, 16 10, 11, 14, 13 12 15 24 SYMBOL Z Y0 to Y15 S0 to S3 GND E VCC NAME AND FUNCTION common input/output
74HC/HCT4067
independent inputs/outputs address inputs ground (0 V) enable input (active LOW) positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
September 1993
3
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
APPLICATIONS * Analog multiplexing and demultiplexing * Digital multiplexing and demultiplexing * Signal gating
74HC/HCT4067
FUNCTION TABLE INPUTS E L L L L L L L L L L L L L L L L H Notes 1. H = HIGH voltage level L = LOW voltage level X = don't care S3 L L L L L L L L H H H H H H H H X S2 L L L L H H H H L L L L H H H H X S1 L L H H L L H H L L H H L L H H X S0 L H L H L H L H L H L H L H L H X CHANNEL ON Y0 - Z Y1 - Z Y2 - Z Y3 - Z Y4 - Z Y5 - Z Y6 - Z Y7 - Z Y8 - Z Y9 - Z Y10 - Z Y11 - Z Y12 - Z Y13 - Z Y14 - Z Y15 - Z none
Fig.4 Functional diagram.
Fig.5 Schematic diagram (one switch).
September 1993
4
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
74HC/HCT4067
Fig.6 Logic diagram.
September 1993
5
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Voltages are referenced to GND (ground = 0 V) SYMBOL VCC IIK ISK IS ICC; IGND Tstg Ptot PARAMETER DC supply voltage DC digital input diode current DC switch diode current DC switch current DC VCC or GND current storage temperature range power dissipation per package plastic DIL plastic mini-pack (SO) PS Note power dissipation per switch 750 500 100 mW mW mW -65 MIN. -0.5 MAX. +11.0 20 20 25 50 +150 UNIT V mA mA mA mA C CONDITIONS
74HC/HCT4067
for VI < -0.5 or VI > VCC + 0.5 V for VS < -0.5 or VS > VCC + 0.5 V for -0.5 V < VS < VCC + 0.5 V
for temperature range: -40 to +125 C 74HC/HCT above +70 C: derate linearly with 12 mW/K above +70 C: derate linearly with 8 mW/K
1. To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND. RECOMMENDED OPERATING CONDITIONS 74HC SYMBOL PARAMETER min. typ. max. min. typ. max. VCC VI VS Tamb Tamb tr, tf DC supply voltage DC input voltage range DC switch voltage range 2.0 GND GND 5.0 10.0 VCC VCC +85 4.5 GND GND -40 5.0 5.5 VCC VCC +85 V V V C see DC and AC CHARACTERISTICS VCC = 2.0 V VCC = 4.5 V VCC = 6.0 V VCC = 10.0 V 74HCT UNIT CONDITIONS
operating ambient temperature range -40 operating ambient temperature range -40 input rise and fall times 6.0
+125 -40 1000 500 400 250
+125 C
6.0
500
ns
September 1993
6
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
DC CHARACTERISTICS FOR 74HC/HCT For 74HC: VCC - GND = 2.0, 4.5, 6.0 and 9.0 V For 74HCT: VCC - GND = 4.5 V Tamb (C) 74HC/HCT SYMBOL PARAMETER min. RON ON-resistance (peak) +25 typ. - 110 95 75 150 90 80 70 - 9 8 6 - 180 160 130 - 160 140 120 -40 to +85 max. min. max. - 225 200 165 - 200 175 150 -40 to +125 min. max. - 270 240 195 - 240 210 180
74HC/HCT4067
TEST CONDITIONS UNIT V CC (V) 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 IS (A) 100 1000 1000 1000 100 1000 1000 1000
Vis
VI
VCC VIH to or GND VIL GND VIH or or VCC VIL VCC VIH to or GND VIL
RON
ON-resistance (rail)
RON
maximum variation of ON-resistance between any two channels
Notes 1. At supply voltages (VCC - GND) approaching 2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore it is recommended that these devices be used to transmit digital signals only, when using these supply voltages. 2. For test circuit measuring RON see Fig.7.
Fig.7 Test circuit for measuring ON-resistance (RON).
Fig.8 Test circuit for measuring OFF-state current.
September 1993
7
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
74HC/HCT4067
Fig.9 Test circuit for measuring ON-state current.
Fig.10 Typical ON-resistance (RON) as a function of input voltage (Vis) for Vis = 0 to VCC - GND.
DC CHARACTERISTICS FOR 74HC Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HC SYMBOL PARAMETER min. VIH
HIGH level input voltage
TEST CONDITIONS UNIT VCC (V) VI OTHER
+25 typ. 1.2 2.4 3.2 4.7 0.8 2.1 2.8 4.3 0.50 1.35 1.80 2.70 0.1 0.2 0.1 max.
-40 to +85 min. 1.5 3.15 4.2 6.3 0.50 1.35 1.80 2.70 1.0 2.0 1.0 max.
-40 to +125 min. 1.5 3.15 4.2 6.3 0.50 1.35 1.80 2.70 1.0 2.0 1.0 max.
1.5 3.15 4.2 6.3
V
2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 6.0 10.0 10.0
VCC or GND
VIL
LOW level input voltage
V
II
input leakage current analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current
A
IS
A
VIH or VIL VIH or VIL VIH or VIL
VS = VCC - GND (see Fig.8) VS = VCC - GND (see Fig.9) VS = VCC - GND (see Fig.9)
IS
0.8
8.0
8.0
A
10.0
IS
0.8
8.0
8.0
A
10.0
ICC
8.0 16.0
80.0 160
160 320
A
6.0 10.0
VCC Vis = GND or VCC; or GND Vos = VCC or GND
September 1993
8
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 -40 to +85 max. 95 19 16 11 75 15 13 10 315 63 54 48 315 63 54 48 345 69 59 53 365 73 62 56 345 69 59 53 375 75 64 56 345 69 59 53 375 75 64 56 -40 to +125 min. max. 110 22 19 14 90 18 15 12 375 75 64 57 375 75 64 57 415 83 71 63 435 87 74 68 415 83 71 63 450 90 77 68 415 83 71 63 450 90 77 68 ns UNIT
74HC/HCT4067
TEST CONDITIONS VCC (V) 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 2.0 4.5 6.0 9.0 OTHER
min. typ. max. min. tPHL/ tPLH propagation delay Vis to Vos; Yn to Z propagation delay Vis to Vos; Z to Yn turn-off time E to Yn 25 9 7 5 18 6 5 4 74 27 22 20 83 30 24 21 85 31 25 24 94 34 27 25 80 29 23 17 88 32 26 18 85 31 25 18 94 34 27 19 75 15 13 9 60 12 10 8 250 50 43 38 250 50 43 38 275 55 47 42 290 58 47 45 275 55 47 42 300 60 51 45 275 55 47 42 300 60 51 45
tPHL/ tPLH
ns
RL = ; CL = 50 pF (see Fig.16)
tPHZ/ tPLZ
ns
tPHZ/ tPLZ
turn-off time Sn to Yn
ns
tPHZ/ tPLZ
turn-off time E to Z
ns
tPHZ/ tPLZ
turn-off time Sn to Z
ns
tPZH/ tPZL
turn-on time E to Yn
ns
RL = 1 k; CL = 50 pF (see Fig.17)
tPZH/ tPZL
turn-on time Sn to Yn
ns
tPZH/ tPZL
turn-on time E to Z
ns
tPZH/ tPZL
turn-on time Sn to Z
ns
September 1993
9
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
Note to AC CHARACTERISTICS FOR 74HC
74HC/HCT4067
1. Due to higher Z terminal capacitance (16 switches versus 1) the delay figures to the Z terminal are higher than those to the Y terminal. DC CHARACTERISTICS FOR 74HCT Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HCY SYMBOL PARAMETER +25 -40 to +85 -40 to +125 UNIT V CC VI (V) V 4.5 to 5.5 4.5 to 5.5 5.5
VCC or GND
TEST CONDITIONS
OTHER
min. typ. max. min. max. min. max. VIH
HIGH level input voltage LOW level input voltage input leakage current
2.0
1.6
2.0
2.0
VIL
1.2
0.8
0.8
0.8
V
II
0.1
1.0
1.0
A
IS
analog switch OFF-state current per channel analog switch OFF-state current all channels analog switch ON-state current quiescent supply current additional quiescent supply current per input pin for unit load coefficient is 1 (note 1)
0.1
1.0
1.0
A
5.5
VIH or VIL VIH or VIL VIH or VIL
VCC or GND VCC -2.1 V
VS = VCC - GND (see Fig.8) VS = VCC - GND (see Fig.9) VS = VCC - GND (see Fig.9) Vis = GND or VCC; Vos = VCC or GND other inputs at VCC or GND
IS
0.8
8.0
8.0
A
5.5
IS
0.8
8.0
8.0
A
5.5
ICC
8.0
80.0
160
A
4.5 to 5.5 4.5 to 5.5
ICC
100 360
450
490
A
Note 1. The value of additional quiescent supply current (ICC) for a unit load of 1 is given here. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT E Sn UNIT LOAD COEFFICIENT 0.6 0.5
September 1993
10
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns Tamb (C) 74HCT SYMBOL PARAMETER +25 -40 to +85 max. 19 -40 to +125 min. max. 22 ns UNIT
74HC/HCT4067
TEST CONDITIONS VCC (V) 4.5 RL = ; CL = 50 pF (see Fig.16) OTHER
min. typ. max. min. tPHL/ tPLH propagation delay Vis to Vos; Yn to Z propagation delay Vis to Vos; Z to Yn turn-off time E to Yn turn-off time Sn to Yn turn-off time E to Z turn-off time Sn to Z turn-on time E to Yn turn-on time Sn to Yn turn-on time E to Z turn-on time Sn to Z 9 15
tPHL/ tPLH
6
12
15
18
ns
4.5
tPHZ/ tPLZ tPHZ/ tPLZ tPHZ/ tPLZ tPHZ/ tPLZ tPZH/ tPZL tPZH/ tPZL tPZH/ tPZL tPZH/ tPZL Note
26 31 30 35 32 35 38 38
55 55 60 60 60 60 65 65
69 69 75 75 75 75 81 81
83 83 90 90 90 90 98 98
ns ns ns ns ns ns ns ns
4.5 4.5 4.5 4.5 4.5 4.5 4.5 4.5
RL = 1 k; CL = 50 pF (see Fig.17)
1. Due to higher Z terminal capacitance (16 switches versus 1) the delay figures to the Z terminal are higher than those to the Y terminal.
September 1993
11
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
ADDITIONAL AC CHARACTERISTICS FOR 74HC/HCT Recommended conditions and typical values GND = 0 V; tr = tf = 6 ns SYMBOL PARAMETER sine-wave distortion f = 1 kHz sine-wave distortion f = 10 kHz switch "OFF" signal feed-through fmax CS minimum frequency response (-3 dB) maximum switch capacitance independent (Y) common (Z) TYP. 0.04 0.02 0.12 0.06 -50 -50 90 100 5 45 UNIT % % % % dB dB MHz MHz pF pF VCC (V) 4.5 9.0 4.5 9.0 4.5 9.0 4.5 9.0 Vis(p-p) (V) 4.0 8.0 4.0 8.0 note 3 note 4
74HC/HCT4067
CONDITIONS RL = 10 k; CL = 50 pF (see Fig.14) RL = 10 k; CL = 50 pF (see Fig.14) RL = 600 ; CL = 50 pF f = 1 MHz (see Figs 11 and 15) RL = 50 ; CL = 10 pF (see Figs 12 and 13)
Notes 1. Vis is the input voltage at Yn or Z terminal, whichever is assigned as an input. 2. Vos is the output voltage at Yn or Z terminal, whichever is assigned as an output. 3. Adjust input voltage Vis is 0 dBm level (0 dBm = 1 mW into 600 ). 4. Adjust input voltage Vis is 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 ).
September 1993
12
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
74HC/HCT4067
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig.11 Typical switch "OFF" signal feed-through as a function of frequency.
Test conditions: VCC = 4.5 V; GND = 0 V; RL = 50 ; Rsource = 1 k.
Fig.12 Typical frequency response.
Adjust input voltage to obtain 0 dBm at Vos when fin = 1 MHz. After set-up frequency of fin is increased to obtain a reading of -3 dB at Vos.
Fig.13 Test circuit for measuring minimum frequency response.
September 1993
13
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
74HC/HCT4067
Fig.14 Test circuit for measuring sine-wave distortion.
Fig.15 Test circuit for measuring switch "OFF" signal feed-through.
AC WAVEFORMS
(1) HC : VM = 50%; VI = GND to VCC. HCT : VM = 1.3 V; VI = GND to 3 V.
Fig.16 Waveforms showing the input (Vis) to output (Vos) propagation delays.
Fig.17 Waveforms showing the turn-on and turn-off times.
September 1993
14
Philips Semiconductors
Product specification
16-channel analog multiplexer/demultiplexer
TEST CIRCUIT AND WAVEFORMS Conditions TEST tPZH tPZL tPHZ tPLZ others SWITCH GND VCC GND VCC open Vis VCC GND VCC GND pulse
74HC/HCT4067
CL
=
load capacitance including jig and probe capacitance (see AC CHARACTERISTICS for values). termination resistance should be equal to the output impedance ZO of the pulse generator. tf = 6 ns, when measuring fmax, there is no constraint on tr, tf with 50% duty factor. Fig.18 Test circuit for measuring AC performance.
RT
=
tr
=
FAMILY 74HC 74HCT
AMPLIVM TUDE VCC 3.0 V 50%
tr, tf fmax; OTHER PULSE WIDTH < 2 ns 6 ns 6 ns
1.3 V < 2 ns
Fig.19 Input pulse definitions.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines". September 1993 15
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HCT4067D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X