Part Number Hot Search : 
BZX84C15 E200A QSMCJ FKC05 2N4901 AM4417P LA6548NH BYD72E
Product Description
Full Text Search
 

To Download 70B00000Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Electronic Overcurrent Protection
Alarm Indicating Fuse 70 Series
The 70 Series alarm indicating fuses are designed for use in telecommunications equipment. A color-coded tip provides visual identification of the ampere rating and the fuse status.
Specifications
Approvals: UL Recognized Interrupting Ratings: 1000 amperes @ 125 VAC 1000 amperes @ 300 VDC
Features
* * Color coded tip Rated 125 VAC, 300 VDC
Ordering Information
10 Minute Rating 100mA 150mA 180mA 200mA 250mA 250mA 350mA 500mA 750mA 1.33A 2A 3A 3.5A 5A 8A 10A Catalog Number 70P 70R 70E 70X 70F 70K 70S 70G 70H 70A 70B 70C 70J 70D 70M 70N System Number 70P00000Z 70R00000Z 70E00000Z 70X00000Z 70F00000Z 70K00000Z 70S00000Z 70G00000Z 70H00000Z 70A00000Z 70B00000Z 70C00000Z 70J00000Z 70D00000Z 70M00000Z 70N00000Z Color Code Grey/White Red/White Yellow Black Violet Violet/White Gray Red Brown White Orange Blue Black/White Green/Black Tan/White Yellow/Purple
20
Consult Littelfuse web site for more information
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of 70B00000Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X