|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
6310 Series 2 x 5 Rectangular Right Angle LED Assembly DESCRIPTION AND FEATURES .270 .200 .430 2mm X 5mm R E C T ANG ULAR LE D .160.015 .080 .290 .215 .100 .190 .024 S Q. .250 ANODE (+) .100 C AT HODE (-) .350 All dimensions in inches. Features * Block mounting design assures height and side-by-side spacing-alignment saves assembly costs. * Flat rectangular LED face has even light distribution. * Press-in mounting pin secures assembly to PC board while being soldered. * Standoffs prevent flux entrapment. Housing: Black Nylon, UL94V-O Mounting hole pattern on page 1-X7. ELECTRO-OPTICAL CHARACTERISTICS AND RATINGS E mitted C olor R ed G reen Y ellow T ypical Intensity (mcd) 4 4 4 R ated C urrent (mA) 20 20 20 C ontinuous F orward C urrent Max. (mA) F orward V oltage T yp. (V ) 2.0 2.2 2.1 Max. (V ) 3.0 3.0 3.0 P art Number 6310D1 6310D5 6310D7 R everse B reakdown V oltage Min. (V ) P eak Wavelength (nm) 635 565 585 35 30 25 5 5 5 America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product 6310 Series 2 x 5 Rectangular Right Angle LED Assembly |
Price & Availability of 6310 |