Part Number Hot Search : 
C7808 2450BP 104MT OSG5D 6049633 R1100 OSG5D 29DL324
Product Description
Full Text Search
 

To Download 30CPU04PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-20674 04/04
30CPU04PBF
ULTRAFAST RECTIFIER
Features
* * * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Lead-Free
trr = 60ns IF(AV) = 30Amp VR = 400V
Description/ Applications International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFRM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current Total Device (Rated VR ), T C = 149C Non Repetitive Peak Surge Current, @ 25C Peak Repetitive Forward Current (Rated V R , Square wave, 20 KHz), TC = 149C Operating Junction and Storage Temperatures - 65 to 175 C Per Leg Total Device Per Leg Per Leg
Max
400 15 30 200 30
Units
V A
Case Styles
30CPU04PBF
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
TO247AC www.irf.com
Common Cathode
1
30CPU04PBF
Bulletin PD-20674 04/04
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
400 V V V A A pF nH IR = 100A IF = 15A IF = 15A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 400V Measured lead to lead 5mm from package body
1.17 1.25 0.93 1.12 0.3 30 28 12 10 500 -
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
36 46 80 60 ns IF = 1.0A, diF/dt = 50A/s, VR = 30V TJ = 25C TJ = 125C 345 nC A TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 15A VR = 200V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
3.6 8.7 84 -
Qrr
Reverse Recovery Charge
-
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Wt Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Per Leg Per Leg
Min
- 65 -
Typ
0.8 0.4 6.0 0.21 -
Max
175 175 1.5 40 12 10
Units
C
C/W
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
Typical Socket Mount Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
30CPU04PBF
Bulletin PD-20674 04/04
100
1000 100
Reverse Current - I R (A)
Tj = 175C Tj = 150C Tj = 125C Tj = 100C
10 1 0.1 0.01 0.001 0
Instantaneous Forward Current - I F (A)
10
Tj = 25C
0.0001
T J = 175C T = 150C
J J
100
200
300
400
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
T = 25C
1000
Junction Capacitance - C T (pF)
T = 25C
J
1
100
0.1 0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
10 0 100 200 300 400
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics
10
(C/W)
thJC
Thermal Impedance Z
1
0.1
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance)
Notes:
PDM
t1 t2
1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC+ Tc
0.01 0.00001
0.0001
0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds)
10
100
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
30CPU04PBF
Bulletin PD-20674 04/04
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
25
RMS Limit
170 160 150
Square wave (D = 0.50) Rated Vr applied
20 15 10 5 0
D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC
DC
140
see note (3)
130 0 5 10 15 20 25
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
0
5
10
15
20
25
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
100 90 80 70 60 50 40 30 20 10 100
di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt
Vr = 200V Tj = 125C Tj = 25C
1000
If = 30A If = 16A If = 8A
Qrr ( nC )
trr ( ns )
100
If = 30A If = 16A If = 8A
Vr = 200V Tj = 125C Tj = 25C
1000
10 100
di F /dt (A/s )
1000
Fig. 8 - Typical Stored Charge vs. di F /dt
(3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = V R1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
30CPU04PBF
Bulletin PD-20674 04/04
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
di F /dt dif/dt ADJUST
D G IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
/dt di fF/dt
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
30CPU04PBF
Bulletin PD-20674 04/04
Outline Table
15.90 (0.626) 15.30 (0.602) 5.70 (0.225) 5.30 (0.208) 20.30 (0.800) 19.70 (0.775) 5.50 (0.217) 4.50 (0.177) (2 PLCS.)
1 3 2
3.65 (0.144) 3.55 (0.139) DIA.
5.30 (0.209) 4.70 (0.185) 2.5 (0.098) 1.5 (0.059)
Base Common Cathode
2
1 14.80 (0.583) 14.20 (0.559)
2
3
Anode
Anode
2
4.30 (0.170) 3.70 (0.145) 2.20 (0.087) MAX. 3.20 (0.126) MAX. 0.80 (0.032) 0.40 (0.213) 2.40 (0.095) MAX.
1
Common Cathode
1.40 (0.056) 1.00 (0.039) 5.47 (0.216) 5.43 (0.213)
Conforms to JEDEC Outline TO-247AC Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A 30CPU04 WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN THE ASSEMBLY LINE "H"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER 30CPU04
P035H 56 57
6
www.irf.com
30CPU04PBF
Bulletin PD-20674 04/04
Ordering Information Table
Device Code
30
1
C
2
P
3
U
4
04
5
PbF
6
1 2 3 4 5 6
-
Current Rating Common Cathode TO-247AC Ultrafast Recovery Voltage Rating Lead-Free
(30 = 30A)
(04 = 400V)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 04/04
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 30CPU04PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X